Part Number Hot Search : 
B40C2300 IRFI510A 1E106 2SC3997 ACM90V GRM31C C1003 AP9585M
Product Description
Full Text Search
 

To Download 6200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   power entry modules without line filter 6200 www.schurter.com/pg0 5 connectors iec appliance inlet c14 with fuseholder 1-pole types 6200, 6205 1-pole type 6202: for protection class ii types 6200, 6205 1-pole c14 70 c description - panel mount: screw-on version from front or rear side, snap-in version from front side - 2 functions: appliance inlet protection class i, fuseholder for fuse-links 5 x 20 mm 1-pole - solder terminals or quick connect terminals - alternative: version with line filter 520 0 - alternative: fuseholder 2-pole 622 0 approvals - vde license number: 40011091 - ul license number: e93617 - csa license number: 38456 characteristics - all single elements are already wired - plug removal necessary for fuse-link replacement the fuseholder is accessible from the equipment front with spare fuse compartment - qualified for use in equipment according iec/en 60950 other versions on request - types for rivet mounting available upon request references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , e-stor e , distributor-stock-chec k , accessorie s technical data ratings iec 10 a / 250 vac; 50 hz ratings ul/csa 10 a / 250 vac; 60 hz dielectric strength > 2 kvac between l-n > 2 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 40 acc. to iec 60529 protection class suitable for appliances with protection class 1 acc. to iec 61140 terminal solder terminals or quick connect termi - nals , tin-plated panel thickness s screw: max 6 mm mounting screw torque max 0.5 nm snap-in: 1/1.5/2/2.5/3 mm material: housing thermoplastic, black, ul 94v-0 appliance inlet c14 acc. to iec/en 60320-1, ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 10 a, protection class 1 fuseholder 1-pole, shocksafe category pc2 acc. to iec 60127-6, for fuse-links 5 x 20 mm rated power acceptance @ ta 23 c 5 x 20: 2 w (1 pole) power acceptance @ ta > 23c admissible power acceptance at hig - her ambient temperature see derating curves dimensions 44 mm screw-on mounting types 6200/05 max. r3 m3 31.5 27.5 36 0.1 +0.2 0 +0.2 0 3.5 2.5 44 36 e 5 34 6.3x90 e: solder terminals 20.5 mm e: quick connect terminals 23.5 mm snap-in mounting types 6200/05 max. r3 31.5 27.5 0.1 +0.2 0 +0.2 0 s 30 e 3 34 e: solder terminals 22.5 mm e: quick-connect terminals 25.5 mm s: 1.0/1.5/2.0/2.5/3.0 mm
2 power entry modules without line filter 6200 www.schurter.com/pg0 5 connectors diagrams 6200/05 n e l l derating curves 1-pole admissible power acceptance in watt 0 2 0 4 0 6 0 8 0 100 i = < < i n i = 0.7 i n i = 1.0 i n 2.0 1.5 1.0 0.5 0.0 ambient air temperature ta c 2-pole admissible power acceptance in watt per pole 0 2 0 4 0 6 0 8 0 100 0.2 0.0 i = < < i n i = 0.7 i n i = 1.0 i n 1.6 0.6 0.4 0.8 1.2 1.0 1.4 ambient air temperature ta c variants socket and fuse-carrier included protection class panel mounting panel thickness s [mm] fuseholder terminal internally wired order number 1 screw - 1-pole quick connect terminals 4.8 x 0.8 mm 6200.2200 1 screw - 1-pole quick connect terminals 6.3 x 0.8 mm 6200.2300 1 screw - 1-pole solder terminals 3.8 x 0.8 mm 6200.2100 1 snap-in 1 1-pole quick connect terminals 4.8 x 0.8 mm 6200.4210 1 snap-in 1.5 1-pole quick connect terminals 4.8 x 0.8 mm 6200.4215 1 snap-in 2 1-pole quick connect terminals 4.8 x 0.8 mm 6200.4220 1 snap-in 2.5 1-pole quick connect terminals 4.8 x 0.8 mm 6200.4225 1 snap-in 3 1-pole quick connect terminals 4.8 x 0.8 mm 6200.4230 1 snap-in 1 1-pole quick connect terminals 6.3 x 0.8 mm 6200.4310 1 snap-in 1.5 1-pole quick connect terminals 6.3 x 0.8 mm 6200.4315 1 snap-in 2 1-pole quick connect terminals 6.3 x 0.8 mm 6200.4320 1 snap-in 2.5 1-pole quick connect terminals 6.3 x 0.8 mm 6200.4325 1 snap-in 3 1-pole quick connect terminals 6.3 x 0.8 mm 6200.4330 1 snap-in 1 1-pole solder terminals 3.8 x 0.8 mm 6200.4110 1 snap-in 1.5 1-pole solder terminals 3.8 x 0.8 mm 6200.4115 1 snap-in 2 1-pole solder terminals 3.8 x 0.8 mm 6200.4120 1 snap-in 2.5 1-pole solder terminals 3.8 x 0.8 mm 6200.4125 1 snap-in 3 1-pole solder terminals 3.8 x 0.8 mm 6200.4130 packaging unit 50 pcs
 power entry modules without line filter 6200 www.schurter.com/pg0 5 connectors accessorie s description assorted cover s rear cover 0859.0047 4311.9403 cord retaining kit s cord retaining strain relief flat head, a 4700.0001 countersunk, b 4700.0002 mating outlets/connector s category / description appliance outlet overview complet e iec appliance outlet f, screw-on mounting, front side, solder or quick-connect terminal 478 7 iec appliance outlet f, snap-in mounting, front side, solder or quick-connect terminal 478 8 iec appliance outlet f or h, screw-on mounting, front side, solder, pcb or quick-connect terminal 509 1 iec appliance outlet f or h, screw-on mounting, front side, solder or quick-connect terminal 509 2 appliance outlet further types to 620 0 connector overview complet e iec connector c15, rewireable, straight 010 1 iec connector c15a, rewireable, straight 010 2 iec connector c15a, rewireable, straight 0102- g iec connector c15a, rewireable, angled 011 2 iec connector c13, rewireable, angled 401 2 connector further types to 620 0 ... power cord overview complet e power cord with iec connector c13, angled 031 1 power cord with iec connector c13, angled 301 1 power cord with iec connector c13, angled 301 2 power cord with iec connector c13, angled 301 3 power cord with iec connector c13 302 0 power cord further types to 620 0 ... the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 6200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X