Part Number Hot Search : 
ICS95 P30CA LVC1G32 N10NG 1921X251 MC4053 SD335 15KE22CA
Product Description
Full Text Search
 

To Download 1884649 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  phoenix contact deutschland gmbh page 1 / 5 http://www.phoenixcontact.de mar 11, 2010 extract from the online catalog ? vc-memv-s1 order no.: 1884649 the illustration shows versions, powder-coated and emc-coated box mounting base http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1884649 ? ? box mounting base, made of metal, emc-coated type 1, number of modules 2, cable screw connection pg16 ? commercial data ean 4017918164676 pack 5 pcs. customs tariff 85369010 weight/piece 0.37032 kg catalog page information page 371 (pc-2009) product notes weee/rohs-compliant since: 11/08/2006 http:// www.download.phoenixcontact.com please note that the data given here has been taken from the online catalog. for comprehensive information and data, please refer to the user documentation. the general terms and conditions of use apply to internet downloads. technical data general characteristics note when using fiber optics, the bending radii of the cable manufacturers must be observed. design vc1 degree of protection ip65/ip66/ip67 type of the screw connection pg16 pg screw connection none
vc-memv-s1 order no.: 1884649 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1884649 phoenix contact deutschland gmbh page 2 / 5 http://www.phoenixcontact.de mar 11, 2010 height 49 mm number of module slots 2 housing material zinc die-cast housing surface material nickel-plated seal material epdm, conductive ambient temperature (operation) -40 c ... 125 c certificates / approvals certification gost accessories item designation description general 1885460 vc-m-kv-pg16 1x3/1x9 multiple screw connection pg16, made of metal, consisting of rubber seal with several holes (1 x 3 mm/1 x 9 mm) and a pressure screw, for cable screw connection thread vc-m-kv- pg16..... 1885499 vc-m-kv-pg16 1x3/2x8 multiple screw connection pg16, made of metal, consisting of rubber seal with several holes (1 x 3 mm/2 x 8 mm) and a pressure screw, for cable screw connection support vc-m-kv- pg16..... 1885509 vc-m-kv-pg16 1x5/2x6 multiple screw connection pg16, made of metal, consisting of rubber seal with several holes (1 x 5 mm/2 x 6 mm) and a pressure screw, for cable screw connection support vc-m-kv- pg16..... 1885473 vc-m-kv-pg16 1x6/1x8 multiple screw connection pg16, made of metal, consisting of rubber seal with several holes (1 x 6 mm/1 x 8 mm) and a pressure screw, for cable screw connection support vc-m-kv- pg16..... 1885473 vc-m-kv-pg16 1x6/1x8 multiple screw connection pg16, made of metal, consisting of rubber seal with several holes (1 x 6 mm/1 x 8 mm) and a pressure screw, for cable screw connection support vc-m-kv- pg16..... 1885512 vc-m-kv-pg16 2x6/1x7 multiple screw connection pg16, made of metal, consisting of rubber seal with several holes (2 x 6 mm/1 x 7 mm) and a pressure screw, for cable screw connection support vc-m-kv- pg16.....
vc-memv-s1 order no.: 1884649 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1884649 phoenix contact deutschland gmbh page 3 / 5 http://www.phoenixcontact.de mar 11, 2010 1885525 vc-m-kv-pg16 3x7 multiple screw connection pg16, made of metal, consisting of rubber seal with several holes (3 x 7 mm) and a pressure screw, for cable screw connection support vc-m-kv-pg16..... 1853942 vc-m-kv-pg16( 4- 6,5) half screw connection pg16, made of metal, consisting of rubber seal with one hole and one pressure screw, for type 1 housings, cable [mm] 4 - 6.5 1853955 vc-m-kv-pg16( 5- 8) half screw connection pg16, made of metal, consisting of rubber seal with one hole and one pressure screw, for type 1 housings, cable [mm] 5 - 8 1853968 vc-m-kv-pg16( 6,5- 9,5) half screw connection pg16, made of metal, consisting of rubber seal with one hole and one pressure screw, for type 1 housings, cable [mm] 6.5 - 9.5 1853971 vc-m-kv-pg16( 7-10,5) half screw connection pg16, made of metal, consisting of rubber seal with one hole and one pressure screw, for type 1 housings, cable [mm] 7 - 10.5 1853984 vc-m-kv-pg16( 9-13) half screw connection pg16, made of metal, consisting of rubber seal with one hole and one pressure screw, for type 1 housings, cable [mm] 9 - 13 1854857 vc-m-kv-pg16(11,5-15,5) half screw connection pg16, made of metal, consisting of rubber seal with one hole and one pressure screw, for type 1 housings, cable [mm] 11.5 - 15.5 1854857 vc-m-kv-pg16(11,5-15,5) half screw connection pg16, made of metal, consisting of rubber seal with one hole and one pressure screw, for type 1 housings, cable [mm] 11.5 - 15.5
vc-memv-s1 order no.: 1884649 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1884649 phoenix contact deutschland gmbh page 4 / 5 http://www.phoenixcontact.de mar 11, 2010 diagrams/drawings dimensioned drawing
vc-memv-s1 order no.: 1884649 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1884649 phoenix contact deutschland gmbh page 5 / 5 http://www.phoenixcontact.de mar 11, 2010 address phoenix contact deutschland gmbh flachsmarktstr. 8 32825 blomberg,germany phone +49 5235 3 12000 fax +49 5235 3 41200 http://www.phoenixcontact.de ? 2010 phoenix contact technical modifications reserved;


▲Up To Search▲   

 
Price & Availability of 1884649

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X