Part Number Hot Search : 
JANTX2N 09081 ZT5088 HZS11A1 XR2100 FM203 BR206 AN8014S
Product Description
Full Text Search
 

To Download 0850010452 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/17/2010 please check www.molex.com for latest part information part number: 0850010452 status: active overview: din_41612 description: 2.54mm (.100") pitch din 41612 b style male header, pct, right angle, through hole, 0.60m (24") selective gold (au) plating, 64 circuits, with mounting clips, no flux proof documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-85003-0001 (pdf) agency certification csa lr19980 ul e29179 general product family backplane connectors series 85001 application backplane comments with mounting clips. no flux proof component type pcb header overview din_41612 product name iec 603-2/din 41612 style b physical circuits (loaded) 64 circuits (maximum) 64 circuits detail contact positions: a1-a32; b1-b32 color - resin natural durability (mating cycles max) 400 first mate / last break yes flammability 94v-0 guide to mating part no keying to mating part yes material - metal brass material - plating mating gold material - plating termination tin material - resin polyester number of columns 16 number of pairs open pin field number of rows 2 orientation right angle pc tail length (in) 0.154 in pc tail length (mm) 3.90 mm pcb locator no pcb retention yes packaging type carton pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 24 plating min: mating (m) 0.60 plating min: termination (in) 98 plating min: termination (m) 2.5 eu rohs china rohs compliance status not reviewed reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 85001 series
polarized to pcb yes stackable no surface mount compatible (smc) no temperature range - operating -55c to +125c termination interface: style through hole electrical current - maximum per contact 1a data rate 622.0 mbps voltage - maximum 250v ac (rms) material info reference - drawing numbers packaging specification pk-36507-001 product specification ps-85003-0001 sales drawing sda-85001-0001, sda-85001-0452 this document was generated on 05/17/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0850010452

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X