Part Number Hot Search : 
74HC1 MAX168 SM25GZ51 EVH12390 ST21NFC SP481EC IRG4PC Z5250
Product Description
Full Text Search
 

To Download 0850010256 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/17/2010 please check www.molex.com for latest part information part number: 0850010256 status: active overview: din_41612 description: 2.54mm (.100") pitch din 41612 header, style b, right angle, through hole, 1m (40") selective gold (au), 64 circuits documents: 3d model product specification ps-85003-0001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family backplane connectors series 85001 application daughtercard component type pcb header overview din_41612 product name iec 603-2/din 41612 style b physical circuits (loaded) 64 circuits (maximum) 64 durability (mating cycles max) 500 first mate / last break no flammability 94v-0 guide to mating part no keying to mating part yes number of columns 16 number of pairs open pin field number of rows 2 orientation right angle pc tail length (in) 0.118 in pc tail length (mm) 3.00 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm temperature range - operating -55c to +125c termination interface: style through hole electrical current - maximum per contact 1.5a data rate 622.0 mbps voltage - maximum 250v ac (rms) material info reference - drawing numbers series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 85001 series mates with din 41612 receptacle 85040 , 85050
product specification ps-85003-0001 sales drawing sda-85001-0001, sda-85001-0256 this document was generated on 05/17/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0850010256

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X