this document was generated on 05/24/2010 please check www.molex.com for latest part information part number: 0452800653 status: active overview: microfit_30 description: 3.00mm (.118") pitch micro-fit 3.0 bmi cpi? compliant pin header, blind mate interface, dual row, vertical, 6 circuits, pa polyamide nylon 4/6, ul 94v-0, 0.76m (30") gold (au) selective contact plating, tin (sn) tail plating documents: 3d model product specification ps-44300-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 tuv r72081037 ul e29179 general product family pcb headers series 45280 application board-to-board, wire-to-board application tooling part link 622008400 overview microfit_30 product literature order no usa-106 product name micro-fit 3.0 bmi cpi? physical breakaway no circuits (loaded) 6 circuits (maximum) 6 color - resin black durability (mating cycles max) 30 flammability 94v-0 glow-wire compliant no guide to mating part yes lock to mating part none material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pc tail length (in) 0.189 in pc tail length (mm) 4.80 mm pcb locator yes pcb retention yes packaging type tray pitch - mating interface (in) 0.118 in pitch - mating interface (mm) 3.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to mating part yes polarized to pcb yes shrouded fully stackable no series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 45280 series mates with 44133-0600 panel mount receptacle, 44769-0603 vertical receptacle header, 44764-0603 right angle receptacle header application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # micro-fit? compliant pin insertion flat rock tool 0622008400
surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole - compliant pin electrical current - maximum per contact 5a voltage - maximum 250v material info reference - drawing numbers packaging specification pk-45280-002 product specification ps-44300-001, rps-44300-001 sales drawing sd-45280-002 test summary ts-45280-001 this document was generated on 05/24/2010 please check www.molex.com for latest part information
|