Part Number Hot Search : 
48S3V 215DH HFFXXX 6C110 TPQ6100 9M000 FSM152 TDA1556Q
Product Description
Full Text Search
 

To Download 0452800402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/24/2010 please check www.molex.com for latest part information part number: 0452800402 status: active overview: microfit_30 description: 3.00mm (.118") pitch micro-fit 3.0 bmi cpi? compliant pin header, blind mate interface, dual row, vertical, 4 circuits, pa polyamide nylon 4/6, ul 94v-0, 0.38m (15") gold (au) selective contact plating, tin/lead (sn/pb) tail plating documents: 3d model product specification ps-44300-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 tuv r72081037 ul e29179 general product family pcb headers series 45280 application board-to-board, wire-to-board application tooling part link 622008400 overview microfit_30 product literature order no usa-106 product name micro-fit 3.0 bmi cpi? physical breakaway no circuits (loaded) 4 circuits (maximum) 4 color - resin black durability (mating cycles max) 30 flammability 94v-0 glow-wire compliant no guide to mating part yes lock to mating part none material - metal high performance alloy (hpa) material - plating mating gold material - plating termination 90/10 tin lead material - resin high temperature thermoplastic number of rows 2 orientation vertical pc tail length (in) 0.189 in pc tail length (mm) 4.80 mm pcb locator yes pcb retention yes packaging type tray pitch - mating interface (in) 0.118 in pitch - mating interface (mm) 3.00 mm plating min: mating (in) 15 plating min: mating (m) 0.375 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to mating part yes polarized to pcb yes shrouded fully stackable no series image - reference only eu rohs china rohs rohs compliant by exemption reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 45280 series mates with 44133-0400 panel mount receptacle, 44769-0402 vertical receptacle header, 44764-0402 right angle receptacle header application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # micro-fit? compliant pin insertion flat rock tool 0622008400
surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole - compliant pin electrical current - maximum per contact 5a voltage - maximum 250v solder process data replacement rohs compliant part number 0452800452 material info reference - drawing numbers packaging specification pk-45280-002 product specification ps-44300-001, rps-44300-001 sales drawing sd-45280-001 test summary ts-45280-001 this document was generated on 05/24/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0452800402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X