Part Number Hot Search : 
MC9S1 4DFT2 1N941 SRB1660C 22500 S0324 LM334S8 AD8560
Product Description
Full Text Search
 

To Download VSMG2020X01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 85194 for technical questions, contact: emittertechsupport@vishay.com www.vishay.com rev. 1.0, 28-jan-10 1 high speed infrared emitti ng diodes, 850 nm, gaalas, dh vsmg2000x01, VSMG2020X01 vishay semiconductors description vsmg2000x01 series are infrared, 850 nm emitting diodes in gaalas (dh) technology with high radiant power and high speed, molded in clear, untinted plastic packages (with lens) for surface mounting (smd). features ? package type: surface mount ? package form: gw, rgw ? dimensions (l x w x h in mm): 2.3 x 2.3 x 2.8 ? aec-q101 qualified ? peak wavelength: p = 850 nm ? high reliability ? high radiant power ? high radiant intensity ? angle of half intensity: ? = 12 ? low forward voltage ? suitable for high pulse current operation ? terminal configurations: gullwing or reserve gullwing ? package matches with detector vemd2000x01 series ? floor life: 4 weeks, msl 2a, acc. j-std-020 ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec ? halogen-free according to iec 61249-2-21 definition ? find out more about vishay?s automotive grade product requirements at: www.vishay.com/applications applications ? irda compatible data transmission ? ir-illumination (cctv) ? miniature light barrier ? photointerrupters ? optical switch ? shaft encoders ? ir emitter source for proximity applications note test conditions see table ?basic characteristics? note moq: minimum order quantity v smg2000x01 v smg2020x01 21725-2 product summary component i e (mw/sr) ? (deg) p (nm) t r (ns) vsmg2000x01 40 12 850 20 VSMG2020X01 40 12 850 20 ordering information ordering code packaging remarks package form vsmg2000x01 tape and reel moq: 6000 pcs, 6000 pcs/reel reverse gullwing VSMG2020X01 tape and reel moq: 6000 pcs, 6000 pcs/reel gullwing absolute maximum ratings parameter test condition symbol value unit reverse voltage v r 5v forward current i f 100 ma
www.vishay.com for technical questions, contact: emittertechsupport@vishay.com document number: 85194 2 rev. 1.0, 28-jan-10 vsmg2000x01, VSMG2020X01 vishay semiconductors high speed infrared emitting diodes, 850 nm, gaalas, dh note t amb = 25 c, unless otherwise specified fig. 1 - power dissipation limit vs. ambient temperatur e fig. 2 - forward current limit vs. ambient temperature note t amb = 25 c, unless otherwise specified peak forward current t p /t = 0.5, t p = 100 s i fm 200 ma surge forward current t p = 100 s i fsm 1a power dissipation p v 170 mw junction temperature t j 100 c operating temperature range t amb - 40 to + 85 c storage temperature range t stg - 40 to + 100 c soldering temperature acc. figure 9, j-std-020 t sd 260 c thermal resistance junction/ambient j-std-051, leads 7 mm, soldered on pcb r thja 250 k/w absolute maximum ratings parameter test condition symbol value unit 0 20 40 60 8 0 100 120 140 160 1 8 0 010203040506070 8 0 90 100 21341 t am b - am b ient temperat u re (c) p v - po w er dissipation (m w ) r thja = 250 k/ w 0 20 40 60 8 0 100 120 0 10 203040 506070 8 0 90 100 21342 r thja = 250 k/ w t am b - am b ient temperat u re (c) i f - for w ard c u rrent (ma) basic characteristics parameter test condition symbol min. typ. max. unit forward voltage i f = 100 ma, t p = 20 ms v f 1.25 1.45 1.7 v i f = 1 a, t p = 100 s v f 2.3 v temperature coefficient of v f i f = 1 ma tk vf - 1.8 mv/k i f = 100 ma tk vf - 1.1 mv/k reverse current v r = 5 v i r 10 a junction capacitance v r = 0 v, f = 1 mhz, e = 0 mw/cm 2 c j 125 pf radiant intensity i f = 100 ma, t p = 20 ms i e 20 40 60 mw/sr i f = 1 a, t p = 100 s i e 350 mw/sr radiant power i f = 100 ma, t p = 20 ms e 40 mw temperature coefficient of e i f = 100 ma tk e - 0.35 %/k angle of half intensity ? 12 deg peak wavelength i f = 30 ma p 830 850 870 nm spectral bandwidth i f = 30 ma ? 35 nm temperature coefficient of p i f = 30 ma tk p 0.25 nm/k rise time i f = 100 ma, 20 % to 80 % t r 20 ns fall time i f = 100 ma, 20 % to 80 % t f 20 ns cut-off frequency i dc = 70 ma, i ac = 30 ma pp f c 23 mhz virtual source diameter d 1.5 mm
document number: 85194 for technical questions, contact: emittertechsupport@vishay.com www.vishay.com rev. 1.0, 28-jan-10 3 vsmg2000x01, VSMG2020X01 high speed infrared emitting diodes, 850 nm, gaalas, dh vishay semiconductors basic characteristics t amb = 25 c, unless otherwise specified fig. 3 - forward current vs. forward voltage fig. 4 - relative forward voltage vs. ambient temperature fig. 5 - radiant intensity vs. forward current fig. 6 - relative radiant power vs. wavelength fig. 7 - relative radiant intensity vs. angular displacement 1 88 73_1 i f - for w ard c u rrent (ma) 1000 100 10 1 v f - for w ard v oltage ( v ) 024 13 t p = 100 s t p /t = 0.001 90 92 94 96 9 8 100 102 104 106 10 8 110 - 40 - 20 0 20 40 60 8 0 100 t am b - am b ient temperat u re (c) v f, rel - relati v e for w ard v oltage ( % ) i f = 100 ma i f = 10 ma i f = 1 ma 21443 t p = 20 ms 1 10 100 1000 10 100 1000 t p = 100 s t p /t= 0.001 214 8 7 i f - for w ard c u rrent (ma) i e - radiant intensity (m w /sr) 8 00 8 50 ? - w a v elength (nm) 900 16972 0 0.25 0.5 0.75 1.0 1.25 e, rel - relati v e radiant po w er 0.4 0.2 0 i e rel - relati v e radiant intensity 21550 0.6 0.9 0. 8 0 30 10 20 40 50 60 70 8 0 0.7 1.0 ? - ang u lar displacement
www.vishay.com for technical questions, contact: emittertechsupport@vishay.com document number: 85194 4 rev. 1.0, 28-jan-10 vsmg2000x01, VSMG2020X01 vishay semiconductors high speed infrared emitting diodes, 850 nm, gaalas, dh solder profile fig. 8 - lead (pb)-free reflow solder profile acc. j-std-020 drypack devices are packed in moisture barrier bags (mbb) to prevent the products from moisture absorption during transportation and storage. ea ch bag contains a desiccant. floor life floor life (time between soldering and removing from mbb) must not exceed the time indicated on mbb label: floor life: 4 weeks conditions: t amb < 30 c, rh < 60 % moisture sensitivity leve l 2a, acc. to j-std-020. drying in case of moisture absorpt ion devices should be baked before soldering. conditions see j-std-020 or label. devices taped on reel dry using recommended conditions 192 h at 40 c (+ 5 c), rh < 5 %. package dimensions in millimeters: vsmg2000 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (s) temperat u re (c) 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 30 s max. ramp u p 3 c/s max. ramp do w n 6 c/s 19 8 41 255 c 2.2 5. 8 0.2 2.77 0.2 2.3 0.2 cathode 0.5 0.05 0.1 0.254 1.1 0.1 anode 0.4 2.2 0.19 0.3 1.6 0.4 ? 1. 8 0.1 2.3 0.2 specifications according to di n technical dra w ings n ot indicated tolerances 0.1 dra w ing- n o.: 6.544-5391.02-4 iss u e: 1; 26.09.0 8 exposed copper 0.75 6.7 1.7 ? 2.3 0.1 solder pad proposal acc. ipc 7351 21517 z z 20:1 pin id
document number: 85194 for technical questions, contact: emittertechsupport@vishay.com www.vishay.com rev. 1.0, 28-jan-10 5 vsmg2000x01, VSMG2020X01 high speed infrared emitting diodes, 850 nm, gaalas, dh vishay semiconductors package dimensions in millimeters: vsmg2020 2.2 4.2 0.2 2.77 0.2 0.05 0.254 0.6 2.2 0.19 0.3 1.6 0.4 ? 1. 8 specifications according to di n technical dra w ings n ot indicated tolerances 0.1 dra w ing- n o.: 6.544-53 8 3.02-4 iss u e: 3; 26.09.0 8 exposed copper 0.75 2.45 5.15 solder pad proposal acc. ipc 7351 214 88 x x 20:1 cathode anode 0.4 2.3 0.2 2.3 0.2 0.5 pin id
www.vishay.com for technical questions, contact: emittertechsupport@vishay.com document number: 85194 6 rev. 1.0, 28-jan-10 vsmg2000x01, VSMG2020X01 vishay semiconductors high speed infrared emitting diodes, 850 nm, gaalas, dh taping and reel dimensions in millimeters : vsmg2000 iss u e: x; 29.04.09 dra w ing- n o.: 9. 8 00-5100.01-4 leader and trailer tape: parts mo u nted empty (400 mm min.) empty (160 mm min.) direction of p u lling o u t unreel direction ? 62 0.5 ? 330 1 reel 2 . 5 0.5 la b el posted here coming o u t from reel tape position x ? 1 3 0.5 12.4 1.5 x 2:1 i ii 6000 pcs/reel 12 0.3 5.5 0.05 1.75 0.1 2 0.05 4 0 . 1 4 0.1 ? 1.55 0.05 3.05 0.1 21572 technical dra w ings according to di n specifications terminal position in tape de v ice lead i lead ii v emd2000 v smb2000 cathode anode v emt2000 v emt2500 collector emitter
document number: 85194 for technical questions, contact: emittertechsupport@vishay.com www.vishay.com rev. 1.0, 28-jan-10 7 vsmg2000x01, VSMG2020X01 high speed infrared emitting diodes, 850 nm, gaalas, dh vishay semiconductors taping and reel dimensions in millimeters : vsmg2020 dra w ing- n o.: 9. 8 00-5091.01-4 leader and trailer tape: parts mo u nted empty (400 mm min.) empty (160 mm min.) direction of p u lling o u t unreel direction ? 62 0.5 ? 330 1 reel 2 . 5 0.5 la b el posted here coming o u t from reel tape position x ? 13 0.5 12.4 1.5 x 2:1 i ii 6000 pcs/reel 12 0.3 5.5 0.05 1.75 0.1 2 0.05 4 0.1 4 0.1 ? 1.55 0.05 3.05 0.1 terminal position in tape 21571 technical dra w ings according to di n specifications iss u e: x; 29.04.09 de v ice lead i lead ii v smb2020 v emd2020 cathode anode v emt2020 v emt2520 collector emitter
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of VSMG2020X01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X