Part Number Hot Search : 
TF321M 00101 2CC450 BR106 B2300 PF6806D 79L15ACZ EN8966
Product Description
Full Text Search
 

To Download USB-2-X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i n t e r f a c e s b u s i n t e r f a c e c o n v e r t e r s i n f o m a in ch a r ac t er is t ic s www.trinamic.com C for detailed information and datasheets 1 0 m m o r d e r c o d e d e s c r i p t i o n tmc USB-2-X v2 usb interface converter (with usb cable) the engineers ?swiss army knife for serial bus systems the USB-2-X device is an interface converter that is equipped with a can interface, an iic interface, a lin interface, an spi interface and an rs-485 interface. it is connected to the pc via an usb interface. the USB-2-X device is mainly designed for use with some of the trinamic evaluation kits, but it can also be used in any other purpose where a connection between a pc and a can interface, an iic interface, a lin interface, an spi interface or an rs485 interface is needed. the software sup - plied with this product can be used with every version of the windows operating system that supports usb (windows 98, windows me, windows 2000, windows xp). the USB-2-X device can be connected to usb 1.1 or usb 2.0 hosts and supports the full bitrate of 12mbit/s. it is fully powered by the bus, so no extra power supply is needed. u s b - 2 -x u s b t o c a n , i i c , r s 4 8 5 , s p i , l i n i n t e r f a c e c o n v e r t e r u s b host interface connection to usb 1.1 or usb 2.0 hosts possible (a cable is included) usb full speed device (12mbit/s) bus powered (no extra power supply needed) c a n can 2.0a and 2.0b compatible standard (11 bit) and extended (29 bit) identifier possible transceiver: iso 11898 compatible maximum bit rate: 1mbit/s 120 ohms termination resistor can be activated with a jumper l i n compatible with lin specification rev 1.3 up to 20kbit/s industry standard transceiver i 2 c single master up to 400kbit/s 7-bit addressing r s - 4 8 5 half duplex communication mode industry standard 75176 transceiver 2400, 9600 and 19200 bps supported s pi master functionality user defined bit rate up to 3.7mbit/s ro h s compliant ? ? ? ? ? ? ? usb2x can spi rs - 485 usb iic lin 63


▲Up To Search▲   

 
Price & Availability of USB-2-X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X