Part Number Hot Search : 
C67078 REEL1 B1608 B1608 B1608 2SC4484R 89E58AE XHXXXX
Product Description
Full Text Search
 

To Download TE75A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  topstek current transducers te50a .. te600a - 24 - www.topstek.com te v080201 7/1/2008 te 50a~600a features  highly reliable hall effect device  compact and light weight  fast response time  excellent linearity of the output voltage over a wide input range  excellent frequency response (> 50 khz)  low power consumption (12 ma nominal)  capable of measuring both dc and ac, both pulsed and mixed  high isolation voltage between the measuring circuit and the current-carrying conductor (ac2.5kv)  extended operating temperature range  flame-retardant plastic case and silicone encapsulate, using ul classified materials, ensures protection against environmental contaminants and vibration over a wide temperature and humidity range applications  ups systems  industrial robots  nc tooling machines  elevator controllers  process control devices  ac and dc servo systems  motor speed controller  electrical vehicle controllers  inverter-controlled welding machines  general and special purpose inverters  power supply for laser processing machines  controller for traction equipment e.g. electric trains  other automatic control systems specifications parameter symbol unit te 50a te 75a te 100a te 125a te 150a te 175a te 200a te 250a te 300a te 400a te 600a nominal input current i fn a dc 50 75 100 125 150 175 200 250 300 400 600 linear range i fs a dc 150 225 300 375 450 525 600 750 900 1000 1000 nominal output voltage v hn v 4 v1% at if=i fn ( r l =10k) offset voltage v os mv within 35 mv @ i f =0, t a =25c output resistance r out <100 hysteresis error v oh mv within 15 mv @ i f =i fn 0 supply voltage v cc /v ee v 15v 5% linearity % within 1% of i fn consumption current i cc ma 12 ma nominal, 15 ma max response time (90%v hn ) t r  sec 7  sec max. @ d i f / dt = i fn /  sec frequency bandwidth (-3db) f bw hz dc to 50khz thermal drift of output - %/c within 0.05 %/c @ i fn thermal drift of zero current offset - mv/c within 1.0 mv/c @ i fn dielectric strength - v ac2.5kv x 60 sec isolation resistance @ 1000 vdc r is m >1000 m operating temperature t a c -15c to 80c storage temperature t s c -20c to 85c mass w g 50g
topstek current transducers te50a .. te600a - 25 - www.topstek.com te v080201 7/1/2008 pin assignment 0v v out -15v +15v        [     offset gain  mounting post        max  s   s  positive current flow direction    te150a 05042    5   appearance, dimensions and pin identification all dimensions in mm 0.1, holes C0, +0.2 except otherwise noted.


▲Up To Search▲   

 
Price & Availability of TE75A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X