Part Number Hot Search : 
PLB2800 78R05 C4288A 4740A FS10K K3500GB 5RUT8C1A 4TPG220M
Product Description
Full Text Search
 

To Download TC20-11SRWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsaa4066 rev no: v.11 date: may/24/2007 page: 1 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1332000597 50mm (2.0 inch) 5x7 dot matrix display part number: TC20-11SRWA super bright red features z 2.0 inch matrix height. z dot size 5mm. z low current operation. z high contrast and light output. z compatible with ascii and ebcdic codes. z stackable horizontally. z easy mounting on p.c. boards or sockets. z categorized for luminous intensity. z mechanically rugged. z standard : gray face, white dot. z rohs compliant. description the super bright red source color devices are made with gallium aluminum arsenide red light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subject to change without notice.
spec no: dsaa4066 rev no: v.11 date: may/24/2007 page: 2 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1332000597 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. TC20-11SRWA super bright red (gaalas) white diffused 8000 26000 column cathode description symbol parameter device typ. max. units test conditions peak peak wavelength super bright red 660 nm i f =20ma d [1] dominant wavelength super bright red 640 nm i f =20ma ? 1/2 spectral line half-width super bright red 20 nm i f =20ma c capacitance super bright red 45 pf v f =0v;f=1mhz v f [2] forward voltage super bright red 1.85 2.5 v i f =20ma i r reverse current super bright red 10 ua v r =5v parameter super bright red units power dissipation 75 mw dc forward current 30 ma peak forward current [1] 155 ma reverse voltage 5 v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsaa4066 rev no: v.11 date: may/24/2007 page: 3 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1332000597 super bright red TC20-11SRWA
spec no: dsaa4066 rev no: v.11 date: may/24/2007 page: 4 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1332000597 packing & label specifications TC20-11SRWA


▲Up To Search▲   

 
Price & Availability of TC20-11SRWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X