Part Number Hot Search : 
ISL9072 67BZI 2N7002T 2587P9 AEE02F24 LB11975 BP104S01 YPT78704
Product Description
Full Text Search
 

To Download STP45NF06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  july 2010 doc id 7433 rev 5 1/15 15 stb45nf06 STP45NF06 n-channel 60 v, 0.023 ? , 38 a to-220, d 2 pa k stripfet tm ii power mosfet features exceptional dv/dt capability standard threshold drive 100% avalanche tested applications switching application description these devices are an n-channel power mosfet realized with the latest development of stmicroelectronis unique "single feature size" strip-based process. the resulting transistors show extremely high packing density for low on- resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. figure 1. internal schematic diagram type v dss r ds(on) i d STP45NF06 60 v <0.028 ? 38 a stb45nf06 60 v <0.028 ? 38 a to-220 d 2 pak 1 2 3 1 3 table 1. device summary order code marking package packaging STP45NF06 p45nf06 to-220 tube stb45nf06 b45nf06 d 2 pak tape and reel www.st.com
contents stb45nf06, STP45NF06 2/15 doc id 7433 rev 5 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 5 packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
stb45nf06, STP45NF06 electrical ratings doc id 7433 rev 5 3/15 1 electrical ratings table 2. absolute maximum ratings symbol parameter value unit v ds drain-source voltage (v gs = 0) 60 v v gs gate-source voltage 20 v i d drain current (continuous) at t c = 25c 38 a i d drain current (continuous) at t c = 100c 26 a i dm (1) 1. pulse width limited by safe operating area. drain current (pulsed) 152 a p tot total dissipation at t c = 25c 80 w derating factor 0.53 w/c dv/dt (2) 2. i sd 38a, di/dt 300a/s, v dd v (br)dss , t j t jmax . peak diode recovery voltage slope 8 v/ns t j t stg operating junction temperature storage temperature -55 to 175 c table 3. thermal data symbol parameter value unit d 2 pak to-220 r thj-case thermal resistance junction-case max 1.87 c/w r thj-a thermal resistance junc tion-ambient max 62.5 r thj-pcb (1) 1. when mounted on 1 inch 2 fr-4 2 oz cu board. thermal resistance junction - pcb max 35 t l maximum lead temperature for soldering purpose 300 c table 4. avalanche characteristics symbol parameter value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by tj max) 19 a e as single pulse avalanche energy (starting tj=25c, id=iar, vdd=40 v) 260 mj
electrical characteristics stb45nf06, STP45NF06 4/15 doc id 7433 rev 5 2 electrical characteristics (t case =25c unless otherwise specified). table 5. on/off states symbol parameter test cond itions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250a, v gs = 0 60 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating, v ds = max rating @125c 1 10 a a i gss gate body leakage current (v ds = 0) v gs = 20v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250a 234v r ds(on) static drain-source on resistance v gs = 10v, i d = 19a 0.023 0.028 ? table 6. dynamic symbol parameter test conditions min. typ. max. unit g fs (1) 1. pulsed: pulse duration=300s, duty cycle 1.5% forward transconductance v ds > i d(on) x r ds(on)max, i d =19 a -18 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds =25v , f=1 mhz, v gs =0 - 920 225 80 pf pf pf q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 48 v, i d = 34 a v gs = 10v - 32 6.5 14.5 58 nc nc nc table 7. switching times symbol parameter test cond itions min. typ. max. unit t d(on) t r turn-on delay time rise time v dd =30 v, i d =17 a, r g =4.7 ?, v gs = 10 v (see figure 13) 12 50 ns ns t d(off) t f turn-off delay time fall time v dd =30v, i d =17 a, r g =4.7 ?, v gs =10 v (see figure 13) 30 10 ns ns
stb45nf06, STP45NF06 electrical characteristics doc id 7433 rev 5 5/15 table 8. source drain diode symbol parameter test conditions min. typ. max. unit i sd source-drain current 38 a i sdm (1) 1. pulsed: pulse duration=300s, duty cycle 1.5% source-drain current (pulsed) 152 a v sd (2) 2. pulse width limited by safe operating area. forward on voltage i sd = 38 a, v gs =0 1.5 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 34 a, di/dt = 100a/s, v dd = 10 v, tj = 150c (see figure 15) 65 150 5 ns nc a
electrical characteristics stb45nf06, STP45NF06 6/15 doc id 7433 rev 5 2.1 electrical characteri stics (curves) figure 2. safe operating area figure 3. thermal impedance figure 4. output characteristics figure 5. transfer characteristics figure 6. normalized breakdown voltage vs. temperature figure 7. static drain-source on resistance
stb45nf06, STP45NF06 electrical characteristics doc id 7433 rev 5 7/15 figure 8. gate charge vs. gate-source voltage figure 9. capacitance variations figure 10. normalized gate threshold voltage vs. temperature figure 11. normalized on resistance vs. temperature figure 12. source-drain diode forward characteristics
test circuits stb45nf06, STP45NF06 8/15 doc id 7433 rev 5 3 test circuits figure 13. switching times test circuit for resistive load figure 14. gate charge test circuit figure 15. test circuit for inductive load switching and diode recovery times figure 16. unclamped inductive load test circuit figure 17. unclamped inductive wavefo rm figure 18. switching time waveform
stb45nf06, STP45NF06 package mechanical data doc id 7433 rev 5 9/15 4 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com. ecopack is an st trademark.
package mechanical data stb45nf06, STP45NF06 10/15 doc id 7433 rev 5 dim. mm. inch min. typ max. min. typ. max. a 4.40 4.60 0.173 0.181 b 0.61 0.88 0.024 0.034 b1 1.15 1.70 0.045 0.066 c 0.49 0.70 0.019 0.027 d 15.25 15.75 0.60 0.620 e 10 10.40 0.393 0.409 e 2.40 2.70 0.094 0.106 e1 4.95 5.15 0.194 0.202 f 1.23 1.32 0.048 0.052 h1 6.20 6.60 0.244 0.256 j1 2.40 2.72 0.094 0.107 l 13 14 0.511 0.551 l1 3.50 3.93 0.137 0.154 l20 16.40 0.645 l30 28.90 1.137 ?p 3.75 3.85 0.147 0.151 q 2.65 2.95 0.104 0.116 to-220 mechanical data
stb45nf06, STP45NF06 package mechanical data doc id 7433 rev 5 11/15 to-247 mechanical data 1 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 d1 8 0.315 e 10 10.4 0.393 e1 8.5 0.334 g 4.88 5.28 0.192 0.208 l 15 15.85 0.590 0.625 l2 1.27 1.4 0.050 0.055 l3 1.4 1.75 0.055 0.068 m 2.4 3.2 0.094 0.126 r0.4 0.015 v2 0o 4o d 2 pak mechanical data 3
packaging mechanical data stb45nf06, STP45NF06 12/15 doc id 7433 rev 5 5 packaging mechanical data tape and reel shipment d 2 pak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0795 g 24.4 26.4 0.960 1.039 n 100 3.937 t 30.4 1.197 base qty bulk qty 1000 1000 reel mechanical data dim. mm inch min. max. min. max. a0 10.5 10.7 0.413 0.421 b0 15.7 15.9 0.618 0.626 d 1.5 1.6 0.059 0.063 d1 1.59 1.61 0.062 0.063 e 1.65 1.85 0.065 0.073 f 11.4 11.6 0.449 0.456 k0 4.8 5.0 0.189 0.197 p0 3.9 4.1 0.153 0.161 p1 11.9 12.1 0.468 0.476 p2 1.9 2.1 0.075 0.082 r 50 1.574 t 0.25 0.35 0.0098 0.0137 w 23.7 24.3 0.933 0.956 tape mechanical data
stb45nf06, STP45NF06 packaging mechanical data doc id 7433 rev 5 13/15 to-247 mechanical data 1 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 d1 8 0.315 e 10 10.4 0.393 e1 8.5 0.334 g 4.88 5.28 0.192 0.208 l 15 15.85 0.590 0.625 l2 1.27 1.4 0.050 0.055 l3 1.4 1.75 0.055 0.068 m 2.4 3.2 0.094 0.126 r0.4 0.015 v2 0o 4o d 2 pak mechanical data 3
revision history stb45nf06, STP45NF06 14/15 doc id 7433 rev 5 6 revision history table 9. revision history date revision changes 09-sep-2004 1 preliminary version. 04-feb-2005 2 complete version. 17-aug-2006 3 new template. no content change. 13-nov-2006 4 inserted new value. 05-jul-2010 5 updated section 2.1: electrical characteristics (curves) .
stb45nf06, STP45NF06 doc id 7433 rev 5 15/15 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2010 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STP45NF06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X