Part Number Hot Search : 
CXD8871Q 16F40 MIMH51 2SC3103 11151 BAV170W MC10E016 SI570
Product Description
Full Text Search
 

To Download SSM9435K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.siliconstandard.com 1 of 4 SSM9435K re v . 1 . 01 5/25/2004 p-channel enhancement-mode power mosfet simple d rive r equirement bv dss -30v low o n-resistance r ds(on) 50m w fast s witching i d -6a description absolute maximum ratings symbol units v ds v v gs v i d @ t a =2 5 c i d @ t a =7 0 c i dm a p d @ t a =2 5 c w/ c t stg t j symbol value unit rthj-amb thermal resistance junction-ambient 3 max. 45 c /w thermal data parameter total power dissipation 2.7 w -55 to 150 c operating junction temperature range -55 to 150 c linear derating factor 0.02 storage temperature range continuous drain current 3 -4.8 a pulsed drain current 1 -20 parameter drain-source voltage gate-source voltage continuous drain current 3 rating -30 -6 a 25 advanced power mosfets from s ilico n standard provide the designer with the best combination of fast switching, low on-resistance and cost-effectiveness. g d s d d s g sot-223
www.siliconstandard.com 2 of 4 ssm 9 435 k re v . 1 . 01 5 / 2 5 /2004 electrical characteristics @ t j =2 5 o c (unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -30 - - v d b v dss / d t j breakdown voltage temperature coefficient reference to 25 c , i d =-1ma - -0.02 - v / c r ds(on) static drain-source on-resistance 2 v gs =-10v, i d =-5.3a - - 50 m w v gs =-4.5v, i d =-4.2a - - 100 m w v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -1 - -3 v g fs forward transconductance v ds =-10v, i d =-5.3a - 10 - s i dss drain-source leakage current (t j =25 o c) v ds =-30v, v gs =0v - - -1 ua drain-source leakage current (t j =70 o c) v ds =-24v, v gs =0v - - -25 ua i gss gate-source leakage v gs =-- na q g total gate charge 2 i d =-5.3a - 9.2 16 nc q gs gate-source charge v ds =-24v - 2.8 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 5.2 - nc t d(on) turn-on delay time 2 v ds =-15v - 11 - ns t r rise time i d =-1a - 8 - ns t d(off) turn-off delay time r g =6 w , v g s =-10v - 2 5 - ns t f fall time r d =15 w -1 7- ns c iss input capacitance v gs =0v - 507 912 pf c oss output capacitance v ds =-15v - 222 - pf c rss reverse transfer capacitance f=1.0mhz - 158 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-2.3a, v gs =0v - - -1.2 v t rr reverse recovery time i s =-5.3a, v gs =0 v , - 29 - ns qrr reverse recovery charge di/dt=100a/s - 20 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse width < 300us , duty cycle < 2%. 3.surface mounted on 1 in 2 copper pad of fr4 board ; 120 c /w when mounted on min. copper pad. 25v 100
www.siliconstandard.com 3 of 4 ssm 9 435 k re v . 1 . 01 5 / 2 5 /2004 fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance vs. gate voltage fig 4. normalized on-resistance vs. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage vs. reverse diode junction temperature 0 5 10 15 20 25 30 012345 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a =25 o c -10v -8.0v -6.0v -5.0v v g =-4.0v 0 5 10 15 20 25 30 01234567 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a =150 o c -10v -8.0v -6.0v -5.0v v g =-4.0v 0.01 0.10 1.00 10.00 100.00 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c 0 1 2 3 4 -50 0 50 100 150 t j , junction temperature ( o c) v gs(th) (v) 30 40 50 60 70 80 90 100 110 345678910 11 -v gs , gate-to-source voltage (v) r ds(on) (m w ) i d =5.3a t a =25c 0.6 0.8 1.0 1.2 1.4 1.6 1.8 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) v g =10v i d =-5.3a
in formation furnished by silicon standard corporation is believed to be accurate and reliable. however, silicon standard corporation makes no guarantee or warranty, expre ss or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. silicon standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. no license is granted, whether expressly or by im plication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of silicon standard corporation or any third parties. www.siliconstandard.com 4 of 4 ssm 9 435 k re v . 1 . 01 5 / 2 5 /2004 t d(on) t r t d(off) t f v ds v gs 10% 90% q v g -4.5v q gs q gd q g charge fig 11. switching time waveform fig 12. gate charge waveform fig 7. maximum safe operating area fig 8. effective transient thermal impedanc e 0.01 0.1 1 10 100 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) t a =25 o c s in g le pulse 1s 1ms 10ms 100ms dc 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) p dm duty factor = t/t peak t j = p dm x r thja + t a t t 0.02 0.01 0.05 0.1 0.2 duty=0.5 single pulse rthja = 120c/w fig 9. gate charge characteristics fig 10. typical capacitance characteristics 0 2 4 6 8 10 12 14 024681012141618 q g , total gate charge (nc) -v gs , gate to source voltage (v) i d = -5.3a v ds = -24v 10 100 1000 10000 1 5 9 1 31 72 12 52 9 -v ds , drain-to-source voltage (v) c (pf) f=1.0mhz ciss coss crss


▲Up To Search▲   

 
Price & Availability of SSM9435K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X