Part Number Hot Search : 
MBRS1 25006 EPA3670 BL8596 HAF2017L 15TT100 P3800 CDRH5D18
Product Description
Full Text Search
 

To Download SMD0503-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features - tight tolerance / tight stability available - high reliability for low cost - low profile - 0.7mm package height - extended temperature range to -40/+125c available - excellent clock signal generatur for cpu's - qualified for quotmotive applications smd0503/2 frequency range 12.0 ~ 40.0 mhz 40.0 ~ 90.0 mhz mode of vibration at-fundamental 3rd overtone resonance resistance 80 ~ 40 max. 60 max. frequency tolerance at 25c temperature range +-3 ppm +-5 ppm +-10 ppm temperature +-15 ppm stability +-20 ppm +-30 ppm +-50 ppm load capacitance shunt capacitance drive level aging insulation resistance storage temperature package part numbering system example type smd0503/2 or smd0503/4 frequency in mhz frequency tolerance at 25c required value temperature stability required value required value load capacitance required value rev.01 /february 2007 0+50c / -10/+60c / 0/+70c / -20+70c 0+50c / -10/+60c / 0/+70c / -20/+70c / -40/85c 0+50c / -10/+60c / 0/+70c / -20/+70c / -40/+85c 0+50c / -10/+60c / 0/+70c / -20/+70c / -40/+85c 2 solder pads 4 solder pads mini-smd-crystal series smd0503/4 (standard package) # 1 and 3 conected // # 2 and 4 ground temperature range 0.01 mw ~ 0.1 mw (optional 1.0 mw available) +-2 ppm per year (optional +-1 ppm available) >500 m dc/100v +-10% tape and reel (1.000 pcs per reel) smd0503/4 27.000 mhz 30/50/-40+85/20pf http://www.petermann-technik.com | info@petermann-technik.com +-5 ppm ~ +-50 ppm 0/+50c ~ -40/+125c other parameters are available on request / create here your specification -55/+125c 0+50c / -10/+60c / 0+70c 0/+50c 0+50c / -10/+60c / 0/+70c / -20/+70c / -40/+85c / -40/+125c 6 ~ 50 pf or series 7 pf max.
http://www.pet ermann-technik.com | info@petermann-technik.com outline drawing of smd0503 with 2 sloder pads (the 2pad package is only an option. we recommend to use the 4pad package in new designs. the 4pad package is the standard package.) marking area unit:mm 0.7 +-0.1 2.5 2.5 1.8 5.0 3 . 2 3 . 0 3 . 2 1.8 outline drawing of smd0503 with 4 sloder pads 3. 8 1. 2 #4 0. 8 2. 2 #1 #2 #3 4.0 1.2 refe rence lan d p att ern #4 #1 #2 #3 inter nal conne ctions (to p view) - 3. 2+ 0.1 - 0.7+0.1 - unit: mm 5. 0+0.1 2. 4 1.8
http://www.pet ermann-technik.com | info@petermann-technik.com reel specification pull direction 21 .0 +0 .8 - 13.0+0.2 3. 5+0.1 8. 0+0.1 1. 5 1. 4 +0.1 13.0+0.3 16 .5 2.0+0.5 - - - - - - 0.3+0. 1 - 2. 0+0.1 - 4. 0+0.1 - 1. 5 1. 7 5 + 0 . 1 - 5. 5+0.1 - 5. 4+0.1 - 12 .0+0 . 2 - 60+ 5 - 180 -3 unit: mm +0 -1 +0 -1 +0 -1 +0.1 reflow solder profile 260c 150c 25c ref low 1 to 9c/s preheating time (seconds) 60 200 10s max 1to5c /s t e m p e r a t u r e 1 to 5c/s coo ling crystals can be soldered according to the norm jedec j-std-020c .


▲Up To Search▲   

 
Price & Availability of SMD0503-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X