Part Number Hot Search : 
120M0 128MP R9220 DG538 C4630 2SB1215 LT1304 SCNAR05
Product Description
Full Text Search
 

To Download SM10150D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SM10150D1 voltage 150 v 10a schottky barrier rectifiers 07-may-2010 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features z low forward voltage drop z high current capability z high reliability z high surge current capability z epitaxial construction mechanical data z case: molded plastic z epoxy: ul94v-0 rate flame retardant z lead: lead solderable per mil-std-202 method 208 guaranteed z polarity: as marked z mounting position: any z weight: 0.7 grams maximum ratings rating 25 c ambient temperature unles s otherwise specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%. parameter symbol rating unit maximum repetitive peak reverse voltage v rrm 150 v maximum rms voltage v rms 105 v maximum dc blocking voltage v dc 150 v per leg 5 a maximum average forward rectified current per device i f 10 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 100 a maximum instantaneous forward voltage @ 5a v f 0.87 v t a =25c 0.2 maximum dc reverse current at rated dc blocking voltage (note 3) t a =100c i r 2.0 ma typical junction capacitance c j 250 pf typical thermal resistance r jc 10 c/w operating temperature t j -55~150 c storage temperature t stg -55~150 c notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. thermal resistance junction to case. 3. pulse test: pulse width 40ms. millimete r millimete r ref. min. max. ref. min. max. a 6.35 6.8 j 2.30 ref. b 5.20 5.50 k 0.70 0.90 c 2.20 2.40 l 0.50 0.70 d 0.43 0.58 m 0.60 0.90 e 6.40 7.35 n 1.40 1.78 f 2.40 3.00 o 0 0.15 g 5.40 5.80 p 0.43 0.58 h 0.60 1.20 to-252(d-pack) a c d n o p g e f h k j m b
elektronische bauelemente SM10150D1 voltage 150 v 10a schottky barrier rectifiers 07-may-2010 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves tc, case temperature ( 
) a verage forward current (a) typical forward current derating curve 0 5 7 20 50 100 150 190 junction capacitance (pf) revise voltage (%) typical junction capacitance 0 100 200 300 400 0.1 1 10 100 maximum non- repetitive forward surge current number of cycles at 60hz peak forwad surge current (a) 0 40 80 120 160 200 0 10 100 8.3ms single half sine wave jedec method tj=25
0.0001 0.001 0.01 0.1 1 130 40 70 100 160 10 reverse voltage(v) 5p typical reverse characteristic reverse curren t(ma) 25
50
125
75
100
5p 5p 0.4 0.1 1 10 100 instantaneous forward current (a) forward voltage (v) typical forward characteristic 0.5 0.6 0.7 0.8 0.9 1.0 125
75
25


▲Up To Search▲   

 
Price & Availability of SM10150D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X