Part Number Hot Search : 
AN5256 M50754 ILE4270 AN5256 ST730 20M10 2SJ53 LC863
Product Description
Full Text Search
 

To Download SM10150D11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente sm10150d voltage 150 v 10a schottky barrier rectifiers 08-dec-2011 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. a c d p o g e f h k l j m n rohs compliant product a suffix of -c specifies halogen & lead-free features  low forward voltage drop  high current capability  high reliability  high surge current capability  epitaxial construction mechanical data  case: molded plastic  epoxy: ul94v-0 rate flame retardant  lead: lead solderable per mil-std-202 method 208 guaranteed  polarity: as marked  mounting position: any  weight: 2.24 grams maximum ratings (rating 25 c ambient temperature unless otherwise specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum repetitive peak reverse voltage v rrm 150 v maximum rms voltage v rms 150 v maximum dc blocking voltage v dc 150 v (per leg) 5 maximum average forward rectified current (per device) i f 10 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 130 a t a =25c 0.86 maximum instantaneous forward voltage @5a t a =100c v f 0.75 v t a =25c 0.1 maximum reverse current at rated vrrm per diode 2 t a =100c i r 8 ma typical junction capacitance 1 c j 350 pf voltage rate of change dv/dt 10000 v / s r ja 50 c / w typical thermal resistance r jc 3 c / w operating & storage temperature t j ,t stg -55~150 c notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. plus test: 300 s pulse width, 1% duty cycle.. millimeter millimeter ref. min. max. ref. min. max. a 9.50 10.50 h 1.50 ref. c 4.30 4.80 j 2.54 typ. d 1.17 1.45 k - - e 9.50 10.50 l 0.7 1 1.00 f 4.33 5.93 m 1.17 1.47 g 8.50 9.00 p 0.31 0.53 to-263(d 2 -pack)
elektronische bauelemente sm10150d voltage 150 v 10a schottky barrier rectifiers 08-dec-2011 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SM10150D11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X