Part Number Hot Search : 
CL5822 FKI07174 SM7513SL W137H 21012 3AV2C A3202 00050
Product Description
Full Text Search
 

To Download SM10100C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente sm1020c thru SM10100C voltage 40v ~ 100v 10.0 amp surface mount s chottky barrier rectifiers d o - 2 1 4 a b ( s m c ) f e a t u r e s . l o w f o r w a r d v o l t a g e d r o p . h i g h c u r r e n t c a p a b i l i t y . h i g h r e l i a b i l i t y . h i g h s u r g e c u r r e n t c a p a b i l i t y . e p i t a x i a l c o n s t r u c t i o n m e c h a n i c a l d a t a . c a s e : m o l d e d p l a s t i c . e p o x y : u l 9 4 v - 0 r a t e f l a m e r e t a r d a n t . m e t a l l u r g i c a l l y b o n d e d c o n s t r u c t i o n . p o l a r i t y : c o l o r b a n d d e n o t e s c a t h o d e e n d . m o u n t i n g p o s i t i o n : a n y . w e i g h t : 1 . 1 0 g r a m s m a x i m u m r a t i n g s a n d e l e c t r i c a l c h a r a c t e r i s t i c s r a t i n g 2 5 a c o m b i e n t t e m p e r a t u r e u n l e s s o t h e r w i s e s p e c i f i e d . s i n g l e p h a s e h a l f w a v e , 6 0 h z , r e s i s t i v e o r i n d u c t i v e l o a d . f o r c a p a c i t i v e l o a d , d e r a t e c u r r e n t b y 2 0 % . t y p e n u m b e r s m 1 0 2 0 c s m 1 0 4 0 c s m 1 0 6 0 c s m 1 0 1 0 0 c u n i t s m a x i m u m r e c u r r e n t p e a k r e v e r s e v o l t a g e 2 0 4 0 6 0 1 0 0 v w o r k i n g p e a k r e v e r s e v o l t a g e 2 0 4 0 6 0 1 0 0 v m a x i m u m d c b l o c k i n g v o l t a g e 2 0 4 0 6 0 1 0 0 v maximum average forward rectified current, see fig. 1 10.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) 180 a maximum instantaneous forward voltage at 10a 0.56 0.65 0.83 v maximum dc reverse current ta=25 :! 0.3 0.2 0.1 at rated dc blocking voltage ta=100 :! 22 15 10 ma typical junction capacitance (note 1) 380 pf typical thermal resistance r  jc (note 2) 10 : / w operating temperature range t j -50 ~ +150 : storage temperature range t stg -65 ~ +175 : notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. thermal resistance junction to ambient vertical pc board mounting 0.5"(12.7mm) lead length. http://www.secosgmbh.com/ any changing of specification will not be informe d individual .320(8.13) .305(7.75) .280(7.11) .260(6.60) .012(0.31) .006(0.15) .124(3.15) .108(2.75) .103(2.62) .079(2.00) .050(1.27) .030(0.76) .245(6.22) .220(5.59) .008 (.203) max. dimensions in inches and (millimeters) 01 -jun-2002 rev. a page 1 of 2 rohs compliant product a suffix of "-c" specifies halogen & lead-free
elektronische bauelemente sm1020c thru SM10100C voltage 20v ~ 100v 10.0 amp surface mount s chottky barrier rectifiers ? rating and characteristic curves (sm1020c thru SM10100C) http://www.secosgmbh.com/ any changing of specification will not be informe d individual 0.1 3 .01 20 50 fig.2-typical forward characteristics fig.1-typical forward current derating curve average forward current,(a) fig.3-maximum non-repetitive forward surge current peak forwaard surge current,(a) fig.4-typical junction capacitance reverse voltage,(v) junction capacitance,(pf) instantaneous forward current,(a) forward voltage,(v) pulse width 300us 1% duty cycle 2 4 6 8 10 12 0 20 40 60 80 100 120 140 160 180 200 0 350 300 250 200 150 100 50 0 72 36 108 180 144 .01 .05 .1 .5 1 5 10 50 100 .1 .3 .5 .7 .9 1.1 1.3 1.5 10 ambient temperature ( c) .1 1.0 10 100 fig.5 - typical reverse characteristics reverse leakage current, (ma) percentage rated peak reverse voltage 0 20 40 60 80 100 120 140 .01 tj=75 c sm 10 20 c ~sm 10 40 c s m 10 6 0 c ~sm 10 10 0 c sm1060c SM10100C s m 1 0 20 c ~s m 10 40 c tj=25 c tj=25 c number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method 01-jun-2002 rev. a page 2 of 2


▲Up To Search▲   

 
Price & Availability of SM10100C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X