Part Number Hot Search : 
1613TF S30RCK LTC2165 1613TF 330M2 G1614 CAT25C02 3528B
Product Description
Full Text Search
 

To Download SCS202NF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SCS202NF 80 v, 300 ma plastic-encapsulated, dual series chips small signal switching diode 01-april-2009 rev. b page 1 of 2 rohs compliant product a suffix of ?-c? specifies halogen and lead free features z ultra high speed switching z high reliability z suitable for high packaging density layout z fast reverse recovery time : t rr = 1.5ns (typ.) z construction: silicon epitaxial planar packaging information z four types of packaging are available z weight: 0.0078 g (approx.) marking code n , a3 absolute maximum ratings (each diode) parameter symbol ratings unit peak reverse voltage v rm 80 v dc reverse voltage v r 80 v maximum (peak) forward current i fm 300 ma average forward current i o 100 ma surge current 1 s i surge 4 a total power dissipation p d 200 mw junction, storage temperature t j , t stg +150, -55 ~ +150 c electrical characteristics (at ta = 25 c unless otherwise specified) (each diode) parameter symbol min. typ. max. unit test conditions forward voltage v f - - 1.2 v i f = 100 ma reverse voltage leakage current i r - - 0.1 a v r = 70v diode capacitance c t - - 3.5 pf v r = 6 v, f = 1 mhz reverse recovery time t rr - - 4.0 ns v r = 6 v, i f = 5 ma notes: 1. fr?5 = 1.0 x 0.75 x 0.062 in. 2. alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. sot-323 top view a l c b d g h j f k e 1 2 3 1 2 3 millimete r millimete r ref. min. max. ref. min. max. a 2.00 2.20 f 0.20 0.40 b 2.15 2.45 g - - c 1.15 1.35 h 0.525 ref. d 0.90 1.10 j 0.08 0.15 e 1.20 1.40
elektronische bauelemente SCS202NF 80 v, 300 ma plastic-encapsulated, dual series chips small signal switching diode 01-april-2009 rev. b page 2 of 2 characteristic curves SCS202NF 0 0 125 100 75 50 25 25 50 75 100 125 150 ambient temperature :ta (oc) power dissipation : p d / p d max.(%) fig.1 power attenuation curve 0 0.1 0.2 0.5 1 2 5 10 20 50 0.2 0.4 0.6 0.8 1.0 1.2 0oc 30oc ta=85oc 50oc 25oc 1.4 1.6 forward current : i f ( ma) forward voltage : v f ( v) fig.3 forward characteristics reverse current : i r ( na) reverse voltage : v r ( v) fig.4 reverse characteristics 0.01 100 1000 10 0.1 1 10 20 30 40 80 70 60 50 0 ta = 100 c 75 c 50 c 25 c 25 c 0 c 0 0 4 2 2 4 6 8 10 12 14 16 f=1mhz capacitance between terminals : c t ( pf) reverse voltage : v r ( v) 18 20 fig.5 capacitance between terminals characteristics 0 0 10 9 8 7 6 5 4 3 2 1 10 9 8 7 6 5 4 3 2 1 v r = 6v reverse recovery time : t rr ( ns) forward current : i f ( ma) fig.2 reverse recovery time pulse generator output 50 sampling oscilloscope 50 0.01 f 100ns input d.u.t. i r 0.1i r t rr output 0 5 fig.6 reverse recovery time (t rr ) measurement circuit


▲Up To Search▲   

 
Price & Availability of SCS202NF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X