Part Number Hot Search : 
MA2C723 STLC5460 TLRE53T 58010 ML4880 58010 58010 T74FCT
Product Description
Full Text Search
 

To Download RGP20A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low cost diffused junction low leakage low forward voltage drop high current capability and s im ilar s olvents case:jedec do-15,molded plastic terminals: axial lead ,solderable per mil- std-750,method 2026 polarity: color band denotes cathode weight: 0.014 ounces,0.39 grams mounting position: any maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. rgp 20d rgp 20g rgp 20j units maximum recurrent peak reverse voltage v rrm 200 400 600 v max imum rms v oltage v rms 140 280 420 v maximum dc blocking voltage v dc 200 400 600 v maximum average forw ard rectified current 9.5mm lead length, @t a =75 peak forw ard surge current 8.3ms single half -sine-w ave superimposed on rated load @t j =125 maximum instantaneous forw ard voltage @ 2.0 a v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 maximum reverse recovery time (note1) t rr 250 ns typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja <d operating junction temperature range t j storage temperature range t stg note:1. measured with i f =0.5a, i r =1a, i rr =0.25a. do - 15 50 35 50 rgp 20a easily cleaned with freon,alcohol,isopropanol 100 voltage range: 50 --- 600 v current: 2.0 a a i fsm 3. thermal resistance f rom junction to ambient. 2. measured at 1.0mhz and applied rev erse v oltage of 4.0v dc. - 55---- + 150 - 55---- + 150 45 18 a 150 i r 80.0 5.0 100.0 1.3 100 rgp 20b 2.0 a 70 i f(av) the plastic material carries u/l recognition 94v-0 dimensions in millimeters RGP20A-rgp20j fast recovery rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
.2 t j =25 f=1mhz 1 .1 2 4 .4 1.0 2 40 10 20 60 100 4 10 204 0 100 0 1 10 100 20 40 60 80 180 100 t j =125 8.3ms single half sine-wave 0.50 0 0 25 50 1.00 1.50 2.0 10075 125 175 150 si ngl e phase hal f w ave 60hz resi st i ve or inductive load t j =25 pulse width=300 s 0.2 0 0.01 0.04 0.1 1.0 10 100 0.4 0.6 0.8 1 1.2 1.8 1.4 1.6 2 set time base for 50/100 ns /cm amperes instantaneous forward current amperes average forward current amperes peak forward curge current fi g. 3--typi cal juncti on capaci tance number of cycles at 60hz reverse voltage,volts fi g. 5--forward current derati ng curve fi g. 4--typi cal forward characteri sti cs forward voltage,volts ambient temperature, fig.2 --peak forward surge vurrent junction capacitance,pf fi g. 1 --reverse recovery ti me characteri sti c and test ci rcui t di agram 2.rese time=10ns max.source impedance=500 . notes:1.rese time=7ns max.input impedance=1m .22pf. pulse generator (note2) d.u.t. 1 n.1. 50 n.1. osci lloscope (note 1) (+) 50vdc (approx) (-) 10 n.1. (-) (+) t rr -1.0a -0.25a 0 +0.5a 1cm RGP20A-rgp20j fast recovery rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of RGP20A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X