Part Number Hot Search : 
PP1DM S1201 32HDVA 89HR1KTR B1236A SDS20WM BL2000 MP7610BP
Product Description
Full Text Search
 

To Download PS20010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 rev.0.3-mar.17.2010 ps200~ps2010 features ? low cost ? high current capability ? plastic package has underwriters laboratories flammability classification 94v-o utilizing flame retardant epoxy molding compound. ? exceeds environmental standards of mil-s-19500/228 ? low leakage ? in compliance with eu rohs 2002/95/ec directives mechanical data ? case: molded plastic, do-15 ? terminals: axial leads, solderable to mil-std-750,method 2026 ? polarity: color band denotes cathode end ? mounting position: any ? weight: 0.014 ounce, 0.397 gram plastic silicon rectifier maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. resistive or inductive load, 60hz. notes:1. measured at 1 mhz and applied reverse voltage of 4.0 vdc 2. thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) p.c.b. mounted .034(.86) .140(3.6) .028(.71) .104(2.6) 1.0(25.4)min. 1.0(25.4)min. .300(7.6) .230(5.8) do-15 unit: inch(mm) voltage 50 to 1000 volts current 2.0 amperes parameter symbol ps200 ps201 ps202 ps204 ps206 ps208 ps2010 units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward current .375"(9.5mm) lead length at t a = 60 o c i f(av) 2.0 a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load(jedec method) i fsm 70 a maximum forward voltage at 2.0a v f 1.1 v maximum dc reverse current at t j = 25 o c rated dc blocking voltage t j = 100 o c i r 5.0 500 a typical junction capacitance (note 1) c j 25 pf typical thermal resistance r ja r jc 70 50 o c / w typical thermal resistance (note 2) r jl 25 o c / w operating junction and storage temperature range t j ,t stg -55 to +150 o c
page . 2 rev.0.3-mar.17.2010 ps200~ps2010 fig.1 forward current derating curve fig.3 typical junction capacitance fig.4 max non-repetitive surge current ambient temperature, c o reverse voltage, volts no. of cycles at 60hz average forward rectified current amperes capacitance,pf rating and characteristic curves 3.0 2.0 1.0 0 0 50 100 150 1.5 2.5 0.5 single phase half wave 60hz resistive or inductive load .375" (9.5mm) lead length 70 56 42 28 14 1 2 4 10 20 40 100 0 peak forward surge current, amperes 100 10 1 10 100 1 t=25c j o fig.2 typical forward characteristics instantaneous forward voltage, volts instantaneous forward current, amperes 0 0.001 0.01 0.1 1.0 10 0.2 0.4 0.6 0.8 1.0 1.2 t=25c a o fig.5-typical reverse characteristic instantaneous reverse current , a  percentage of peak reverse voltage,% 0.1 20 40 60 80 100 120 140 1.0 10 100 1000 t=125 c o j t=100c j o t=25c j o


▲Up To Search▲   

 
Price & Availability of PS20010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X