Part Number Hot Search : 
N037T ADM690 TM9316 D2498 SP708R 050DZ01 AD7854 OMT250
Product Description
Full Text Search
 

To Download PN5114TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  click to buy information furnished by linear integrated systems and micross components is believed to be accurate and reliable. however, no responsibility is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of linear integrated systems. features ? direct ? replacement ? for ? siliconix ? pn5114 ? low ? on ? resistance ? r ds ( on ) ? ? 75 ? low ? capacitance ? 6pf ? absolute ? maximum ? ratings ? @ ? 25c ? (unless ? otherwise ? noted) ? maximum ? temperatures ? storage ? temperature ?\ 55c ? to ? +200c ? operating ? junction ? temperature ?\ 55c ? to ? +200c ? maximum ? power ? dissipation ? continuous ? power ? dissipation ?? 500mw ? maximum ? current gate ? current ? (note ? 1) ? i g ? = ?\ 50ma ? maximum ? voltages ? gate ? to ? drain ? voltage ? v gds ? = ? 30v ? gate ? to ? source ? voltage ? v gss ? = ? 30v ? pn5114 ? electrical ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) symbol ? characteristic ? min ? typ. ? max ? units ? conditions ? bv gss ? gate ? to ? source ? breakdown ? voltage ? 30 ? \\? \\? ? ? v ? i g ? = ? 1a, ??? v ds ? = ? 0v ? v gs ( off ) ? gate ? to ? source ? cutoff ? voltage ? 4 ? \\? 10 ? v ds ? = ?\ 15v, ? i d ? = ?\ 1na ? v gs ( f ) ? gate ? to ? source ? forward ? voltage ? \\? \ 0.7 ?\ 1 ? i g ? = ?\ 1ma, ??? v ds ? = ? 0v ? ? v ds(on) ? ? drain ? to ? source ? on ? voltage ? \\? \ 1.0 ?\ 1.3 ? v gs ? = ? 0v, ? i d ? = ?\ 15ma ? \\? \ 0.7 ? \\? v gs ? = ? 0v, ? i d ? = ?\ 7ma ? \\? \ 0.5 ? \\? v gs ? = ? 0v, ? i d ? = ?\ 3ma ? i dss ? drain ? to ? source ? saturation ? current ? (note ? 2) ?\ 30 ? \\? \ 90 ? ma ? v ds ? = ?\ 18v, ? v gs ? = ? 0v ? i gss ? gate ? reverse ? current ? \\? 5 ? 500 ?? ? pa ? ? v gs ? = ? 20v, ?? v ds ? = ? 0v ? i g ? gate ? operating ? current ? \\? \ 5 ? \\? v ds ? = ?\ 15v, ?? i d ? = ?\ 1ma ? ? i d(off) ? ? drain ? cutoff ? current ? \\? \ 10 ?\ 500 ? v ds ? = ?\ 15v, ? v gs ? = ? 12v ? \\? \ 10 ? \\? v ds ? = ?\ 15v, ? v gs ? = ? 7v ? \\? \ 10 ? \\? v ds ? = ?\ 15v, ? v gs ? = ? 5v ? r ds ( on ) ? drain ? to ? source ? on ? resistance ? \\? \\? 75 ?? i d ? = ?\ 1ma, ??? v gs ? = ? 0v ? pn5114 ? dynamic ? electrical ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) ? symbol ? characteristic ? min ? typ. ? max ? units ? conditions ? g fs ? forward ? transconductance ? \\? 4.5 ? \\? ms ? v ds ? = ?\ 15v, ?? i d ? = ? 1ma ? , ? f ? = ? 1khz ? g os ? output ? conductance ? \\? 20 ? \\? s ? r ds ( on ) ? drain ? to ? source ? on ? resistance ? \\? \\? 75 ?? i d ? = ? 0a, ??? v gs ? = ? 0v, ??? f ? = ? 1khz ? c iss ? input ? capacitance ? \\? 20 ? 25 ?? pf ? v ds ? = ?\ 15v, ? v gs ? = ? 0v, ? f ? = ? 1mhz ? ? c rss ? ? reverse ? transfer ? capacitance ? \\? 5 ? 7 ? v ds ? = ? 0v, ? v gs ? = ? 12v, ? f ? = ? 1mhz ? \\? 6 ? \\? v ds ? = ? 0v, ? v gs ? = ? 7v, ? f ? = ? 1mhz ? \\? 6 ? \\? v ds ? = ? 0v, ? v gs ? = ? 5v, ? f ? = ? 1mhz ? e n ? equivalent ? noise ? voltage ? \\? 20 ? \\? nv/ hz ? v dg ? = ? 10v, ?? i d ? = ? 10ma ? , ? f ? = ? 1khz ? pn5114 ? switching ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) ? symbol ? characteristic ?? units ? conditions ? t d(on) ? turn ? on ? time ? 6 ?? ? ns ? v gs (l) ? = ?\ 11v ? v gs (h) ? = ? 0v ? ? see ? switching ? circuit ? t r ? turn ? on ? rise ? time ? 10 ? t d(off) ? turn ? off ? time ? 6 ? t f ? turn ? off ? fall ? time ? 15 ? ??????????????????????????????????????????????????????????????? ????????????????????????????????????????????????? ? pn5114 ? switching ? circuit ? parameters ??????????????????????????????????????????????????????????????? ?????????????????????????????????????????????????????????? ? v dd ?\ 10v ?? v gg ? 20v ?? r l ? 430 ? ? r g ? 100 ? ? i d(on) ?\ 15ma ?? pn5114 p-channel jfet linear s y stems re p laces discontinued siliconix pn5114 this analog switch is designed for inverting switching into inverting input of an operational amplifier. the to-92 provides a low cost option and ease of manufacturing. ( see packa g in g information ) . pn5114 applications: ? analog switches ? commutators ? cho pp ers pn5114 benefits: ? low on resistance ? i d(off) 500 pa ? switches directl y from ttl lo g ic note ? 1 ?\? absolute ? maximum ? ratings ? are ? limiting ? values ? above ? which ? pn5114 ? serviceability ? may ? be ? impaired. ?? note ? 2 ? ? ? pulse ? test: ? pw ? 300 ? s, ? duty ? cycle ?? 3% ? switching ? test ? circuit micross components europe available packages: pn5114 in to-92 pn5114 in bare die. please contact micross for full package and die dimensions tel: +44 1603 788967 email: chipcomponents@micross.com web: http://www.micross.com/distribution to-92 (bottom view)


▲Up To Search▲   

 
Price & Availability of PN5114TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X