Part Number Hot Search : 
M50743 GP10B LC5732 CS82C83H 1300A FB4410Z M50743 S2568
Product Description
Full Text Search
 

To Download MTRS666011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  absolute maximum ratings (ta=25oc) i t e m s s y m b o l r a t i n g s u n i t forward current (led) if 40 ma pulse forward current (led)*1 ifp 0.5 a reverse voltage (led) vr 4 v power dissipation (led) pd 100 mw collector-emitter voltage (pt) vce 20 v emitter-collector voltage (pt) vec 5 v collector current (pt) ic 50 ma collector power dissipation (pt) pc 75 mw total power dissipation ptot 100 mw operating temperature range topr -20 ~ +80 oc *1: tw=10sec, t=10msec. peak emission wavelength: 660nm the 660nm refective sensor consists of a 660nm visible emitter and high sensitivity photo transistor in the same package. the black molded housing reduces the effect of external ambient light. custom emitter/ detectors are available. f e a t u r e s > high reliability > compact ( 4.0) > short detection distance optimum 0.5-1.5mm a p p l i c a t i o n s > card reader > bar-code reader > edge sensing / money-bill reader electrical & optical characteristics (ta = 25oc) i t e m s s y m b o l c o n d i t i o n s m i n t y p m a x u n i t forward voltage vf if=20ma -- 1.8 2.2 v reverse current ir vr=4v -- -- 10 a peak emission wavelength p if=20ma -- 660 -- nm spectral line half width ? if=20ma -- 25 -- nm dark current (iceo) id vce=10v -- -- 100 na output current io if=20ma, vce=10v, d=1mm * 800 1200 -- a cross-talk current ix if=20ma, vce=10v -- -- 1.0 na rise time (10 to 90%) tr vcc=5v, io=0.1ma, rl=1k -- 30 -- s fall time (10 to 90%) tf vcc=5v, io=0.1ma, rl=1k -- 30 -- s lead soldering temperature*2 tls -- -- -- 260 oc visible light photo refector product no: m t r s 6 6 6 0 global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com 1 2011-08-11 *1: measured by refecting with aluminum evaporated mirror (d=1.00mm). *2: time 5 sec max, position: up to 3mm from the body.
unit: mm, tolerance: 0.2 global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com visible light photo refector product no: m t r s 6 6 6 0 2 2011-08-11
global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com visible light photo refector product no: m t r s 6 6 6 0 3 the information contained herein is subject to change without notice. 2011-08-11


▲Up To Search▲   

 
Price & Availability of MTRS666011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X