Part Number Hot Search : 
RF2043 MAX14655 UDN2580 CVJ10F30 L320D NJL5121 ICL765 AD7846
Product Description
Full Text Search
 

To Download MTB06N03Q8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c710q8 issued date : 2009.05.07 revised date : page no. : 1/6 MTB06N03Q8 cystek product specification n-channel logic level enhancement mode power mosfet MTB06N03Q8 bv dss 30v i d 18a r dson(max) 6.8m description the MTB06N03Q8 is a n-channel enhancement-mode mosfet, providing the designer with the best combination of fast switching, ruggedized device de sign, low on-resistance and cost effectiveness. the sop-8 package is universally preferred for all commercial-industrial surface mount applications and suited for low voltage applicati ons such as dc/dc converters. features ? single drive requirement ? low on-resistance ? fast switching characteristic ? dynamic dv/dt rating ? repetitive avalanche rated ? pb-free and halogen-free package symbol outline MTB06N03Q8 sop-8 pin 1 g gate d drain s source
cystech electronics corp. spec. no. : c710q8 issued date : 2009.05.07 revised date : page no. : 2/6 MTB06N03Q8 cystek product specification absolute maximum ratings (ta=25 c) parameter symbol limits unit drain-source voltage v ds 30 gate-source voltage v gs 20 v continuous drain current @ t c =25 c 18 continuous drain current @ t c =100c i d 12 pulsed drain current i dm 72 *1 avalanche current i as 20 a avalanche energy @ l=0.1mh, i d =20a, r g =25 e as 20 repetitive avalanche energy @ l=0.05mh e ar 10 *2 mj t a =25 3 total power dissipation t a =100 p d 1.5 w operating junction and storage temp erature range tj, tstg -55~+175 c thermal data parameter symbol value unit thermal resistance, junction-to-case, max r th,j-c 25 c/w thermal resistance, junction-to-ambient, max r th,j-a 50 *3 c/w note : 1. pulse width limited by maximum junction temperature 2. duty cycle 1% 3. surface mounted on 1 in2 copper pad of fr-4 board, 125 c/w when mounted on minimum copper pad characteristics (t c =25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 30 - - v v gs =0, i d =250 a v gs(th) 1.0 1.5 3.0 v v ds = v gs , i d =250 a g fs *1 - 25 - s v ds =5v, i d =18a i gss - - 100 na v gs = 20 - - 1 v ds =24v, v gs =0 i dss - - 25 a v ds =20v, v gs =0, tj=125 c i d(on) *1 12 - - a v ds =10v, v gs =10v - 6 6.8 m v gs =10v, i d =18a r ds(on) *1 - 9.2 11.8 m v gs =4.5v, i d =12a dynamic ciss - 4753 - coss - 495 - crss - 348 - pf v gs =0v, v ds =15v, f=1mhz
cystech electronics corp. spec. no. : c710q8 issued date : 2009.05.07 revised date : page no. : 3/6 MTB06N03Q8 cystek product specification characteristics (t c =25 c, unless otherwise specified) symbol min. typ. max. unit test conditions qg (v gs =10v) *1, 2 - 53 - qg (v gs =4.5v) *1, 2 - 30 - qgs *1, 2 - 8 - qgd *1, 2 - 17 - nc v ds =15v, v gs =10v, i d =18a t d(on) *1, 2 - 22 - tr *1, 2 - 16 - t d(off) *1, 2 - 65 - t f *1, 2 - 10 - ns v ds =15v, i d =1a, v gs =10v, r gs =2.7 rg - 1.2 - v gs =15mv, v ds =0v, f=1mhz source-drain diode i s *1 - - 4 i sm *3 - - 40 a v sd *1 - - 1.2 v i f =i s , v gs =0v trr - 32 - ns qrr - 12 - nc i f =i s , di f /dt=100a/ s note : *1.pulse test : pulse width 300 s, duty cycle 2% *2.independent of operating temperature *3.pulse width limited by maximum junction temperature. ordering information device package shipping marking MTB06N03Q8 sop-8 (pb-free & halogen-free package) 3000 pcs / tape & reel b06n03
cystech electronics corp. spec. no. : c710q8 issued date : 2009.05.07 revised date : page no. : 4/6 MTB06N03Q8 cystek product specification characteristic curves
cystech electronics corp. spec. no. : c710q8 issued date : 2009.05.07 revised date : page no. : 5/6 MTB06N03Q8 cystek product specification characteristic curves(cont.)
cystech electronics corp. spec. no. : c710q8 issued date : 2009.05.07 revised date : page no. : 6/6 MTB06N03Q8 cystek product specification sop-8 dimension *: typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1909 0.2007 4.85 5.10 i 0.0019 0.0078 0.05 0.20 b 0.1515 0.1555 3.85 3.95 j 0.0118 0.0275 0.30 0.70 c 0.2283 0.2441 5.80 6.20 k 0.0074 0.0098 0.19 0.25 d 0.0480 0.0519 1.22 1.32 l 0.0145 0.0204 0.37 0.52 e 0.0145 0.0185 0.37 0.47 m 0.0118 0.0197 0.30 0.50 f 0.1472 0.1527 3.74 3.88 n 0.0031 0.0051 0.08 0.13 g 0.0570 0.0649 1.45 1.65 o 0.0000 0.0059 0.00 0.15 h 0.1889 0.2007 4.80 5.10 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance . marking: 8-lead sop-8 plastic package cystek packa g e code: q8 top view a b front view f c d e g i h part a j k o m l n right side view part a device name date code


▲Up To Search▲   

 
Price & Availability of MTB06N03Q8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X