Part Number Hot Search : 
5248B BZV55C1 CY7C271A A1943 X9252 C1510 M12532DJ S29AL
Product Description
Full Text Search
 

To Download MTB06N03H8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c710h8 issued date : 2009.05.07 revised date : page no. : 1/6 MTB06N03H8 cystek product specification n-channel logic level enhancement mode power mosfet MTB06N03H8 bv dss 30v i d 75a r dson(max) 6.5m description the MTB06N03H8 is a n-channel enhancement-mode mosfet, providing the designer with the best combination of fast switching, ruggedized device de sign, low on-resistance and cost effectiveness. features ? single drive requirement ? low on-resistance ? fast switching characteristic ? dynamic dv/dt rating ? repetitive avalanche rated ? pb-free lead plating and halogen-free package symbol outline MTB06N03H8 power pak pin 1 g gate d drain s source
cystech electronics corp. spec. no. : c710h8 issued date : 2009.05.07 revised date : page no. : 2/6 MTB06N03H8 cystek product specification absolute maximum ratings (ta=25 c) parameter symbol limits unit drain-source voltage v ds 30 gate-source voltage v gs 20 v continuous drain current @ t c =25 c 75 continuous drain current @ t c =100c i d 45 pulsed drain current i dm 160 *1 avalanche current i as 53 a avalanche energy @ l=0.1mh, i d =53a, r g =25 e as 140 repetitive avalanche energy @ l=0.05mh e ar 40 *2 mj t c =25 60 total power dissipation t c =100 p d 32 w operating junction and storage temp erature range tj, tstg -55~+175 c 100% uis testing in condition of v d =15v, l=0.1mh, v g =10v, i l =40a, rated v ds =25v n-ch thermal data parameter symbol value unit thermal resistance, junction-to-case, max r th,j-c 2.5 c/w thermal resistance, junction-to-ambient, max r th,j-a 50 *3 c/w note : 1. pulse width limited by maximum junction temperature 2. duty cycle 1% 3. surface mounted on 1 in2 copper pad of fr-4 board, 125 c/w when mounted on minimum copper pad characteristics (t c =25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 30 - - v v gs =0, i d =250 a v gs(th) 1.0 1.5 3.0 v v ds = v gs , i d =250 a g fs *1 - 25 - s v ds =5v, i d =24a i gss - - 100 na v gs = 20 - - 1 v ds =24v, v gs =0 i dss - - 25 a v ds =20v, v gs =0, tj=125 c i d(on) *1 75 - - a v ds =10v, v gs =10v - 5.5 6.5 m v gs =10v, i d =30a r ds(on) *1 - 8.8 11 m v gs =4.5v, i d =24a dynamic ciss - 3292 - coss - 501 - crss - 355 - pf v gs =0v, v ds =15v, f=1mhz
cystech electronics corp. spec. no. : c710h8 issued date : 2009.05.07 revised date : page no. : 3/6 MTB06N03H8 cystek product specification characteristics (t c =25 c, unless otherwise specified) symbol min. typ. max. unit test conditions qg (v gs =10v) *1, 2 - 48 - qg (v gs =4.5v) *1, 2 - 27 - qgs *1, 2 - 6 - qgd *1, 2 - 16 - nc v ds =15v, v gs =10v, i d =30a t d(on) *1, 2 - 20 - tr *1, 2 - 15 - t d(off) *1, 2 - 65 - t f *1, 2 - 10 - ns v ds =15v, i d =24a, v gs =10v, r gs =2.7 rg - 1.2 - v gs =15mv, v ds =0v, f=1mhz source-drain diode i s *1 - - 75 i sm *3 - - 150 a v sd *1 - - 1.3 v i f =i s , v gs =0v trr - 32 - ns qrr - 12 - nc i f =i s , di f /dt=100a/ s note : *1.pulse test : pulse width 300 s, duty cycle 2% *2.independent of operating temperature *3.pulse width limited by maximum junction temperature. recommended footprint unit : mm
cystech electronics corp. spec. no. : c710h8 issued date : 2009.05.07 revised date : page no. : 4/6 MTB06N03H8 cystek product specification characteristic curves
cystech electronics corp. spec. no. : c710h8 issued date : 2009.05.07 revised date : page no. : 5/6 MTB06N03H8 cystek product specification characteristic curves(cont.)
cystech electronics corp. spec. no. : c710h8 issued date : 2009.05.07 revised date : page no. : 6/6 MTB06N03H8 cystek product specification power pak dimension *: typical inches millimeters inches millimeters device name date code 8-lead power pak plastic package cystek package code: h8 marking: dim min. max. min. max. dim min. max. min. max. a 0.1890 0.1969 4.80 5.00 i 0.0161 0.0240 0.41 0.61 b 0.2244 0.2283 5.70 5.80 j 0.1331 0.1488 3.38 3.78 c 0.2323 0.2402 5.90 6.10 k 0.0433 - 1.10 - d 0.0130 0.0201 0.33 0.51 l 0.0201 0.0280 0.51 0.71 e 0.0500* 1.27* m - - 0 12 f 0.0354 0.0472 0.90 1.20 g 0.0067 0.0118 0.17 0.30 h 0.1445 0.1583 3.67 4.02 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MTB06N03H8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X