Part Number Hot Search : 
SMLP12WB AM29L 3732F AP1332EU AIS326 FH2164 CR7929 H7806BE
Product Description
Full Text Search
 

To Download MP10005G-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd glass passivated bridge rectifiers page 1 rev :a MP10005G-G thru. mp1010g-g pa ra m et er sy m bo l un it d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) qw -bbr67 maximum peak recurrent v oltage reverse maximum rms bridge input v oltage maximum a verage forward rectified output current @t a =50c peak forward surage current , 8.3ms single half sine-w ave super imposed on rated load operating t emperature range storage t emperature range reverse v oltage: 50 to 1000v forward current: 10.0a rohs device maximum ratings and electrical characteristics rating at 25c ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% mp10005g -g 50 35 v rrm v rms i (a v) i fsm v f t j t stg 10.0 175 1.1 -55 to +150 -55 to +150 v v a a v c c 100 70 200 140 400 280 600 420 800 560 1000 700 comchip t echnology co., l td. features mechanical data maximum forward v oltage drop per bridge element at 5.0a peak mp1001g -g mp1002g -g mp1004g -g mp1006g -g mp1008g -g mp1010g -g mp 8 0.307(7.8) 0.267(6.8) 0.750(19.0) min. metal heat sink 0.052(1.3) 0.048(1.2) dia. 0.770(19.6) 0.730(18.5) 0.520(13.2) 0.480(12.2) 0.770(19.6) 0.730(18.5) 0.520(13.2) 0.480(12.2) hole for no.6 screw i r 10 1.0 a @ t j =25 c @ t j =100 c maximum reverse current at rated dc blocking v oltage per element ma -polarit:as marked on body -mounting position:any -w eight: 7.33 grams -low forward voltage drop. -small size ; simple installation. -sliver plated copper leads -surge overload rating - 200 amperes peak. -materials used carries u/l recognition. v dc 50 v 100 200 400 600 800 1000 maximum dc blocking v oltage
smd glass passivated bridge rectifiers page 2 rev : a rating and characteristics curves (MP10005G-G thru. mp1010g-g) qw -bbr67 fig.1 - derating curve output rectified current 0 50 100 150 0 4.0 8.0 10.0 ambient t emperature, (c) a v e r a g e f o r w a r d c u r r e n t , ( a ) 2.0 6.0 fig.3 - t ypical forward characteristics 0.7 1.1 0.8 1.0 1.3 0.01 instantaneous forward v oltage, (v) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) 0.1 1.0 10 1.2 0.6 0.9 comchip t echnology co., l td. fig.4 - t ypical reverse characteristics 20 40 60 80 0.01 1.0 10 percent of peak reverse v oltage, (%) i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( a ) 100 120 140 0 0.1 fig.2 - maximum forward surge current 1 10 100 number of cycle at 60hz p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 0 50 100 250 200 150 t j =25c t j =25c 100 25 75 125 t j =25c
smd glass passivated bridge rectifiers page 3 rev : a qw -bbr67 comchip t echnology co., l td. standard packaging MP10005G-G mp1001g-g mp1002g-g mp1004g-g mp1006g-g mp1008g-g mp1010g-g part number marking code marking code xxxx / xxxxx = product type marking code + ~ m p x x x x g - ~ c c = compchip logo mp10005g mp1001g mp1002g mp1004g mp1006g mp1008g mp1010g c a s e t y p e m p 8 2 0 0 b o x ( p c s ) b u l k p a c k c a r t o n ( p c s ) 2 , 0 0 0


▲Up To Search▲   

 
Price & Availability of MP10005G-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X