Part Number Hot Search : 
T520B337 CPS041 AD844BQ CXP83516 ZDT6702 39SF512 LM3S8 T520B337
Product Description
Full Text Search
 

To Download MBRF830 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 2 pin 16.5 0.3 10.2 0.2 15.2 0.5 4.0 0.3 13.5 0.5 5.0 0.1 1.4 0.1 0.6 0.1 4.5 0.2 3.1 +0.2 -0.1 |? 3 .3 0.1 |?3 .2 0.2 8.2 0.2 2.6 0.2 0.6 0.1 position: any maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. units maximum recurrent peak reverse voltage v rrm v max imum rms v oltage v rms v maximum dc blocking voltage v dc v maximum average forw ard total device 11111111 m rectif ied current @t c = 125c i f(av) a peak forw ard surge current 8.3ms single half b sine-w av e superimpo sed on r ated lo ad i fsm a maximum forw ard (i vol tage (i f =8.0a,t c =25 ) (note 1) ( i f =16a,t c =25 ) f =8.0a,t c =125 ) maximum reverse current @t c =25 at rated dc blocking voltage @t c =125 maximum thermal resistance (note 2) r jc k/w operating junction temperature range t j storage temperature range t stg 2. therm al resistanc e from ju nction to case. m a 30 35 40 45 50 60 80 100 8.0 150 30 35 40 45 50 60 80 100 voltage range: 30 - 100 v current: 8.0 a metal silicon junction, majority carrier conduction. case:jedec ito-220ac,molded plastic body high cu rrent capacity, lo w fo rward vo ltage drop. note: 1. pulse test:300 s pulse width,1% duty cy cle. - 55 ---- + 150 - 55 ---- + 150 i r v f 0.1 0.5 3.0 ito-220ac mbrf mbrf mbrf mbrf mbrf mbrf mbrf mbrf 830 835 840 84 5 850 860 880 8100 guard ring for over voltage protection. high surge capacity. for use in low voltage, high frequency inverters, free 111 wheeling, and polarity protection applications. polarity: as marked weight:0.056 ounces,1.587 gram 15 50 v 0.57 0.70 0.84 0.70 - 0.80 0.85 0.95 - single phase,half wave,60hz,resistive or inductive load.for capactive load,derate current by 20%. dimensions in millimeters 21 25 28 32 35 42 56 70 MBRF830-mbrf8100 schottky barrier rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
pulse width=300 s 1 % d u ty c ycle .2 .4 .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 1 10 100 200 mbr830-mbr845 mbr850-mbr860 mbr880-mbr8100 10 04060 20 100 120 140 80 t c =25 0.1 1.0 .01 tc=125 0 2 4 25 50 75 100 125 150 6 8 10 0 30 1 100 150 60 90 120 10 8.3ms single half sine wave t j =125 amperes average forward output current, amperes fi g. 3 -- typical forward characteri sti c fi g. 4 -- typi cal reverse characteristi c instantaneous forward voltage, volts number of cycles at 60h z case temperature, instantaneous forward current, peak forward surge current, fig.2 -- forward derating curve amperes micro amperes percent of rated peak reverse voltage,% fi g. 1 -- peak forward surge current instantaneous reverse current, MBRF830-mbrf8100 schottky barrier rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of MBRF830

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X