click to buy information furnished by linear integrated systems and micross components is believed to be accu rate and reliable. however, no responsibility is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of linear integrated systems. micross components ltd, united kingdom, te l: +44 1603 788967, fax: +44 1603788920, email: chipcomponents@micross.com web: www.micross.com/d istribution.aspx features ? direct ? replacement ? for ? siliconix ? 2n5019 ? zero ? offset ? voltage ? low ? on ? resistance ? r ds ( on ) ? ? 150 ? absolute ? maximum ? ratings ?? @ ? 25c ? (unless ? otherwise ? noted) ? maximum ? temperatures ? storage ? temperature ?\ 55c ? to ? +200c ? operating ? junction ? temperature ?\ 55c ? to ? +200c ? maximum ? power ? dissipation ? continuous ? power ? dissipation ?? 500mw ? maximum ? current gate ? current ? (note ? 1) ? i g ? = ?\ 50ma ? maximum ? voltages ? gate ? to ? drain ? voltage ? v gds ? = ? 30v ? gate ? to ? source ? voltage ? v gss ? = ? 30v ? ?? LS5019 ? electrical ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) symbol ? characteristic ? min ? typ. ? max ? units ? conditions ? bv gss ? gate ? to ? source ? breakdown ? voltage ? 30 ? \\? \\? ? v ? i g ? = ? 1a, ??? v ds ? = ? 0v ? v gs ( off ) ? gate ? to ? source ? cutoff ? voltage ? \\? \\? 5 ? v ds ? = ?\ 15v, ? i d ? = ?\ 1a ? v ds ( on ) ? drain ? to ? source ? on ? voltage ? \\? \\? \ 0.5 ? v gs ? = ? 0v, ? i d ? = ?\ 3ma ? i dss ? drain ? to ? source ? saturation ? current ? (note ? 2) ?\ 5 ? \\? \\? ma ? v ds ? = ?\ 20v, ? v gs ? = ? 0v ? i gss ? gate ? reverse ? current ? \\? \\? 2 ? na ? v gs ? = ? 15v, ?? v ds ? = ? 0v ? i d(off) ? drain ? cutoff ? current ? \\? \\? \ 10 ? v ds ? = ?\ 15v, ? v gs ? = ? 12v ? \\? \\? \ 10 ? a ? v ds ? = ?\ 15v, ? v gs ? = ? 7v ? i dgo ? drain ? reverse ? current ? \\? \\? \ 2 ? na ? v dg ? = ?\ 15v, ? i s ? = ? 0a ? r ds ( on ) ? drain ? to ? source ? on ? resistance ? \\? \\? 150 ?? i d ? = ?\ 1ma, ??? v gs ? = ? 0v ? LS5019 ? dynamic ? electrical ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) ? symbol ? characteristic ? min ? typ. ? max ? units ? conditions ? r ds ( on ) ? drain ? to ? source ? on ? resistance ? \\? \\? 150 ?? i d ? = ? 0a, ??? v gs ? = ? 0v, ??? f ? = ? 1khz ? c iss ? input ? capacitance ? \\? \\? 45 ? pf ? v ds ? = ?\ 15v, ? v gs ? = ? 0v, ? f ? = ? 1mhz ? c rss ? reverse ? transfer ? capacitance ? \\? \\? 10 ? v ds ? = ? 0v, ? v gs ? = ? 7v, ? f ? = ? 1mhz ? LS5019 ? switching ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) ? symbol ? characteristic ?? units ? conditions ? t d(on) ? turn ? on ? time ? 15 ?? ? ns ? v gs (l) ? = ? 7v ? v gs (h) ? = ? 0v ? ? see ? switching ? circuit ? t r ? turn ? on ? rise ? time ? 75 ? t d(off) ? turn ? off ? time ? 25 ? t f ? turn ? off ? fall ? time ? 100 ? ??????????????????????????????????????????????????????????????? ????????????????????????????????????????????????? ? ??????????????????????????????????????????????????????????????? ??????????????????????????????????????????????????????????????? ??????????????????????????????????????????????????????????????? ????????????????? switching ? test ? circuit LS5019 ? switching ? circuit ? parameters ??????????????????????????????????????????????????????????????? ?????????????????????????????????????????????????????????? ? v dd ?\ 6v ?? v gg ? 8v ?? r l ? 1.8k ? ? r g ? 390 ? ? i d(on) ?\ 3ma ?? ??? ??? ??? ??? ??? the LS5019 is a single p-channel jfet switch LS5019 p-channel jfet linear s y stems re p laces discontinued siliconix 2n5019 this p-channel analog switch is designed to provide low on-resistance and fast switching. the sot-23 package provides ease of manufacturing, and a lower cost assembly option. ( see packa g in g information ) . LS5019 applications: ? analog switches ? commutators ? cho pp ers LS5019 benefits: ? low insertion loss ? no offset or error voltage generated by closed switch ? purel y resistive micross components europe available packages: LS5019 in sot-23 LS5019 in bare die. please contact micross for full package and die dimensions note ? 1 ?\?? absolute ? maximum ? ratings ? are ? limiting ? values ? above ? which ? LS5019 serviceability ? may ? be ? impaired. note ? 2 ? ? ? pulse ? test: ? pw ? 300 ? s, ? duty ? cycle ?? 3% tel: +44 1603 788967 email: chipcomponents@micross.com web: http://www.micross.com/distribution sot-23 (top view)
|