Part Number Hot Search : 
W1V10 C3830 D365A IMH23 855740 183ML SU80301 OSO5M
Product Description
Full Text Search
 

To Download LQG15HS10NJ02D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 1 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.9.9 inductors (coils) > chip inductor (chip coil) > for high frequency multilayer type 0.5 0.05 (in mm) 1.0 0.05 0.5 0.05 0.25 0.1 polarity marking chip inductor (chip coil) for high frequency multilayer type lqg15hs series (0402 size)  dimensions  packaging code packaging minimum quantity d 180mm paper tape 10000 j 330mm paper tape 50000 b bulk(bag) 1000  rated value ( p : packaging code) part number inductance test frequency rated current max. of dc resistance q (min.) test frequency self resonance frequency (min.) lqg15hs1n0s02 p 1.0nh 0.3nh 100mhz 300ma 0.07ohm 8 100mhz 10000mhz lqg15hs1n1s02 p 1.1nh 0.3nh 100mhz 300ma 0.09ohm 8 100mhz 6000mhz lqg15hs1n2s02 p 1.2nh 0.3nh 100mhz 300ma 0.09ohm 8 100mhz 6000mhz lqg15hs1n3s02 p 1.3nh 0.3nh 100mhz 300ma 0.09ohm 8 100mhz 6000mhz lqg15hs1n5s02 p 1.5nh 0.3nh 100mhz 300ma 0.1ohm 8 100mhz 6000mhz lqg15hs1n6s02 p 1.6nh 0.3nh 100mhz 300ma 0.1ohm 8 100mhz 6000mhz lqg15hs1n8s02 p 1.8nh 0.3nh 100mhz 300ma 0.1ohm 8 100mhz 6000mhz lqg15hs2n0s02 p 2.0nh 0.3nh 100mhz 300ma 0.1ohm 8 100mhz 6000mhz lqg15hs2n2s02 p 2.2nh 0.3nh 100mhz 300ma 0.12ohm 8 100mhz 6000mhz lqg15hs2n4s02 p 2.4nh 0.3nh 100mhz 300ma 0.15ohm 8 100mhz 6000mhz lqg15hs2n7s02 p 2.7nh 0.3nh 100mhz 300ma 0.15ohm 8 100mhz 6000mhz lqg15hs3n0s02 p 3.0nh 0.3nh 100mhz 300ma 0.17ohm 8 100mhz 6000mhz lqg15hs3n3s02 p 3.3nh 0.3nh 100mhz 300ma 0.17ohm 8 100mhz 6000mhz lqg15hs3n6s02 p 3.6nh 0.3nh 100mhz 300ma 0.18ohm 8 100mhz 6000mhz lqg15hs3n9s02 p 3.9nh 0.3nh 100mhz 300ma 0.18ohm 8 100mhz 6000mhz lqg15hs4n3s02 p 4.3nh 0.3nh 100mhz 300ma 0.18ohm 8 100mhz 6000mhz lqg15hs4n7s02 p 4.7nh 0.3nh 100mhz 300ma 0.18ohm 8 100mhz 6000mhz lqg15hs5n1s02 p 5.1nh 0.3nh 100mhz 300ma 0.2ohm 8 100mhz 5300mhz lqg15hs5n6s02 p 5.6nh 0.3nh 100mhz 300ma 0.2ohm 8 100mhz 4500mhz lqg15hs6n2s02 p 6.2nh 0.3nh 100mhz 300ma 0.22ohm 8 100mhz 4500mhz lqg15hs6n8j02 p 6.8nh 5% 100mhz 300ma 0.24ohm 8 100mhz 4500mhz lqg15hs7n5j02 p 7.5nh 5% 100mhz 300ma 0.24ohm 8 100mhz 4200mhz lqg15hs8n2j02 p 8.2nh 5% 100mhz 300ma 0.24ohm 8 100mhz 3700mhz operating temperature range: -55 c to +125 c only for reflow soldering. continued on the following page.
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 2 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.9.9 inductors (coils) > chip inductor (chip coil) > for high frequency multilayer type part number inductance test frequency rated current max. of dc resistance q (min.) test frequency self resonance frequency (min.) lqg15hs9n1j02 p 9.1nh 5% 100mhz 300ma 0.26ohm 8 100mhz 3400mhz lqg15hs10nj02 p 10nh 5% 100mhz 300ma 0.26ohm 8 100mhz 3400mhz lqg15hs12nj02 p 12nh 5% 100mhz 300ma 0.28ohm 8 100mhz 3000mhz lqg15hs15nj02 p 15nh 5% 100mhz 300ma 0.32ohm 8 100mhz 2500mhz lqg15hs18nj02 p 18nh 5% 100mhz 300ma 0.36ohm 8 100mhz 2200mhz lqg15hs22nj02 p 22nh 5% 100mhz 300ma 0.42ohm 8 100mhz 1900mhz lqg15hs27nj02 p 27nh 5% 100mhz 300ma 0.46ohm 8 100mhz 1700mhz lqg15hs33nj02 p 33nh 5% 100mhz 200ma 0.58ohm 8 100mhz 1600mhz lqg15hs39nj02 p 39nh 5% 100mhz 200ma 0.65ohm 8 100mhz 1200mhz lqg15hs47nj02 p 47nh 5% 100mhz 200ma 0.72ohm 8 100mhz 1000mhz lqg15hs56nj02 p 56nh 5% 100mhz 200ma 0.82ohm 8 100mhz 800mhz lqg15hs68nj02 p 68nh 5% 100mhz 180ma 0.92ohm 8 100mhz 800mhz lqg15hs82nj02 p 82nh 5% 100mhz 150ma 1.2ohm 8 100mhz 700mhz lqg15hsr10j02 p 100nh 5% 100mhz 150ma 1.25ohm 8 100mhz 600mhz lqg15hsr12j02 p 120nh 5% 100mhz 150ma 1.3ohm 8 100mhz 600mhz lqg15hsr15j02 p 150nh 5% 100mhz 140ma 2.99ohm 8 100mhz 550mhz lqg15hsr18j02 p 180nh 5% 100mhz 130ma 3.38ohm 8 100mhz 500mhz lqg15hsr22j02 p 220nh 5% 100mhz 120ma 3.77ohm 8 100mhz 450mhz lqg15hsr27j02 p 270nh 5% 100mhz 110ma 4.94ohm 8 100mhz 400mhz 0 20 40 60 80 100 1000 10000 frequency (mhz) q 120nh 1.0nh 3.3nh 10nh 22nh 56nh 270nh 1 0.1 10 100 1000 100 1000 10000 frequency (mhz) inductance (nh) 3.3nh 1.0nh 10nh 22nh 56nh 120nh 270nh operating temperature range: -55 c to +125 c only for reflow soldering.  q-frequency characteristics (typ.)  inductance-frequency characteristics (typ.) ! caution (rating) do not use products beyond the rated current as this may create excessive heat. notice solderability of tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder temperature is below the tin melting point is used. please confirm the solderability of tin plating termination chip before use.  ! caution/notice


▲Up To Search▲   

 
Price & Availability of LQG15HS10NJ02D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X