Part Number Hot Search : 
OMR184NH MAA5379K DB153G BD746B 15327 SDD600 DTC3059 41000
Product Description
Full Text Search
 

To Download G40-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  25mm (1.0? part no.: g25-2 material: c1008 steel wire dia (ring): 1.4mm wire dia (rib): 1.4mm ring spacing: meets 6.35mm plug gauge test separation force: 220 lbs. on welds fits: 25mm (1? fans plating: bright nickel chrome options: additional plating materials are avail- able by special order. 40mm (1.57? part no.: G40-2 material: c1008 steel wire dia (ring): 1.6mm wire dia (rib): 1.6mm ring spacing: meets 6.35mm plug gauge test separation force: 220 lbs. on welds fits: 40mm (1.57? fans plating: bright nickel chrome options: additional plating materials are avail- able by special order. 52mm (2.05? part no.: g50-3 material: c1008 steel wire dia (ring): 1.6mm wire dia (rib): 1.6mm ring spacing: meets 6.35mm plug gauge test separation force: 220 lbs. on welds fits: 52mm (2.05? fans plating: bright nickel chrome options: additional plating materials are avail- able by special order. fan guards 25mm - 52mm (1?- 2? 10557 metric drive, dallas, texas 75243 call us: 800-323-2439 or 214-340-0265 www.orionfans.com (orion fans is a registered trademark of knight electronics, inc. 1 matching fan series: od2510 matching fan series: od4010, od4020, od4028 matching fan series: od5210 od5010 74351 guards brochure:74351 guards brochure 5/1/08 3:20 pm page 2


▲Up To Search▲   

 
Price & Availability of G40-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X