Part Number Hot Search : 
2SJ559 FD1792 22C0400 FD1792 NQ40W CM100 1123A2 FQD7N10L
Product Description
Full Text Search
 

To Download FK20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? all specifications are subject to change without notice.  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications. type: issue date: fk28, fk18 fk24, fk14 fk26, fk16 FK20, fk11 fk22 may 2011 multilayer ceramic capacitors fk series dipped radial lead type general use(edc: 6.3 to 50v)
(1/11) 003-03 / 20110517 / e4941_fk.fm  all specifications are subject to change without notice. dipped radial ceramic capacitors general use fk series features  due to the technological progress in creating thinner layers of ceramic dielectric and achieving multilayer lamination, this product provides large electrostatic capacity.  it maintains a high level of reliability under specified environ- mental conditions.  its residual inductance is small and it provides good frequency characteristics.  the leads are formed with a "kink" to achieve consistent insertion heights and facilitate the release of gases during soldering for dramatically improved solderability.  also available are products that meet taping specifications for automatic insertions, which contribute to reducing on-board costs. product identification (1) series name (2) dimensions and shapes of lead wire dimensions in mm (3) capacitance temperature characteristics class 1 (temperature compensation) class 2 (temperature stable and general purpose) (4) rated voltage edc (5) nominal capacitance the capacitance is expressed in three digit codes and in units of pico farads (pf). the first and second digits identify the first and second significant figures of the capacitance. the third digit identifies the multiplier. (6) capacitance tolerance (7) tdk internal code conformity to rohs directive fk 28 c0g 1h 101 j (1) (2) (3) (4) (5) (6) (7) type l max. w max. t max. f ?d fig 28 4.0 5.5 2.5 5.01.0 72 0.5+0.1,?0.03 1 24 4.5 5.5 2.5 5.01.0 72 0.5+0.1,?0.03 1 26 5.5 6.0 3.5 5.01.0 72 0.5+0.1,?0.03 1 20 5.5 7.0 4.0 5.01.0 72 0.5+0.1,?0.03 1 22 7.5 8.0 4.0 5.01.0 72 0.5+0.1,?0.03 1 18 4.0 5.5 2.5 2.50.8 5+3,?1 0.5+0.1,?0.03 2 14 4.5 5.5 2.5 2.50.8 5+3,?1 0.5+0.1,?0.03 2 16 5.5 6.0 3.5 2.50.8 5+3,?1 0.5+0.1,?0.03 2 11 5.5 7.0 4.0 2.50.8 5+3,?1 0.5+0.1,?0.03 2 temperature characteristics capacitance change temperature range c0g 030ppm/c ?55 to +125c temperature characteristics capacitance change temperature range x7r 15% ?55 to +125c x5r 15% ?55 to +85c x7s 22% ?55 to +125c y5v +22, ?82% ?30 to +85c l f fig.1 ?d l t w w f fig.2 ?d 0j 6.3v 1a 10v 1c 16v 1e 25v 1h 50v 0r5 0.5pf 010 1pf 100 10pf 102 1,000pf symbol tolerance applicable capacitance range c 0.25pf 10pf max. d 0.5pf j5% over 10pf k 10% m 20% z +80, ?20%  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
(2/11) 003-03 / 20110517 / e4941_fk.fm  all specifications are subject to change without notice. capacitance ranges: class 1 (temperature compensation) fk28 and fk18 types shapes and dimensions rated voltage edc: 50v temperature characteristics capacitance tolerance rated voltage edc(v) part no. fk28 type fk18 type c0g 1pf 0.25pf 50 fk28c0g1h010c fk18c0g1h010c c0g 1.5pf 0.25pf 50 fk28c0g1h1r5c fk18c0g1h1r5c c0g 2pf 0.25pf 50 fk28c0g1h020c fk18c0g1h020c c0g 2.2pf 0.25pf 50 fk28c0g1h2r2c fk18c0g1h2r2c c0g 3pf 0.25pf 50 fk28c0g1h030c fk18c0g1h030c c0g 3.3pf 0.25pf 50 fk28c0g1h3r3c fk18c0g1h3r3c c0g 4pf 0.25pf 50 fk28c0g1h040c fk18c0g1h040c c0g 4.7pf 0.25pf 50 fk28c0g1h4r7c fk18c0g1h4r7c c0g 5pf 0.25pf 50 fk28c0g1h050c fk18c0g1h050c c0g 6pf 0.5pf 50 fk28c0g1h060d fk18c0g1h060d c0g 6.8pf 0.5pf 50 fk28c0g1h6r8d fk18c0g1h6r8d c0g 7pf 0.5pf 50 fk28c0g1h070d fk18c0g1h070d c0g 8pf 0.5pf 50 fk28c0g1h080d fk18c0g1h080d c0g 9pf 0.5pf 50 fk28c0g1h090d fk18c0g1h090d c0g 10pf 0.5pf 50 fk28c0g1h100d fk18c0g1h100d c0g 12pf 5% 50 fk28c0g1h120j fk18c0g1h120j c0g 15pf 5% 50 fk28c0g1h150j fk18c0g1h150j c0g 18pf 5% 50 fk28c0g1h180j fk18c0g1h180j c0g 22pf 5% 50 fk28c0g1h220j fk18c0g1h220j c0g 27pf 5% 50 fk28c0g1h270j fk18c0g1h270j c0g 33pf 5% 50 fk28c0g1h330j fk18c0g1h330j c0g 39pf 5% 50 fk28c0g1h390j fk18c0g1h390j c0g 47pf 5% 50 fk28c0g1h470j fk18c0g1h470j c0g 56pf 5% 50 fk28c0g1h560j fk18c0g1h560j c0g 68pf 5% 50 fk28c0g1h680j fk18c0g1h680j c0g 82pf 5% 50 fk28c0g1h820j fk18c0g1h820j c0g 100pf 5% 50 fk28c0g1h101j fk18c0g1h101j c0g 120pf 5% 50 fk28c0g1h121j fk18c0g1h121j c0g 150pf 5% 50 fk28c0g1h151j fk18c0g1h151j c0g 180pf 5% 50 fk28c0g1h181j fk18c0g1h181j c0g 220pf 5% 50 fk28c0g1h221j fk18c0g1h221j c0g 270pf 5% 50 fk28c0g1h271j fk18c0g1h271j c0g 330pf 5% 50 fk28c0g1h331j fk18c0g1h331j c0g 390pf 5% 50 fk28c0g1h391j fk18c0g1h391j c0g 470pf 5% 50 fk28c0g1h471j fk18c0g1h471j c0g 560pf 5% 50 fk28c0g1h561j fk18c0g1h561j c0g 680pf 5% 50 fk28c0g1h681j fk18c0g1h681j c0g 820pf 5% 50 fk28c0g1h821j fk18c0g1h821j c0g 1000pf 5% 50 fk28c0g1h102j fk18c0g1h102j c0g 1200pf 5% 50 fk28c0g1h122j fk18c0g1h122j c0g 1500pf 5% 50 fk28c0g1h152j fk18c0g1h152j c0g 1800pf 5% 50 fk28c0g1h182j fk18c0g1h182j c0g 2200pf 5% 50 fk28c0g1h222j fk18c0g1h222j c0g 2700pf 5% 50 fk28c0g1h272j fk18c0g1h272j c0g 3300pf 5% 50 fk28c0g1h332j fk18c0g1h332j c0g 3900pf 5% 50 fk28c0g1h392j fk18c0g1h392j c0g 4700pf 5% 50 fk28c0g1h472j fk18c0g1h472j c0g 5600pf 5% 50 fk28c0g1h562j fk18c0g1h562j c0g 6800pf 5% 50 fk28c0g1h682j fk18c0g1h682j c0g 8200pf 5% 50 fk28c0g1h822j fk18c0g1h822j c0g 10000pf 5% 50 fk28c0g1h103j fk18c0g1h103j 4.0max. 5.0 1.0 2.5max. 5.5max. 7 2 5 +3 ?1 dimensions in mm fk28 fk18 2.5 0.8 4.0max. 5.5max. 2.5max. 2.5max. 2.5max. ?0.5 +0.1 ?0.03 ?0.5 +0.1 ?0.03
(3/11) 003-03 / 20110517 / e4941_fk.fm  all specifications are subject to change without notice. fk24 and fk14 types shapes and dimensions rated voltage edc: 50v fk26 and fk16 types shapes and dimensions rated voltage edc: 50v temperature characteristics capacitance tolerance rated voltage edc(v) part no. fk24 type fk14 type c0g 2700pf 5% 50 fk24c0g1h272j fk14c0g1h272j c0g 3300pf 5% 50 fk24c0g1h332j fk14c0g1h332j c0g 3900pf 5% 50 fk24c0g1h392j fk14c0g1h392j c0g 4700pf 5% 50 fk24c0g1h472j fk14c0g1h472j c0g 5600pf 5% 50 fk24c0g1h562j fk14c0g1h562j c0g 6800pf 5% 50 fk24c0g1h682j fk14c0g1h682j c0g 8200pf 5% 50 fk24c0g1h822j fk14c0g1h822j c0g 10000pf 5% 50 fk24c0g1h103j fk14c0g1h103j c0g 15000pf 5% 50 fk24c0g1h153j fk14c0g1h153j c0g 22000pf 5% 50 fk24c0g1h223j fk14c0g1h223j c0g 33000pf 5% 50 fk24c0g1h333j fk14c0g1h333j temperature characteristics capacitance tolerance rated voltage edc(v) part no. fk26 type fk16 type c0g 4700pf 5% 50 fk26c0g1h472j fk16c0g1h472j c0g 5600pf 5% 50 fk26c0g1h562j fk16c0g1h562j c0g 6800pf 5% 50 fk26c0g1h682j fk16c0g1h682j c0g 8200pf 5% 50 fk26c0g1h822j fk16c0g1h822j c0g 10000pf 5% 50 fk26c0g1h103j fk16c0g1h103j c0g 15000pf 5% 50 fk26c0g1h153j fk16c0g1h153j c0g 22000pf 5% 50 fk26c0g1h223j fk16c0g1h223j c0g 33000pf 5% 50 fk26c0g1h333j fk16c0g1h333j c0g 47000pf 5% 50 fk26c0g1h473j fk16c0g1h473j c0g 68000pf 5% 50 fk26c0g1h683j fk16c0g1h683j c0g 0.1f 5% 50 fk26c0g1h104j fk16c0g1h104j 4.5max. 5.0 1.0 2.5max. 2.5max. 5.5max. 7 2 dimensions in mm fk24 5 +3 ?1 fk14 2.5 0.8 4.5max. 5.5max. ?0.5 +0.1 ?0.03 ?0.5 +0.1 ?0.03 5.5max. 5.5max. 5.0 1.0 3.5max. 3.5max. 6.0max. 6.0max. 7 2 dimensions in mm fk26 5 +3 ?1 fk16 2.5 0.8 ?0.5 +0.1 ?0.03 ?0.5 +0.1 ?0.03
(4/11) 003-03 / 20110517 / e4941_fk.fm  all specifications are subject to change without notice. FK20 and fk11 types shapes and dimensions rated voltage edc: 50v fk22 type shapes and dimensions rated voltage edc: 50v temperature characteristics capacitance tolerance rated voltage edc(v) part no. FK20 type fk11 type c0g 22000pf 5% 50 FK20c0g1h223j fk11c0g1h223j c0g 33000pf 5% 50 FK20c0g1h333j fk11c0g1h333j c0g 47000pf 5% 50 FK20c0g1h473j fk11c0g1h473j c0g 68000pf 5% 50 FK20c0g1h683j fk11c0g1h683j c0g 0.1f 5% 50 FK20c0g1h104j fk11c0g1h104j temperature characteristics capacitance tolerance rated voltage edc(v) part no. fk22 type c0g 0.15f 5% 50 fk22c0g1h154j c0g 0.22f 5% 50 fk22c0g1h224j 5.5max. 5.5max. 5.0 1.0 4.0max. 4.0max. 7.0max. 7.0max. 7 2 dimensions in mm FK20 5 +3 ?1 fk11 2.5 0.8 ?0.5 +0.1 ?0.03 ?0.5 +0.1 ?0.03 7.5max. 5.0 1.0 4.0max. 8.0max. 7 2 dimensions in mm ?0.5 +0.1 ?0.03
(5/11) 003-03 / 20110517 / e4941_fk.fm  all specifications are subject to change without notice. capacitance ranges: class 2 fk28 and fk18 types shapes and dimensions rated voltage edc: 6.3 to 50v temperature characteristics capacitance tolerance rated voltage edc(v) part no. fk28 type fk18 type x7r 1000pf 10% 50 fk28x7r1h102k fk18x7r1h102k x7r 1500pf 10% 50 fk28x7r1h152k fk18x7r1h152k x7r 2200pf 10% 50 fk28x7r1h222k fk18x7r1h222k x7r 3300pf 10% 50 fk28x7r1h332k fk18x7r1h332k x7r 4700pf 10% 50 fk28x7r1h472k fk18x7r1h472k x7r 6800pf 10% 50 fk28x7r1h682k fk18x7r1h682k x7r 10000pf 10% 50 fk28x7r1h103k fk18x7r1h103k x7r 15000pf 10% 50 fk28x7r1h153k fk18x7r1h153k x7r 22000pf 10% 50 fk28x7r1h223k fk18x7r1h223k x7r 33000pf 10% 50 fk28x7r1h333k fk18x7r1h333k x7r 47000pf 10% 50 fk28x7r1h473k fk18x7r1h473k x7r 68000pf 10% 50 fk28x7r1h683k fk18x7r1h683k x7r 0.1f 10% 50 fk28x7r1h104k fk18x7r1h104k x7r 0.15f 10% 50 fk28x7r1h154k fk18x7r1h154k x7r 0.22f 10% 50 fk28x7r1h224k fk18x7r1h224k x7r 0.1f 10% 25 fk28x7r1e104k fk18x7r1e104k x7r 0.15f 10% 25 fk28x7r1e154k fk18x7r1e154k x7r 0.22f 10% 25 fk28x7r1e224k fk18x7r1e224k x7r 0.33f 10% 25 fk28x7r1e334k fk18x7r1e334k x7r 0.47f 10% 25 fk28x7r1e474k fk18x7r1e474k x7r 0.68f 10% 25 fk28x7r1e684k fk18x7r1e684k x7r 1f 10% 25 fk28x7r1e105k fk18x7r1e105k x7r 0.22f 10% 16 fk28x7r1c224k fk18x7r1c224k x7r 0.33f 10% 16 fk28x7r1c334k fk18x7r1c334k x7r 0.47f 10% 16 fk28x7r1c474k fk18x7r1c474k x7r 0.68f 10% 16 fk28x7r1c684k fk18x7r1c684k x7r 1f 10% 16 fk28x7r1c105k fk18x7r1c105k x7r 1.5f 10% 6.3 fk28x7r0j155k fk18x7r0j155k x7r 2.2f 10% 6.3 fk28x7r0j225k fk18x7r0j225k x5r 0.22f 10% 25 fk28x5r1e224k fk18x5r1e224k x5r 0.33f 10% 25 fk28x5r1e334k fk18x5r1e334k x5r 0.47f 10% 25 fk28x5r1e474k fk18x5r1e474k x5r 0.68f 10% 25 fk28x5r1e684k fk18x5r1e684k x5r 1f 10% 25 fk28x5r1e105k fk18x5r1e105k x5r 0.47f 10% 16 fk28x5r1c474k fk18x5r1c474k x5r 0.68f 10% 16 fk28x5r1c684k fk18x5r1c684k x5r 1f 10% 16 fk28x5r1c105k fk18x5r1c105k x5r 1.5f 10% 16 fk28x5r1c155k fk18x5r1c155k x5r 2.2f 10% 16 fk28x5r1c225k fk18x5r1c225k x5r 0.33f 10% 10 fk28x5r1a334k fk18x5r1a334k x5r 0.47f 10% 10 fk28x5r1a474k fk18x5r1a474k x5r 0.68f 10% 10 fk28x5r1a684k fk18x5r1a684k x5r 1f 10% 10 fk28x5r1a105k fk18x5r1a105k x5r 1.5f 10% 10 fk28x5r1a155k fk18x5r1a155k x5r 2.2f 10% 10 fk28x5r1a225k fk18x5r1a225k x5r 3.3f 10% 10 fk28x5r1a335k fk18x5r1a335k x5r 4.7f 10% 10 fk28x5r1a475k fk18x5r1a475k 4.0max. 5.0 1.0 2.5max. 5.5max. 7 2 5 +3 ?1 dimensions in mm fk28 fk18 2.5 0.8 4.0max. 5.5max. 2.5max. 2.5max. 2.5max. ?0.5 +0.1 ?0.03 ?0.5 +0.1 ?0.03
(6/11) 003-03 / 20110517 / e4941_fk.fm  all specifications are subject to change without notice. rated voltage edc: 6.3 to 50v temperature characteristics capacitance tolerance rated voltage edc(v) part no. fk28 type fk18 type x5r 1f 10% 6.3 fk28x5r0j105k fk18x5r0j105k x5r 1.5f 10% 6.3 fk28x5r0j155k fk18x5r0j155k x5r 2.2f 10% 6.3 fk28x5r0j225k fk18x5r0j225k x5r 3.3f 10% 6.3 fk28x5r0j335k fk18x5r0j335k x5r 4.7f 10% 6.3 fk28x5r0j475k fk18x5r0j475k x5r 6.8f 10% 6.3 fk28x5r0j685k fk18x5r0j685k x5r 10f 20% 6.3 fk28x5r0j106m fk18x5r0j106m y5v 0.1f +80, ?20% 50 fk28y5v1h104z fk18y5v1h104z y5v 0.22f +80, ?20% 50 fk28y5v1h224z fk18y5v1h224z y5v 0.47f +80, ?20% 50 fk28y5v1h474z fk18y5v1h474z y5v 0.47f +80, ?20% 25 fk28y5v1e474z fk18y5v1e474z y5v 1f +80, ?20% 25 fk28y5v1e105z fk18y5v1e105z y5v 1f +80, ?20% 16 fk28y5v1c105z fk18y5v1c105z y5v 2.2f +80, ?20% 16 fk28y5v1c225z fk18y5v1c225z y5v 2.2f +80, ?20% 10 fk28y5v1a225z fk18y5v1a225z y5v 4.7f +80, ?20% 6.3 fk28y5v0j475z fk18y5v0j475z
(7/11) 003-03 / 20110517 / e4941_fk.fm  all specifications are subject to change without notice. fk24 and fk14 types shapes and dimensions rated voltage edc: 6.3 to 50v temperature characteristics capacitance tolerance rated voltage edc(v) part no. fk24 type fk14 type x7r 0.15f 10% 50 fk24x7r1h154k fk14x7r1h154k x7r 0.22f 10% 50 fk24x7r1h224k fk14x7r1h224k x7r 0.33f 10% 50 fk24x7r1h334k fk14x7r1h334k x7r 0.47f 10% 50 fk24x7r1h474k fk14x7r1h474k x7r 0.68f 10% 50 fk24x7r1h684k fk14x7r1h684k x7r 1f 10% 50 fk24x7r1h105k fk14x7r1h105k x7r 0.47f 10% 25 fk24x7r1e474k fk14x7r1e474k x7r 0.68f 10% 25 fk24x7r1e684k fk14x7r1e684k x7r 1f 10% 25 fk24x7r1e105k fk14x7r1e105k x7r 1.5f 10% 25 fk24x7r1e155k fk14x7r1e155k x7r 2.2f 10% 25 fk24x7r1e225k fk14x7r1e225k x7r 3.3f 10% 25 fk24x7r1e335k fk14x7r1e335k x7r 4.7f 10% 25 fk24x7r1e475k fk14x7r1e475k x7r 0.68f 10% 16 fk24x7r1c684k fk14x7r1c684k x7r 1f 10% 16 fk24x7r1c105k fk14x7r1c105k x7r 1.5f 10% 16 fk24x7r1c155k fk14x7r1c155k x7r 2.2f 10% 16 fk24x7r1c225k fk14x7r1c225k x7r 3.3f 10% 16 fk24x7r1c335k fk14x7r1c335k x7r 4.7f 10% 16 fk24x7r1c475k fk14x7r1c475k x7r 6.8f 10% 6.3 fk24x7r0j685k fk14x7r0j685k x7r 10f 10% 6.3 fk24x7r0j106k fk14x7r0j106k x5r 0.68f 10% 25 fk24x5r1e684k fk14x5r1e684k x5r 1f 10% 25 fk24x5r1e105k fk14x5r1e105k x5r 1.5f 10% 25 fk24x5r1e155k fk14x5r1e155k x5r 2.2f 10% 25 fk24x5r1e225k fk14x5r1e225k x5r 3.3f 10% 25 fk24x5r1e335k fk14x5r1e335k x5r 4.7f 10% 25 fk24x5r1e475k fk14x5r1e475k x5r 1f 10% 16 fk24x5r1c105k fk14x5r1c105k x5r 1.5f 10% 16 fk24x5r1c155k fk14x5r1c155k x5r 2.2f 10% 16 fk24x5r1c225k fk14x5r1c225k x5r 3.3f 10% 16 fk24x5r1c335k fk14x5r1c335k x5r 4.7f 10% 16 fk24x5r1c475k fk14x5r1c475k x5r 10f 10% 16 fk24x5r1c106k fk14x5r1c106k x5r 1.5f 10% 10 fk24x5r1a155k fk14x5r1a155k x5r 2.2f 10% 10 fk24x5r1a225k fk14x5r1a225k x5r 3.3f 10% 10 fk24x5r1a335k fk14x5r1a335k x5r 4.7f 10% 10 fk24x5r1a475k fk14x5r1a475k x5r 6.8f 10% 10 fk24x5r1a685k fk14x5r1a685k x5r 10f 10% 10 fk24x5r1a106k fk14x5r1a106k x5r 4.7f 10% 6.3 fk24x5r0j475k fk14x5r0j475k x5r 6.8f 10% 6.3 fk24x5r0j685k fk14x5r0j685k x5r 10f 10% 6.3 fk24x5r0j106k fk14x5r0j106k x5r 15f 20% 6.3 fk24x5r0j156m fk14x5r0j156m x5r 22f 20% 6.3 fk24x5r0j226m fk14x5r0j226m y5v 0.47f +80, ?20% 50 fk24y5v1h474z fk14y5v1h474z y5v 1f +80, ?20% 50 fk24y5v1h105z fk14y5v1h105z y5v 2.2f +80, ?20% 50 fk24y5v1h225z fk14y5v1h225z y5v 2.2f +80, ?20% 25 fk24y5v1e225z fk14y5v1e225z y5v 4.7f +80, ?20% 25 fk24y5v1e475z fk14y5v1e475z y5v 4.7f +80, ?20% 16 fk24y5v1c475z fk14y5v1c475z y5v 10f +80, ?20% 16 fk24y5v1c106z fk14y5v1c106z y5v 10f +80, ?20% 10 fk24y5v1a106z fk14y5v1a106z y5v 22f +80, ?20% 6.3 fk24y5v0j226z fk14y5v0j226z 4.5max. 5.0 1.0 2.5max. 2.5max. 5.5max. 7 2 dimensions in mm fk24 5 +3 ?1 fk14 2.5 0.8 4.5max. 5.5max. ?0.5 +0.1 ?0.03 ?0.5 +0.1 ?0.03
(8/11) 003-03 / 20110517 / e4941_fk.fm  all specifications are subject to change without notice. fk26 and fk16 types shapes and dimensions rated voltage edc: 6.3 to 50v temperature characteristics capacitance tolerance rated voltage edc(v) part no. fk26 type fk16 type x7r 0.47f 10% 50 fk26x7r1h474k fk16x7r1h474k x7r 0.68f 10% 50 fk26x7r1h684k fk16x7r1h684k x7r 1f 10% 50 fk26x7r1h105k fk16x7r1h105k x7r 1.5f 10% 50 fk26x7r1h155k fk16x7r1h155k x7r 2.2f 10% 50 fk26x7r1h225k fk16x7r1h225k x7r 0.68f 10% 25 fk26x7r1e684k fk16x7r1e684k x7r 1f 10% 25 fk26x7r1e105k fk16x7r1e105k x7r 1.5f 10% 25 fk26x7r1e155k fk16x7r1e155k x7r 2.2f 10% 25 fk26x7r1e225k fk16x7r1e225k x7r 3.3f 10% 25 fk26x7r1e335k fk16x7r1e335k x7r 4.7f 10% 25 fk26x7r1e475k fk16x7r1e475k x7r 6.8f 10% 25 fk26x7r1e685k fk16x7r1e685k x7r 10f 10% 25 fk26x7r1e106k fk16x7r1e106k x7r 3.3f 10% 16 fk26x7r1c335k fk16x7r1c335k x7r 4.7f 10% 16 fk26x7r1c475k fk16x7r1c475k x7r 6.8f 10% 16 fk26x7r1c685k fk16x7r1c685k x7r 10f 10% 16 fk26x7r1c106k fk16x7r1c106k x5r 1f 10% 50 fk26x5r1h105k fk16x5r1h105k x5r 1.5f 10% 25 fk26x5r1e155k fk16x5r1e155k x5r 2.2f 10% 25 fk26x5r1e225k fk16x5r1e225k x5r 3.3f 10% 25 fk26x5r1e335k fk16x5r1e335k x5r 4.7f 10% 25 fk26x5r1e475k fk16x5r1e475k x5r 3.3f 10% 16 fk26x5r1c335k fk16x5r1c335k x5r 4.7f 10% 16 fk26x5r1c475k fk16x5r1c475k x5r 6.8f 10% 16 fk26x5r1c685k fk16x5r1c685k x5r 10f 10% 16 fk26x5r1c106k fk16x5r1c106k x5r 6.8f 10% 10 fk26x5r1a685k fk16x5r1a685k x5r 10f 10% 10 fk26x5r1a106k fk16x5r1a106k x5r 6.8f 10% 6.3 fk26x5r0j685k fk16x5r0j685k x5r 10f 10% 6.3 fk26x5r0j106k fk16x5r0j106k x5r 15f 20% 6.3 fk26x5r0j156m fk16x5r0j156m x5r 22f 20% 6.3 fk26x5r0j226m fk16x5r0j226m x5r 33f 20% 6.3 fk26x5r0j336m fk16x5r0j336m x5r 47f 20% 6.3 fk26x5r0j476m fk16x5r0j476m y5v 2.2f +80, ?20% 50 fk26y5v1h225z fk16y5v1h225z y5v 4.7f +80, ?20% 50 fk26y5v1h475z fk16y5v1h475z y5v 4.7f +80, ?20% 25 fk26y5v1e475z fk16y5v1e475z y5v 10f +80, ?20% 25 fk26y5v1e106z fk16y5v1e106z y5v 10f +80, ?20% 16 fk26y5v1c106z fk16y5v1c106z y5v 22f +80, ?20% 16 fk26y5v1c226z fk16y5v1c226z y5v 22f +80, ?20% 10 fk26y5v1a226z fk16y5v1a226z y5v 47f +80, ?20% 6.3 fk26y5v0j476z fk16y5v0j476z 5.5max. 5.5max. 5.0 1.0 3.5max. 3.5max. 6.0max. 6.0max. 7 2 dimensions in mm fk26 5 +3 ?1 fk16 2.5 0.8 ?0.5 +0.1 ?0.03 ?0.5 +0.1 ?0.03
(9/11) 003-03 / 20110517 / e4941_fk.fm  all specifications are subject to change without notice. FK20 and fk11 types shapes and dimensions rated voltage edc: 6.3 to 50v temperature characteristics capacitance tolerance rated voltage edc(v) part no. FK20 type fk11 type x7r 0.68f 10% 50 FK20x7r1h684k fk11x7r1h684k x7r 1f 10% 50 FK20x7r1h105k fk11x7r1h105k x7r 1.5f 10% 50 FK20x7r1h155k fk11x7r1h155k x7r 2.2f 10% 50 FK20x7r1h225k fk11x7r1h225k x7r 3.3f 10% 50 FK20x7r1h335k fk11x7r1h335k x7r 4.7f 10% 50 FK20x7r1h475k fk11x7r1h475k x7r 2.2f 10% 25 FK20x7r1e225k fk11x7r1e225k x7r 3.3f 10% 25 FK20x7r1e335k fk11x7r1e335k x7r 4.7f 10% 25 FK20x7r1e475k fk11x7r1e475k x7r 6.8f 10% 25 FK20x7r1e685k fk11x7r1e685k x7r 10f 10% 25 FK20x7r1e106k fk11x7r1e106k x7r 10f 10% 16 FK20x7r1c106k fk11x7r1c106k x7r 15f 20% 16 FK20x7r1c156m fk11x7r1c156m x7r 22f 20% 16 FK20x7r1c226m fk11x7r1c226m x7r 22f 20% 10 FK20x7r1a226m fk11x7r1a226m x5r 2.2f 10% 50 FK20x5r1h225k fk11x5r1h225k x5r 3.3f 10% 50 FK20x5r1h335k fk11x5r1h335k x5r 4.7f 10% 25 FK20x5r1e475k fk11x5r1e475k x5r 6.8f 10% 25 FK20x5r1e685k fk11x5r1e685k x5r 10f 10% 25 FK20x5r1e106k fk11x5r1e106k x5r 10f 10% 16 FK20x5r1c106k fk11x5r1c106k x5r 15f 20% 16 FK20x5r1c156m fk11x5r1c156m x5r 22f 20% 16 FK20x5r1c226m fk11x5r1c226m x5r 15f 20% 10 FK20x5r1a156m fk11x5r1a156m x5r 22f 20% 10 FK20x5r1a226m fk11x5r1a226m x5r 22f 20% 6.3 FK20x5r0j226m fk11x5r0j226m x5r 33f 20% 6.3 FK20x5r0j336m fk11x5r0j336m x5r 47f 20% 6.3 FK20x5r0j476m fk11x5r0j476m x5r 68f 20% 6.3 FK20x5r0j686m fk11x5r0j686m x5r 100f 20% 6.3 FK20x5r0j107m fk11x5r0j107m x7s 4.7f 10% 50 FK20x7s1h475k fk11x7s1h475k x7s 6.8f 10% 50 FK20x7s1h685k fk11x7s1h685k x7s 10f 10% 50 FK20x7s1h106k fk11x7s1h106k y5v 4.7f +80, ?20% 50 FK20y5v1h475z fk11y5v1h475z y5v 10f +80, ?20% 50 FK20y5v1h106z fk11y5v1h106z y5v 10f +80, ?20% 25 FK20y5v1e106z fk11y5v1e106z y5v 22f +80, ?20% 25 FK20y5v1e226z fk11y5v1e226z y5v 22f +80, ?20% 16 FK20y5v1c226z fk11y5v1c226z y5v 47f +80, ?20% 16 FK20y5v1c476z fk11y5v1c476z y5v 47f +80, ?20% 10 FK20y5v1a476z fk11y5v1a476z y5v 100f +80, ?20% 6.3 FK20y5v0j107z fk11y5v0j107z 5.5max. 5.5max. 5.0 1.0 4.0max. 4.0max. 7.0max. 7.0max. 7 2 dimensions in mm FK20 5 +3 ?1 fk11 2.5 0.8 ?0.5 +0.1 ?0.03 ?0.5 +0.1 ?0.03
(10/11) 003-03 / 20110517 / e4941_fk.fm  all specifications are subject to change without notice. fk22 type shapes and dimensions rated voltage edc: 6.3 to 50v temperature characteristics capacitance (pf) tolerance rated voltage edc(v) part no. fk22 type x7r 1.5f 10% 50 fk22x7r1h155k x7r 2.2f 10% 50 fk22x7r1h225k x7r 3.3f 10% 50 fk22x7r1h335k x7r 4.7f 10% 50 fk22x7r1h475k x7r 6.8f 10% 50 fk22x7r1h685k x7r 4.7f 10% 25 fk22x7r1e475k x7r 6.8f 10% 25 fk22x7r1e685k x7r 10f 10% 25 fk22x7r1e106k x7r 15f 20% 25 fk22x7r1e156m x7r 22f 20% 25 fk22x7r1e226m x7r 15f 20% 16 fk22x7r1c156m x7r 22f 20% 16 fk22x7r1c226m x7r 33f 20% 16 fk22x7r1c336m x5r 4.7f 10% 50 fk22x5r1h475k x5r 6.8f 10% 50 fk22x5r1h685k x5r 15f 20% 25 fk22x5r1e156m x5r 22f 20% 25 fk22x5r1e226m x5r 33f 20% 16 fk22x5r1c336m x5r 33f 20% 10 fk22x5r1a336m x5r 47f 20% 10 fk22x5r1a476m x5r 68f 20% 6.3 fk22x5r0j686m x5r 100f 20% 6.3 fk22x5r0j107m y5v 100f +80, ?20% 10 fk22y5v1a107z 7.5max. 5.0 1.0 4.0max. 8.0max. 7 2 dimensions in mm ?0.5 +0.1 ?0.03  for more information about products with other capacitance or other data, please contact us.
(11/11) 003-03 / 20110517 / e4941_fk.fm  all specifications are subject to change without notice. packaging styles taping dimensions fk1 series (fk18/fk14/fk16/fk11 types) ? 1 accumulated pitch tolerance shall be 2mm for 20 pitches. ? 2 adhesive tape shall not stick out from carrier tape. fk2 series (fk28/fk24/fk26/FK20/fk22 types) ? 1 accumulated pitch tolerance shall be 2mm for 20 pitches. ? 2 adhesive tape shall not stick out from carrier tape. packaging quantities symbol dime nsions(mm) p 12.71.0 p 0 ? 1 12.70.3 p 1 5.10.7 p 2 6.351.3 w 0 12.01.0 w 1 9.00.5 w 2 ? 2 3.0max. w 3 18.0+1.0, ?0.5 h 0 16.00.5 1.0max. t0.60.2 l 0 11.0max. f 2.5+0.5, ?0.2 ?d ?0.5+0.1, ?0.03 ?d ?4.00.2 ? h02 symbol dime nsions(mm) p 12.71.0 p 0 ? 1 12.70.3 p 1 3.850.7 p 2 6.351.3 w 0 12.01.0 w 1 9.00.5 w 2 ? 2 3.0max. w 3 18.0+1.0, ?0.5 h 0 16.00.5 1.0max. t0.60.2 l 0 11.0max. f 5.0+0.8, ?0.2 ?d ?0.5+0.1, ?0.03 ?d ?4.00.2 ? h02 p p 2 l 0 h 0 w 3 w 1 ?d f p 1 ? h ?d t p w 0 w 2 p 0 p p 2 l 0 h 0 w 3 w 1 f p 1 p ? h t w 0 w 2 ?d ?d p 0 type quantity fk18, fk28 fk14, fk24 fk16, fk26 2000 pieces/1box fk11, FK20, k22 1500 pieces/1box


▲Up To Search▲   

 
Price & Availability of FK20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X