Part Number Hot Search : 
ASI10597 T74FS 2SD382 UG1005 IMP1233D ADN2849 BY254GP LBC847C
Product Description
Full Text Search
 

To Download FDMS015N04B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  new products, tips and tools for power and mobile applications benchmarks ? greater noise immunity, less power dissipation for automotive applications the fan7171 (high-current, high-side gate driver ic) and fan7190 (high-current, high- and low-side gate driver ic) deliver increased effciency, higher drive current and greater noise immunity. these devices are optimized for electric and hybrid electric dc-dc power conversion, high-voltage auxiliaries, diesel and gasoline fuel injection, and other high-power mosfet and igbt driver applications. the fan7171 can drive high-speed, high-side mosfets and igbts that operate up to +600v, while the fan7190 can independently drive high- and low-side mosfets and igbts that also operate up to +600v. both devices are highly integrated and provide increased functionality, resulting in reduced component count, bill of material costs and board space. advantages ? greater noise immunity: negative voltage swing (vs) down to C9.8v at 15v bs ? current driving capability of 4.5a/4.5a sourcing/sinking ? qualifed to aec-q100 automotive class 1 applications ? body electronics ? powertrain for more information, please visit: fairchildsemi.com/pf/fa/fan7171_f085.html fairchildsemi.com/pf/fa/fan7190_f085.html vol. 3, 2012 high-current, high-voltage gate drivers: fan7171, high-side and fan7190 high- & low-side product number floating offset voltage (max) (v) recharge supply voltage (min) (v) supply voltage (max) (v) t on / t off typ (ns) t r /t f typ (ns) pulsed output current (ma) package fan7171_f085 600 bootstrap 10 20 150/ 150 25/ 15 4000/ 4000 so-8 fan7190_f085 600 bootstrap 10 22 140/ 140 25/ 20 4500/ 4500 so-8
automotive solutions reliable, integrated smart high-side switches offer space-savings reliably and safely switching high currents into grounded resistive or inductive loads is a necessity for designers of automotive applications. fairchild has developed a smart high-side switch family that specifcally addresses advanced electrical loadwithout relying on discrete mosfet solutions. by integrating protection and diagnostic features, you beneft from reduced component count and pcb complexity, as well as better system reliability. the family includes the fdds100h06_f085 smart high-side switch, an n-channel power mosfet with charge pump, ground-referenced cmos- compatible input and diagnostic output with integrated protection functions. the family also offers the fdbs09h04a_f085a and fdds10h04a_f085a smart high-side switches, incorporating an n-channel power mosfet device featuring a charge pump, current controlled input and diagnostic feedback with load current sense and integrated smart trench chip-on-chip technology. advantages ? short circuit protection ? current limitation ? thermal shutdown with restart ? overvoltage protection (including load dump) ? very low standby current ? fast demagnetization of inductive loads ? open load detection in on-state ? cmos compatible input ? esd protection ? optimized static electromagnetic compatibility ? open drain fault output ? qualifed to aec-q100 applications ? body electronics ? infotainment ? portable navigation ? powertrain ? safety and control ? vehicle security systems for more information, please visit: fairchildsemi.com/pf/fd/fdbs09h04a_f085.html fairchildsemi.com/pf/fd/fdds10h04a.html fairchildsemi.com/pf/fd/fdds100h06_f085.html automotive body, lighting and powertrain applications product number r ds(on) m i load (a) supply voltage (v) package fdbs09h04a_f085a 9 48 5.5 to 38 to263_7l fdds10h04a_f085a 10 41 5.5 to 38 to252_5l fdds100h06_f085 100 3 5.5 to 37 to252_5l
30v power33 mosfet s reduce board space with best-in-class power density power effciency standards and end-system requirements are forcing design - ers to seek energy-effcient solutions that help shrink their applications power supply form factor. fairchilds fdmc8010 30v power33 mosfet meets these needs while improving power densityin a 3.3mm x 3.3mm pqfn form factor that has a 66% footprint area savings. using fairchilds powertrench ? technology, the fdmc8010 is well-suited for applications where the lowest r ds(on) is required in small spaces. in isolated 1/16th brick dc-dc converter applications, the power33 mosfets r ds(on) of only 1.3m max, is 25% smaller than the competitive solution in this footprint. additionally, the device reduces conduction losses, thereby improving thermal effciency by up to 25%. advantages ? high performance technology for best-in-class r ds(on) of 1.3m max ? 3.3mm x 3.3mm industry- standard form factor, pqfn C saves board space ? lower power conduction loss ? higher power density ? higher effciency applications ? isolated dc-dc synchronous rectifcation ? point-of-load synchronous buck conversion ? high effciency load switch and low-side switching ? o-ring fet for more information, please visit: fairchildsemi.com/pf/fd/fdmc8010.html shrink your design while delivering best-in-class power density product number bv dss (v) i d (a) t a = 25c r ds(on) max q g (nc) 0v to 4.5v q gd (nc) pf c iss package fdmc8010 25 30 10v 4.5v 45 9.5 4405 pqfn 3.3mm x 3.3mm (power33) 1.3m 1.8m
dual n-channel powert rench ? mosfet achieve highest power density, effciency in power supply designs the challenge of providing higher power density and effciency in less board space goes hand-in-hand with the increasing requirements to provide added functionality in high-density embedded dc-dc power supplies. a solution to this dilemma, fairchilds fdpc8011s, has been developed to operate at higher switching frequencies, and includes two specialized n-channel mosfets in a dual package. the switch node has been internally connected to enable easy placement and routing of synchronous buck converters. the control mosfet (q1) and synchronous syncfet ? (q2) have been designed to provide optimal power effciency. the fdpc8011s consists of a 1.4m syncfet technology and a 5.4m control, low fgure of merit n-channel mosfet integrated in an all-clip package, which helps reduce the capacitor count and inductor size. the devices source down, low-side allows for simple placement and routing, enabling a more compact board layout and achieving optimal thermal performance. advantages ? control n-channel mosfet with r ds(on) = 5.4m typical, (7.3m max) at v gs = 4.5v ? synchronous n-channel mosfet with r ds(on) = 1.4m typical, (2.1m max) at v gs = 4.5v ? low inductance packaging shortens rise/fall times, resulting in lower switching losses ? mosfet integration enables optimum layout for lower circuit inductance and reduced switch node ringing applications ? computing ? communications ? general purpose point-of-load for more information, please visit: fairchildsemi.com/pf/fd/fdpc8011s.html power clip dual n-channel powertrench ? mosfet product number schottky body diode bv dss (v) r ds(on) max (m) @ 4.5v v gs q g typ (nc) @ v gs = 4.5v c oss typ (pf) high-side dimension (mm) fdpc8011s yes 25 high- side low- side high- side low- side low- side high- side 3.3 x 3.3 7.3 1.4 9 30 332 1126
highest power effciency with the drmos family gene ration iii xs ? drmos f amil y advantages ? 93% at peak and 91% at 30a, 500khz frequency; 12v in , 1v out ? 90% at peak and 88% at 30a, 1mhz frequency; 12v in , 1v out ? high current handling: 60a @ 100c t j ? capable of operating up to 1.5mhz switching frequency ? eliminates need for a heat sink in typical designs applications ? notebook or ultrabook ? power systems for more information, please visit: fairchildsemi.com/pf/fd/fdmf6820a.html fairchildsemi.com/pf/fd/fdmf6820b.html fairchildsemi.com/pf/fd/fdmf6820c.html fairchildsemi.com/pf/fd/fdmf6823a.html fairchildsemi.com/pf/fd/fdmf6823b.html fairchildsemi.com/pf/fd/fdmf6823c.html fairchildsemi.com/pf/fd/fdmf6833c.html fairchildsemi.com/pf/fd/fdmf6708n.html achieve improved effciency with >1mhz switching frequencies, increased maxi mum load current and greater power density with fairchilds generation iii xs drmos multi-chip mode module family. the fdmf68xx family achieves eff ciency standards targets, while providing up to 60a per phase in a 6mm x 6mm pqfn package. both 3.3v and 5v tri-state pwm input voltages for digital and analog pwm controllers, and a 30v device option make the drmos family a good choice for use in ultrabook systems. designed to enable a reduced inductor and output capacitor count, the fdmf68xx series saves up to 50% of board space as compared to conventional discrete solutions. the fdmf68xx series dramatically reduces switch ringing, using fairchilds high-performance powertrench mosfet technology, elimi nating the need for using a snubber circuit in most buck converter applications. fdms68xx generation iii xs ? multi-chip mode module family product number i out (a) pwm input thermal protection smod or zcd mosfet bv dss eff. @ 30a, 12v in , 1v out , 500khz eff. @ 40a, 12v in , 1v out , 500khz 3.3v tri-state fdmf6820a 60 3.3v tri-state warning smod 25 91.1% 89.2% fdmf6820b 55 3.3v tri-state warning smod 25 90.8% 88.6% fdmf6820c 50 3.3v tri-state warning smod 25 90% 87.4% 5v tri-state fmdf6823a 60 5v tri-state warning smod 25 91.1% 89.2% fmdf6823b 55 5v tri-state warning smod 25 90.8% 88.6% fmdf6823c 50 5v tri-state warning smod 25 90% 87.4% 30 bv dss fdmf6833c 50 5v tri-state warning smod 30 89.3% 86.1% notebook fdmf6708n 45 5v tri-state warning zcd 30 87.6% 84.4%
p-channel powert rench ? mosfet s save space and manage thermal issues in mobile designs designers of mobile devices are challenged to save space, increase effciency and manage thermal issues in their end applications. now minimizing both board space and r ds(on) in a miniature form factor is possible with the fdz661pz and fdz663p p-channel, 1.5v specifed powertrench ? thin wlcsp mos - fets. these advanced wlcsp mosfets use a state-of-the-art fne pitch, thin wlcsp packaging process which enables the devices to combine excel - lent thermal transfer characteristics, ultra-low profile (<0.4mm) and small (0.8mm x 0.8mm) packaging, low gate charge, and low r ds(on) . advantages ? occupies only 0.64mm 2 of pcb area ? ultra-thin package: less than 0.4mm height when mounted to pcb ? excellent thermal characteristics ? hbm esd protection level 2kv (fdz661pz) applications ? battery management ? load switch ? battery protection for more information, please visit: fairchildsemi.com/pf/fd/fdz661pz.html fairchildsemi.com/pf/fd/fdz663p.html state-of-the-art fine pitch, thin wlcsp for mobile devices product number bv dss (v) v gs (v) v gs(th) (v) typ r ds(on) (m) max q g typ (nc) @ v gs = 4.5v i d (a) p d (w) package fdz661pz -20 8 -1.5v gs - 4.5v gs 6.3 8.8 -2.6 0.4 wlcsp (0.8mm x 0.8mm) 315m 140m fdz663p -20 8 -1.5v gs - 4.5v gs 5.9 8.2 -2.7 0.4 wlcsp (0.8mm x 0.8mm) 288m 134m
p-channel powert rench ? mosfet s advantages ? 10mm minimum creepage and clearance distance (fod8320) ? 8mm minimum creepage and clearance distance (fod8321) ? use of p-channel mosfets at output stage enables output voltage swing close to the supply rail ? fast switching speed over full operating temperature range ? 400ns max. propagation delay (fod8320) ? 100ns max. pulse wide distortion (fod8320) ? under voltage lockout (uvlo) with hysteresis ? extended industrial temperate range: C40c to 100c applications ? ac and brushless dc motor drives ? industrial inverters ? uninterruptible power supplies (upss) ? induction heating ? isolated igbt/power mosfet gate drivers for more information, please visit: fairchildsemi.com/pf/fo/fod8320.html fairchildsemi.com/pf/fo/fod8321.html high-voltage insulation reliability in small form factor achieve reliable and high-insulation voltage as well as high-noise immunity in high-power industrial applications with fairchilds fod8320 and fod8321, advanced 2.5a current output gate driver optocouplers. utilizing fairchilds optoplanar ? packaging technology and optimized ic design, both devices are housed in a wide body 5-pin small outline package. the fod8320 offers a compact footprint while allowing for a creepage and clearance distance of greater than 10mm and an internal insulation distance of 0.5mm. the fod8321 is an alternative for customers who do not require the 10mm creepage and clearance distance but need the small form factor. both devices provide an extended industrial temperature range (-40c to 100c) and are well suited for fast switching of power igbts and mosfets used in industrial inverter applications. solutions for high-vol tag e appli cations 1 3 6 5 4 anode cathode v dd v o v ss reliable high-voltage insulation in wide body, so5 package product number min peak load current (a) working voltage (v) cmh cml (v/s) t plh / t phl (ns) pwd (ns) v iso (v) operating temp (c) package type max min max max min fod8320 2.5 1,414 35,000 400 100 5000 -40c to 100c wide body so5 fod8321 2.5 1,414 20,000 500 300 5000 -40c to 100c wide body so5
high-voltage blocking capability without sacrifcing performance the challenge of improving energy effciency with heat and thermal regulation, while keeping component count low, just became easier. fairchilds fgaxxn65smd series of 650v igbts for photovoltaic inverter applications addresses this need without sacrifcing performance. fairchilds field stop igbt technology enables designers to develop a highly reliable system design with higher input voltage while offering optimum performance where low conduction and switching losses are essential. this functionality means designs beneft from high current handling capability, positive temperature coeffcient, tight parameter distribution and a wide safe operating area. advantages ? positive temperature co-effcient for easy parallel operation ? high-current capability enables high power dc-ac conversion ? maximum junction temperature: t = 175oc ? low saturation voltage: v ce (sat) = 1.9v (typical) @ i = 40a/60a rated current ? fast switching speed allows the system to maintain high effciency ? low conduction and switching loss ? wide soa (safe operating area)allows for higher power dissipation ? tight parameter distribution applications ? solar pv inverter ? micro converter systems ? central inverter systems ? micro inverter systems ? ups, smps, welder and pfc applications for more information, please visit: fairchildsemi.com/pf/fg/fga40n65smd.html fairchildsemi.com/pf/fg/fga60n65smd.html fairchildsemi.com/applications/ solar-inverter/index.html fairchildsemi.com/onlineseminars/ q1 q2 q3 grid q4 cec (california energy commission) weighted effciencyCtested in pv inverter system application diagram of central mppt system (full-bridge inverter) 650v igbt s 40/60/80v powert rench ? mosfet s 98.00 97.00 96.00 95.00 94.00 93.00 92.00 91.00 300 600 900 1500 2250 3000 40n65smd 40n60smd competitor a competitor b p out (output power) (w) system ef ficiency (%) product number bv ces (v) i c @ 100c (a) v ce(sat) typ @ 25c, 15v (v) e off typ @ 25c (mj) p d @ 25c (w) v f typ @ 25c (v) t rr typ @ 25c (ns) t j (max) (c) package fga40n65smd 650 40 1.9 0.26 349 2.1@ 20a 42 @ 20a 175 to-3pn fga60n65smd 650 60 1.9 0.45 600 2.1@ 30a 47 @ 30a 175 to-3pn
40/60/80v powert rench ? mosfet s mid-voltage mosfets enhance synchronous rectifcation in smps designs designers of ac-dc power systems need cost-effective power supply solutions that minimize board space while increasing effciency and reducing power dissi - pation. power density and light-load effciency improvement are also key issues. part of the expanded powertrench ? mosfet family, fairchilds newest mid-voltage power mosfet portfolio of optimized power switches meets these needs. the family combines a small gate charge (q g ), a small reverse recovery charge (q rr ) and a soft-reverse recovery body diode, allowing for fast switch - ing speeds. available in a 40v, 60v and 80v rating, these devices require less snubber circuitry due to an optimized soft-body diode that reduces voltage spikes by up to 15% over the competitors solution. the first devices available include the 40v FDMS015N04B and 80v fdms039n08b available in a power56 package, and the 60v fdp020n06b and 80v fdp027n08b available in a to-220 3-lead package. advantages ? smaller package size (power56 and to-220 3-lead) with maximum thermal performance to system size ? lower q g to reduce gate driving loss ? low q gd /q gs ratio to prevent undesirable turn-on, improving system reliability ? low dynamic parasitic capacitances to reduce gate driving loss for high- frequency applications applications ? synchronous rectifcation for server/telecom psu ? battery charger and battery protection circuit ? dc motor drives and uninterruptible power supplies ? micro solar inverter for more information, please visit: fairchildsemi.com/products/mosfets/powertrench.html fairchildsemi.com/pf/fd/FDMS015N04B.html fairchildsemi.com/pf/fd/fdms039n08b.html fairchildsemi.com/pf/fd/fdp020n06b.html fairchildsemi.com/pf/fd/fdp027n08b.html fdp027n08b competitor a qg (nc) t est condition: v dd = 40v, i d = 50a, v gs = 0v-10v 180 134.1 169.2 160 140 120 100 80 60 40 20 0 fdp027n08b competitor b qg (nc) t est condition: v dd = 40v , i d = 50a, di/dt = 500a/?s, t j = 25c 350 269.7 323.5 300 250 200 150 100 50 0 benchmarking of reduced reverse recovery charge (q rr ) and reduced gate charge (q g ) product number b v (v) r ds(on) (m) q g (nc) package fdp020n06b 60 2 204 to220 fdp027n08b 80 2.7 137 to220 fdms039n08b 80 3.9 77 pqfn56 FDMS015N04B 40 1.5 87 pqfn56
minimize components, achieve higher power conversion effciency smps designers face several design complexities: space constraints, along with the need for cost-effective power supply solutions with high energy effciency, optimized system performance and improved reliability. fairchild now offers a solution: the fsl206mr integrated pulse width modulator (pwm) controller. with integrated protection circuitry, the controller improves smps reliability and saves board space. part of the green mode fairchild power switch (fps ? ) device family, the integrated pwm controller with avalanche-rugged sensefet includes an internal regulator, eliminating the need for an auxiliary bias winding. this highly integrated pwm controller includes a built-in, high-voltage startup and full-protection circuitry that saves board space and total bill of material (bom) costs. optimized for effciency and power dissipation with burst-mode operation, when the input voltage is 265v ac , the devices can reach power loss of 150mw with no-bias winding and 30mw with bias winding at no-load condition. advantages ? low power consumption of 25mw with no-load ? no auxiliary bias winding ? saves 50% board space, reduces bom applications ? motion controlhome appliance and industrial motors ? smart grid ? smart meter for more information, please visit: fairchildsemi.com/pf/fs/fsl206mr.html design support: the fsl206mrx family is supported by fairchilds power supply webdesigner (psw), an easy-to-use, powerful online design tool that allows designers to further customize and fne tune their designs without having to build a bench prototype. evaluation board integrated pwm controller evaluation board is now available featuring the fsl206mrn, a pwm controller with integrated mosfet. this board targets 5w auxiliary power supply applications. the power supply webdesigner and evaluation board are both available at: www.fairchildsemi.com/pf/fs/fsl206mr.html. typical application diagram inte grated pwm controller product number bv burh (v) bv burh (v) bv dss (v) switching frequency (khz) max pout open frame (85-265v ac ) (w) r ds(on) max (w) current limit (a) package option fsl206mrn 0.83 0.74 650 67 7 19 0.6 dip-8 fsl206mrl 0.83 0.74 650 67 7 19 0.6 lsop-8 fsl206mrbn 0.5 0.35 650 67 7 19 0.6 dip-8 various protections: overload protection (o l p), over-voltage protection (ovp), low u nder-voltage lockout (uvlo), line u nder-voltage protection (lu vp), abnormal over-current protection (aocp), output-short protection (osp), thermal shutdown (tsd), auto-restart mode for all protections ipk drain source vstr vfb vcc pwm ac in dc out
the global demand for highly effcient led products has grown dramatically over the past 10 years, to the extent that todays products are rapidly encroaching on the $100 billion fuorescent light market which has fourished over the past 130 years (1) . recent improvements in this 40-year technology have resulted in clean, reliable and highly effcient products which are already dominating in many rapidly growing applications. leds are now the preferred lighting source for mobile phones, full-motion signs, traffc signals, automotive dashboards, digital cameras, backlighting units for displays in notebook computers, desktop monitors, fat-panel televisions, and stadium signage. design challenges for leds and led drivers as led capabilities improved, so too did the importance of driver technology. performance criteria such as led color temperature and shifting, effcacy and fickering, and overall operating effciency all became associated with the led driver. legacy led driver topologies that had used older solid state designs and voltage regulators cannot support new led design performance targets. continuous advancements in led performance have the effect of requiring new topologies and more led driver choices for specifc output power ranges and applications. low power designs (<20w) , include applications such as light strips (1.5-5.0w), r-lamps (5-10w), bulbs (3-20w) and down lights (10-20w). the specifc implementation challenges with these applications include: (1) small lamp size which limits component selection to the smallest available packages, (2) small design volume, which requires the use of low profle components and (3) cost. mid-power designs (20-50w), include applications in the range of 20-50w, such as down lights, and l-lights. the designers challenges with these applications include: (1) limited board space, (2) available topologies that are inherently low-effciency, (3) need for high reliability components and (4) power factor correction (pfc) is required, which then increases component count. fairchilds solutions for mid-power designs address these challenges by utilizing a single-stage pfc fyback topology. high-power designs (50-400w) , include applications in the range of 50-400w such as fat lights, street, stadium, stage lighting, wall washing and signage. the designers challenges with these applications include: (1) high component count, (2) cost, (3) low overall system effciency and (4) increased complexity. fairchild offers two highly integrated high-power solutions: two-stage pfc fyback and quasi-resonant (qr) fyback topology and the two- stage pfc fyback and llc half-bridge topology. applications and design support fairchilds constantly expanding product portfolio, combined with manufacturing process enhancements, innovative topologies and our deep systems expertise allow circuit designers to develop the most advanced solution to their present and future needs. learn more about fairchilds total led solutions. advances in led and led driver technology pave the way for signifcant reductions in global power usage and cleaner environment the following article is a condensed version of fairchilds backgrounder on solutions to led driver challenges. engineering connections 100 10 1 0.1 0.01 0.001 0.0001 1970 y ear flux/package (im) 1975 1980 1985 1990 1995 2000 the light output of leds has essentially doubled every 36 months since 1960. (1) cfl market profle, march 2009, u.s. department of energy
trademarks, service marks, and registered trademarks are the property of fairchild semiconductor or their respective owners. for a listing of fairchild semiconductor trademarks and related information, please see: www.fairchildsemi.com/legal lit code: 977044-001 ? 2012 fairchild semiconductor. all rights reserved. about fairchild design support products applications power management power factor correction ? continuous conduction mode (ccm) pfc controllers ? critical/boundary conduction mode (crcm/bcm) pfc controllers ? interleaved pfc controllers ? pfc + pwm combination (combo) controllers off-line and isolated dc-dc ? ac-dc linear regulators ? flyback & forward pwm controllers ? flyback & forward pwm controllers with i ntegrated mosfet ? llc resonant & asymmetric half bridge pwm controllers ? llc resonant & asymmetric half bridge pwm controllers with integrated mosfe ts ? primary-side regulation cv/cc controllers ? primary-side regulation cv/cc controllers with integrated mosfet ? standard pwm controllers ? supervisory/monitor ics non-isolated dc-dc ? charge-pump converters ? drmos fet plus driver multi-chip modules ? step-down controllers (e xternal switch) ? step-down regulators, non-synchronous (integrated switch) ? step-down regulators, synchronous (integrated switch) ? step-up regulators (integrated switch) mosfet and igbt gate drivers ? 3-phase drivers ? half-bridge drivers ? high-side drivers ? l ow-side drivers ? synchronous rectifer drivers voltage regulators ? ldos ? positive voltage linear regulators ? negative voltage linear regulators ? shunt regulators ? voltage detector ? voltage stabilizer ? voltage to frequency converter motion control ? bldc/pmsm controller ? spm ? (smart power modules) ? pfc spm ? (smart power modules) diodes & rectifers ? bridge rectifers ? transient voltage suppressors (tvs) ? diacs ? rectifers ? schottky diodes & rectifers ? small signal diodes ? zener diodes igbts ? discrete i gbts mosfets ? discrete mosfe ts ? i ntegrated load switches ? mosfet/schottky combos transistors ? bjts ? darlingtons ? digital/bias-resistor transistors ? jfe ts ? rf transistors ? small signal transistors advanced load switches ? advanced current limited l oad switches ? slew rate controlled l oad switches battery management ? battery charger ics ? current sensing ground fault interupt controllers ? ground fault interrupt (gfi) controllers backlight unit (blu) ? ccfl i nverter ics analog & mixed signal amplifers & comparators ? comparators ? operational amplifers audio amplifers ? audio subsystems ? audio headphone amplifers ? digital microphone amplifers ? audio speaker amplifers battery protection ics ? battery protection ics interface ? lvds ? serializers/deserializers (serdes?) ? usb transceivers signal conditioning ? video filter drivers ? video switch matrix/multiplexers signaling, sensing & timing ? signaling, sensing & timing ? timing switches ? accessory switches ? analog switches ? audio jack detection switches ? audio switches ? bus switches ? mipi switches ? multi-media switches ? usb switches ? video switches logic buffers, drivers, transceivers ? buffers ? line drivers ? transceivers flip flops, latches, registers ? counters ? flip flops ? inverters ? latches ? registers gates ? and gates ? nand gates ? or gates ? nor gates ? schmitt triggers ? confgurable gates multiplexer/demultiplexer/ decoders ? decoders ? demultiplexers ? multiplexers ? multivibrators voltage level translators ? voltage l evel translators lighting ics ? fluorescent lamp ics ? hid ics ? led lighting ics ? portable led drivers optoelectronics high performance optocouplers ? low voltage, high performance ? high speed logic gate ? high performance transistor ? specifc function infrared ? emitting diodes ? photo sensors ? photo sensor C transistors ? ambient light sensors ? refective sensors ? optical interrupt switches phototransistor optocouplers ? isolated error amplifer ? phototransistor output - dc sensing input ? phototransistor output - ac sensing input ? photo darlington output triac driver optocouplers ? random phase triac driver ? zero crossing triac driver igbt/mosfet gate drivers ? igbt/mosfet gate drivers automotive products automotive discrete power ? automotive ignition igbts ? automotive igbts ? automotive n-channel mosfets ? automotive p-channel mosfets ? automotive rectifers automotive gate drivers (hvics) ? high voltage gate drivers (hvics) automotive smart power switches ? automotive smart power switches circuit protection reverse polarity protection ? reverse bias protection switches ? schottky diodes ? blocking diodes transient voltage suppressors (tvs) ? power tvs (> 400w) ? mid power tvs solutions for your success ? for a complete listing of sales representatives and sales offices , visit : www.fairchildsemi.com/cf/sales_contacts for information on fairchild products , tradeshows , seminars and other items , register here : www.fairchildsemi.com/my_fairchild for datasheets, application notes, samples and more, please visit: www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDMS015N04B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X