Part Number Hot Search : 
SRSGW RJK0631 OV9285 MJE244 83977 TSFF6210 RN1425 T112006
Product Description
Full Text Search
 

To Download EN61000-4-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  panel mount power supply 5 v 35 w 1phase www. d eltapsu .com 1 description mode l no. pmc 5 v 35w 1aa weight: 0. 1 8 kg size : 9 8 mm x 97 mm x 38 mm ( h x w x d ) output specification output voltage (nominal) 5 vdc output voltage tolerance +/ - 2% (initial set point tolerance) output voltage adjust range 4.75 C 5.5 vdc line regulation < 0.5% typical @ 85 to 264vac input, 100% load load regulation < 1% typical @ 85 to 264vac input, 0 to 100% load residual ripple (pard), 20mhz bw < 70mvpp (25c) output current (nominal) 7.0 a power derating above 50 c derated linearly 2.5% / c rise time < 30 ms @ nominal input, 100% load ( 25c) start - up time < 2500 ms @ nominal input, 100% load ( 25c) hold - up time > 15ms @ 115vac, > 80ms @ 230vac (100% load, 25c) dynamic response (overshoot & undershoot o/p voltage) +/ - 5% @ 0% - 100% load startup with capacitive loads 6,600f @ nominal input & nominal o/p voltage 5v (25c) input specification input voltage (nominal) 100 - 240vac input voltage range 85 - 264vac input frequency (nominal) 50 - 60hz input frequency range 47 - 63hz dc input voltage (nominal) 125 - 250vdc dc input voltage range 120 - 375vdc input current < 0. 9 a @ 115vac, < 0. 8 a @ 230vac efficiency > 79% @ 115vac & 230vac inrush current (cold start) < 30a @ 115vac, < 60a @ 230vac leakage current < 1ma @ 240vac features rohs compliant 2 years warranty universal ac input overload protection efficiency> 79 % typ . over voltage protection expected life time: 10 years over temperature protection ease of wire connection to terminals full aluminum cas ing for lightweight and corrosion resistant handling the new panel mount power supply is the latest offering from one of the worlds largest power supply manufacturers and solution providers - delta. the product range offers a nominal output voltage of 5 v, a wide temperature range from - 10c to +70c and a highly dependable minimum holdup time . the state - of - the - art design is made to withstand harsh industrial environments. what makes the product stands out from the crowd is its lightweight full aluminum b ody design which can withstand shock and vibration according to iec60068 - 2. deltas panel mount power supply also offers overvoltage and overload protection. using a wide input voltage range design, it is compatible worldwide. the input also includes dc op erating voltage from 120 - 375vdc. best of all, this excellent design and quality does not come with a big price tag.
panel mount power supply 5 v 35 w 1phase www. d eltapsu .com 2 device d escription mechanical drawing mechanical specification dimension 98 mm x 97 mm x 38 mm ( h x w x d ) weight 0.1 8 kg cooling system convection input & output terminal terminal block with screw m3.5 x5 pins (rated 300vac, 20a) output indicator green led (dc ok) casing aluminum description (fig.1) 1 ) input & output terminal block connector 2 ) dc voltage adjustment potentiometer 3 ) dc ok control led (green)
panel mount power supply 5 v 35 w 1phase www. d eltapsu .com 3
panel mount power supply 5 v 35 w 1phase www. d eltapsu .com 4 over load protection the power supply is provided with an overload protection (olp/ocp) function which protects the power supply from possible damage by over current. additionally power supply also has over temperature protection (otp) in case the over load condition persists for a longer duration and is below the overload trigger point but > 100% load. typically the over load current ( i ol ) is > i surge (120%) output voltage will start drooping down when the power supply reaches max power limit and will run into bouncing mode when the output reaches uvlo (under voltage point). the output voltage will recover automatically when the overload condition is r emoved. over temperature protection the power supply has an over temperature protection (otp). this is activated when the overload condition persists for an extended duration and the output current is below the overload trigger point but >100% load. in th e event of a higher ambient operating condition at 100% load, the power supply will run into otp when the ambient temperature is > 55c. when activated, the output voltage will go into bouncing mode until the operating ambient temperature drops to 50c or output capacity is reduced as recommended in the graph. over voltage protection the power supply has an overvoltage protection (ovp) and is activated when the power supply feedback circuit fails. the output voltage will not be > 6.5v +/ - 10% under any line/load and operating ambient temperature. the power supply does not shut down but goes into hiccup mode (auto - recovery) which is 6.5v +/ - 10%. the output voltage will recover back to 5vdc once the fault is removed short circuit protection the power supply also has a short circuit protection which is in line with the overload protection and activates whenever there is a short across the output voltage, output goes in bouncing mode and remains until the fault is removed. p rotection over voltage protection 6.5v +10%/ - 10%, selv output, hicc - up mode, non - latching (auto recovery). over load, over current protection > 120% of rated load current, hicc - up mode, non - latching (auto recovery). over temperature protection < 75c ambient temp@ 100% load. non - latching (auto - recovery). short circuit protection hicc - up mode, non - latching, (auto - recovery when the fault is removed).
panel mount power supply 5 v 35 w 1phase www. d eltapsu .com 5 derating curve n ote 1 . do not use the power supply in areas outside the shaded portion as shown in the above graph, internal parts may occasionally deteriorate or be damaged. 2 . for the power derating refer above graph ambient temperature > 50c, the output capacity has to be reduced by 2.5% per kelvin increase in temperature. if the output capacity is not reduced when amb > 50c device will run into thermal protection by switching off i.e. device will go in bouncing mode and will recover wh en amb is lowered or load is reduced as far as necessary to keep device in working condition. 3 . if the power supply has to be mounted in any other direction please contact your service provider. 4 . in order for the device to function in the manner intended, it is also necessary to observe lateral spacing of 2 0 m m to other modules. 5 . depending on the ambient temperature and load of the device, the temperature of the housing can become very high!
panel mount power supply 5 v 35 w 1phase www. d eltapsu .com 6 * typically the over load current ( i ol ) is > i surge (120%) output voltage will start drooping down when the power supply reaches max power limit and will run into bouncing mode when the output reaches uvlo (under voltage point). the output voltage will recover automatically when the overload condition is r emoved. over voltage protection the power supply does not shut down but goes into hiccup mode (auto - recovery) which is 6.5v +/ - 10%. the output voltage will recover back to 5vdc once the fault is removed over load protection
panel mount power supply 5 v 35 w 1phase www. d eltapsu .com 7 inrush current inrush current is the first surge current seen on the input side when ac input is applied to the power supply. it is the first pulse captured; see a typical picture for the inrush current as seen in the power supply . start up time start up time is measured from the point ac input is applied and the o/p voltage reaches within 90% of its set value. see picture below for a typical start up time characteristic of a power supply. rise time rise time is the time needed for o/p voltage to rise from 10% of its set value to 90% of its set value. see the picture below for a typical rise time measurement in a power supply. hold up time hold - up time is the duration which output voltage retains regulation while ac input collapses. picture below is a typical hold - up time characteristic. output voltage adjust the 5 vdc connection is made using the "+" and " C " screw connections. at the time of delivery, the output voltage is 5 v dc. the output voltage can be set from 4.75 to 5.5 vdc on the potentiometer seen as adjust on the front panel of each power supply. dynamic load the power supply is capable of dynamic output voltage load change from 2% to 100% within +/ - 5% regulation limits. see picture below on the dynamic behavior the power supply. e nvironment ambient temperature (operating) - 10c to +50c, with operation to 70c possible with a linear derating to half power from 50c to 70c. operating humidity < 95%rh ambient temperature (storage) - 25c to 85c altitude (operating) 3,000 meters shock test iec60068 - 2 - 27, 30g (300m/s2) vibration (non - operating) iec60068 - 2 - 6, 10hz to 150hz @ 50m/s2 (5g peak) for all x, y, z direction bump iec60068 - 2 - 29, 11ms/ 10gn mtbf > 700,000 hrs, as per bell core std or iec61709 tested at 115vac & 230vac input, 100% load, 25 c ambient expected cap life time 10 years (115vac & 230vac, 50% load and 40c ambient). material and parts rohs directive, weee directive degree of protection ipx0 class of protection class i with pe connection pollution degree 2
panel mount power supply 5 v 35 w 1phase www. d eltapsu .com 8 hold up time dynamic load * the power supply is capable of dynamic change of load from 0 % to 100% with o/p voltage within + 5% of regulation limits. * hold - up time is the duration which output voltage retains regulation while ac input collapses
panel mount power supply 5 v 35 w 1phase www. d eltapsu .com 9 *see the figure for a typical redundant/parallel operation of psu using pmc series power supplies. the 2 power supplies psu1 & psu 2 are connected thru a twin diode where anode1 a1 is connected to the +ve i.e. 5 v of psu1 and anode2 a2 is connected to the +ve i.e. 5 v of psu2 and the output ground gnd are shorted together. the output of these 2 power supplies psu1 & psu2 is drawn from the cathode k of the twin diode thus making the power supply work in redundant/parallel operation. redundancy operation with oring diode
panel mount power supply 5 v 35 w 1phase www. d eltapsu .com 10 safety standards /emc safety standard ccc siq to en60950 - 1, ul/cul recognize to ul 60950 - 1 asd csa c22.2 no. 60950 - 1 ce emc and low voltage directive cb test certificate and report to iec60950 - 1 emi fcc title 47, class b / en55022, cispr22, class b ems ? en 61000 - 4 - 2 1) electrostatic discharge standard (esd) level 4 criteria a air discharge : 15 kv contact discharge : 8 kv ? en 61000 - 4 - 3 1) radiate field immunity level 3 criteria a 80mhz - 1ghz / 10v/m with 1khz tone / 80% modulation. ? en 61000 - 4 - 4 1) fast transients (burst immunity) level 3 criteria a 2 kv 4) ? iec 61000 - 4 - 5 1) surge voltage immunity level 3 criteria a common mode : 2 kv 3) differential mode : 1 kv 4) ? en 61000 - 4 - 6 1) conducted immunity level 3 criteria a 150khz - 80mhz / 10vrms. ? en 61000 - 4 - 8 1) power frequency magnetic field level 3 criteria a 10a/meter ? en 61000 - 4 - 11 2) voltage dips input 100% dip 1 cycle, main buffering > 20ms, self recoverable ? iec 61000 - 4 - 12 1) low energy pulse test (ring wave) level 3 criteria a common mode : 2 kv 3) differential mode : 1 kv 4) galvanic isolation : input / output type test/routine test : input / pe type test/routine test : output / pe type test/routine test : 3 .0 kvac/ 1.5 kvac/ 5 00 vac/ 1) criterion a: normal operating behavior within the defined limits. 2) criterion b: temporary impairment to operational behavior that is corrected by the device itself. 3) symmetrical: conductor to conductor. 4) asymmetrical: conductor to ground. delta rohs compliant restriction of the usage of hazardous substances the european directive 2002/95/ec limits the maximum impurity level of homogeneous materials such as lead, mercury, cadmium, chrome 6+ , polybrominated flame retardants pbb and pbde for the use in electrical and electronic equipment. rohs is the abbreviation for restriction of the use of certain hazardous substances in electrical and electronic equipment. all items in the catalog conform to this standard. pfc C norm en 61000 - 3 - 2 line current harmonic content typically, the input current waveform is not sinusoidal due to the periodical peak charging of the input capacitor. in indust rial environment, complying with en 61000 - 3 - 2 is only necessary under special conditions. complying to this standard can have some technical drawbacks, such as lower efficiency as well as some commercial aspects such as higher purchasing costs, frequently, the user does not profit form fulfilling this standard, therefore, it is important to know whether it is mandatory to meet this s t andard for a specific application.


▲Up To Search▲   

 
Price & Availability of EN61000-4-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X