Part Number Hot Search : 
BU508DX ADS12 24C03 J110A FS2KM16A 652MP20 CRC101J 74VHC1
Product Description
Full Text Search
 

To Download DBL155G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recognized file #e-326854 ? glass passivated junction ? small size, simple installation mechanical data dbl15xg = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol dbl 151g dbl 152g dbl 153g dbl 154g dbl 155g dbl 156g dbl 157g dbl 158g dbl 159g unit v rrm 50 100 200 400 600 800 1000 1200 1400 v v rms 35 70 140 280 420 560 700 840 980 v v dc 50 100 200 400 600 800 1000 1200 1400 v t j o c t stg o c i fsm 50 a maximum average forward rectified current @t a =40 i f(av) 1.5 a notes 2: mounted on p.c.b. with 0.4" x 0.4" (10mm x 10 mm) copper pads 5 500 40 15 - 55 to + 150 - 55 to + 150 notes 1: pulse test with pw=300 usec, 1% duty cycle type number operating temperature range storage temperature range version:e11 o c/w dbl151g - dbl159g marking diagram dbl v single phase 1.5amp. glass passivated bridge rectifiers features ? ideal for printed circuit board ? weight: 0.38 grams ? reliable low cost construction utilizing molded plastic technique r ja r jl typical thermal resistance (note 2) maximum instantaneous forward voltage (note 1) @1.5a v f ? case: molded plastic body maximum dc reverse current @t a =25 at rated dc block voltage @ t a =125 i r maximum repetitive peak reverse voltage maximum rms voltage 1.1 dimensions in inches and (millimeters) ? high temperature soldering guaranteed: 260 / 10 seconds at 5lbs., (2.3kg) tension ua ? green compound with suffix "g" on packing code & prefix "g" on datecode ? terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 1.25 maximum dc blocking voltage peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) pb rohs compliance rohs compliance
version:e11 ratings and characteristic curves (dbl151g thru dbl159g) fig.1 forward current derating curve 0 0.5 1 1.5 2 0 20 40 60 80 100 120 140 160 ambient temperature ( o c) average forward current (a) resistive or inductive load fig. 3 maximum non-repetitive forward surge current 0 10 20 30 40 50 1 10 100 number of cycles at 60 hz peak forward surge current (a) 8.3ms single half sine wave (jedec method) fig. 2 typical reverse characteristics 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse current (ua) ta=25 ta=125 fig. 4 typical junction capacitance 1 10 100 1 10 100 reverse voltage (v) capacitance (pf) a fig. 5 typical forward characterisrics 0.01 0.1 1 10 0.4 0.6 0.8 1 1.2 1.4 forward voltage (v) instantaneous forward current (a) dbl151g - dbl157g dbl158g - dbl159g


▲Up To Search▲   

 
Price & Availability of DBL155G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X