Part Number Hot Search : 
DMR76C 24A12 B99027 BD7956FS 0263003 2SK2201 NLU2G04 LE120CZ
Product Description
Full Text Search
 

To Download D820J20SL0H6L2R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ceramic disc capacitors class 1 and 2, 100 v dc , general purpose www.vishay.com for technical questions, contact: cdc@vishay.com document number: 28511 28 revision: 07-jan-10 d series vishay bccomponents capacitors with 5 mm (0.20") and 2.5 mm (0.10") lead spacing marking marking indicates capacitance value and tolerance in accordance with eia 198. operating temperature range class 1, - 55 c to + 125 c class 2, - 30 c to + 85 c temperature coefficients class 1, np0; sl0 class 2, y5p; z5u; y5v; z5v sectional specifications class 1, iec 60 384-8, class 2, iec 60 384-9, eia 198 climatic category class 1, 55/125/21 class 2, 10/85/21 and 30/85/21 features ?low losses ? high stability ? high capacitance in small size ? kinked (preferred) or straight leads ? compliant to rohs directive 2002/95/ec applications ? bypassing ?coupling ? resonant circuit design the capacitors consist of a cera mic disc both sides of which are silver-plated. connection leads are made of tinned copper having a diameter of 0.6 mm. the capacitors have inward kinked leads with a spacing of 5 mm (0.200") and straight lead s with 2.5 mm (0.100"), lead length from 4 mm to 30 mm. capacitance range 1.0 pf to 100 pf; class 1, at 1 mhz, 1.2 v rms 150 pf to 47 000 pf; class 2, at 1 khz, 1 v rms 0.2 v rms 1 khz, 1 v rms 0.2 v rms for capacitance values higher than 1000 pf rated dc voltage 100 v dielectric strength 250 % of rated voltage insulation resistance at 100 v dc 10 000 m tolerance on capacitance 0.25 pf; 0.5 pf; 5 % ; 10 %; 20 %; + 80/- 20 % dissipation factor class 1, c 30 pf; 2 x (10/c + 0.7) x 10 -4 maximum class 1, c > 30 pf; 0.2 % class 2, 3.0 % note the capacitors meet the essential requirements of eia 198. un less stated otherwise all electrical values apply at an ambient temperature of 25 c 3 c, at normal atmospheric conditions. quick reference data description class 1 (np0, sl0) class 2 (yp5, z50, y5v, z5v) voltage (v dc ) 100 min. capacitance (pf) 1.0 150 max. capacitance (pf) 100 47 000 mounting through hole d f tangent line dr tangent line d s h f
document number: 28511 for technical questions, contact: cdc@vishay.com www.vishay.com revision: 07-jan-10 29 d series ceramic disc capacitors class 1 and 2, 100 v dc , general purpose vishay bccomponents notes (1) sh = seated height; dr = run down ? maximum thickness 4.0 mm ? lead style codes refer to lead cofigurations ordering information, class 1, 100 v dc , kinked and straight c (pf) tol. (%) d max. (mm) lead spacing f (mm) sh/dr max. (1) (mm) clear text code 13 th digit: t = reel; u = ammo; 3 = bulk class 1 np0 1.0 0.25 pf 5.0 5.0 4.0 d109c20c0kh6.j5r 2.5 1.5 d109c20c0kh6.l2r 1.5 5.0 4.0 d159c20c0kh6.j5r 2.5 1.5 d159c20c0kh6.l2r 2.2 5.0 4.0 d229c20c0jh6.j5r 2.5 1.5 d229c20c0jh6.l2r 3.3 5.0 4.0 d339c20c0jh6.j5r 2.5 1.5 d339c20c0jh6.l2r 4.7 5.0 4.0 d479c20c0hh6.j5r 2.5 1.5 d479c20c0hh6.l2r 6.8 0.5 pf 5.0 4.0 d689d20c0hh6.j5r 2.5 1.5 d689d20c0hh6.l2r 10 5 5.0 4.0 d100j20c0gh6.j5r 2.5 1.5 d100j20c0gh6.l2r 12 5.0 4.0 d120j20c0gh6.j5r 2.5 1.5 d120j20c0gh6.l2r 15 5.0 4.0 d150j20c0gh6.j5r 2.5 1.5 d150j20c0gh6.l2r 18 5.0 4.0 d180j20c0gh6.j5r 2.5 1.5 d180j20c0gh6.l2r 22 5.0 4.0 d220j20c0gh6.j5r 2.5 1.5 d220j20c0gh6.l2r 27 5.0 4.0 d270j20c0gh6.j5r 2.5 1.5 d270j20c0gh6.l2r 33 5.0 4.0 d330j20c0gh6.j5r 2.5 1.5 d330j20c0gh6.l2r 39 6.5 5.0 4.0 d390j25c0gh6.j5r 2.5 1.5 d390j25c0gh6.l2r 47 5.0 4.0 d470j25c0gh6.j5r 2.5 1.5 d470j25c0gh6.l2r class 1 sl0 56 5 5.0 5.0 4.0 d560j20sl0h6.j5r 2.5 1.5 d560j20sl0h6.l2r 68 5.0 4.0 d680j20sl0h6.j5r 2.5 1.5 d680j20sl0h6.l2r 82 5.0 4.0 d820j20sl0h6.j5r 2.5 1.5 d820j20sl0h6.l2r 100 5.0 4.0 d101j20sl0h6.j5r 2.5 1.5 d101j20sl0h6.l2r
www.vishay.com for technical questions, contact: cdc@vishay.com document number: 28511 30 revision: 07-jan-10 d series vishay bccomponents ceramic disc capacitors class 1 and 2, 100 v dc , general purpose ordering information, class 2, 100 v dc , kinked and straight c (pf) tol. (%) d max. (mm) lead spacing f (mm) sh/dr max. (1) (mm) clear text code 13 th digit: t = reel; u = ammo; 3 = bulk class 2 y5p 150 10 5.0 5.0 4.0 d151k20y5ph6.j5r 2.5 1.5 d151k20y5ph6.l2r 180 5.0 4.0 d181k20y5ph6.j5r 2.5 1.5 d181k20y5ph6.l2r 220 5.0 4.0 d221k20y5ph6.j5r 2.5 1.5 d221k20y5ph6.l2r 330 5.0 4.0 d331k20y5ph6.j5r 2.5 1.5 d331k20y5ph6.l2r 470 5.0 4.0 d471k20y5ph6.j5r 2.5 1.5 d471k20y5ph6.l2r 680 5.0 4.0 d681k20y5ph6.j5r 2.5 1.5 d681k20y5ph6.l2r 1000 5.0 4.0 d102k20y5ph6.j5r 2.5 1.5 d102k20y5ph6.l2r 1500 6.5 5.0 4.0 d152k25y5ph6.j5r 2.5 1.5 d152k25y5ph6.l2r 1800 5.0 4.0 d182k25y5ph6.j5r 2.5 1.5 d182k25y5ph6.l2r 2200 5.0 4.0 d222k25y5ph6.j5r 2.5 1.5 d222k25y5ph6.l2r 3300 7.5 5.0 4.0 d332k29y5ph6.j5r 2.5 1.5 d332k29y5ph6.l2r 4700 8.5 5.0 4.0 d472k33y5ph6.j5r 2.5 1.5 d472k33y5ph6.l2r 6800 10.0 5.0 4.0 d682k39y5ph6.j5r 2.5 1.5 d682k39y5ph6.l2r 10000 11.0 5.0 4.0 d103k43y5ph6.j5r 2.5 1.5 d103k43y5ph6.l2r class 2 z5u 1000 20 5.0 5.0 4.0 d102m20z5uh6.j5r 2.5 1.5 d102m20z5uh6.l2r 1500 5.0 4.0 d152m20z5uh6.j5r 2.5 1.5 d152m20z5uh6.l2r 2200 5.0 4.0 d222m20z5uh6.j5r 2.5 1.5 d222m20z5uh6.l2r 3300 5.0 4.0 d332m20z5uh6.j5r 2.5 1.5 d332m20z5uh6.l2r 4700 6.5 5.0 4.0 d472m25z5uh6.j5r 2.5 1.5 d472m25z5uh6.l2r 6800 5.0 4.0 d682m25z5uh6.j5r 2.5 1.5 d682m25z5uh6.l2r 10 000 7.5 5.0 4.0 d103m29z5uh6.j5r 2.5 1.5 d103m29z5uh6.l2r 15 000 8.5 5.0 4.0 d153m33z5uh6.j5r 2.5 1.5 d153m33z5uh6.l2r 22 000 10.0 5.0 4.0 d223m39z5uh6.j5r 2.5 1.5 d223m39z5uh6.l2r note (1) sh = seated height; dr = run down ? maximum thickness 4.0 mm ? lead style codes refer to lead cofiguration
document number: 28511 for technical questions, contact: cdc@vishay.com www.vishay.com revision: 07-jan-10 31 d series ceramic disc capacitors class 1 and 2, 100 v dc , general purpose vishay bccomponents note ? the capacitors are suppl ied in bulk packaging (cardboard boxes) , in tape on reel or in ammopack c (pf) tol. (%) d max. (mm) lead spacing f (mm) sh/dr max. (1) (mm) clear text code 13 th digit: t = reel; u = ammo; 3 = bulk class 2 y5v 1000 + 80/- 20 5.0 5.0 4.0 d102z20y5vh6.j5r 2.5 1.5 d102z20y5vh6.l2r 1500 5.0 4.0 d152z20y5vh6.j5r 2.5 1.5 d152z20y5vh6.l2r 2200 5.0 4.0 d222z20y5vh6.j5r 2.5 1.5 d222z20y5vh6.l2r 3300 5.0 4.0 d332z20y5vh6.j5r 2.5 1.5 d332z20y5vh6.l2r 4700 6.5 5.0 4.0 d472z25y5vh6.j5r 2.5 1.5 d472z25y5vh6.l2r 6800 5.0 4.0 d682z25y5vh6.j5r 2.5 1.5 d682z25y5vh6.l2r 10 000 7.5 5.0 4.0 d103z29y5vh6.j5r 2.5 1.5 d103z29y5vh6.l2r 15 000 8.5 5.0 4.0 d153z33y5vh6.j5r 2.5 1.5 d153z33y5vh6.l2r 22 000 10.0 5.0 4.0 d223z39y5vh6.j5r 2.5 1.5 d223z39y5vh6.l2r class 2 z5v 4700 + 80/- 20 5.0 5.0 4.0 d472z20z5vh6.j5r 2.5 1.5 d472z20z5vh6.l2r 10 000 6.5 5.0 4.0 d103z25z5vh6.j5r 2.5 1.5 d103z25z5vh6.l2r 22 000 8.5 5.0 4.0 d223z33z5vh6.j5r 2.5 1.5 d223z33z5vh6.l2r 47 000 11.0 5.0 4.0 d473z43z5vh6.j5r 2.5 1.5 d473z43z5vh6.l2r note (1) sh = seated height; dr = run down ? maximum thickness 4.0 mm ? lead style codes refer to lead cofiguration ordering information, class 2, 100 v dc , kinked and straight packaging d max. (mm) size code packaging quantities bulk reel ammo 5.0 (0.20") 20 1000 2500 2000 6.5 (0.25") 25 7.5 (0.29") 29 8.5 (0.33") 33 10.0 (0.39") 39 11.0 (0.43") 43
www.vishay.com for technical questions, contact: cdc@vishay.com document number: 28511 32 revision: 07-jan-10 d series vishay bccomponents ceramic disc capacitors class 1 and 2, 100 v dc , general purpose notes (1) cumulative pitch error: 1mm/20 pitches (2) obliquity maximum 3 p p h h d p 2 p p 1 p 0 d 0 h 1 h 0 direction of unreeling ? d f w 2 w 1 t 1 w 0 w e a kinked capacitor s on tape, lead s pacing 5.0 mm (0.2 " ) detail a dimension of tape symbol parameter dimensions (mm) nominal tolerance d body diameter 11.0 maximum - d lead diameter 0.6 0.05 p pitch between capacitors 12.7 1.0 p 0 (1) feed-hole pitch 12.7 0.3 (1) p plane deviation 1.0 maximum - p 1 (2) feed-hole center to lead center 3.85 0.7; (2) p 2 (2) feed-hole center to component center 6.35 1.3; (2) f lead spacing 5.0 0.6 - 0.4 h component alignment 0 1.0 w tape width 18.0 1.0 - 0.5 w 0 hold-down tape width 5.0 minimum - w 1 hole position 9.0 0.75 - 0.5 w 2 hold-down tape margin 3.0 maximum - h 0 height to seating plane 16.0 0.5 h 1 maximum component height 32.0 - e lead end protrusion 1.0 maximum - l maximum length of snipped lead 11.0 - d 0 feed-hole diameter 4.0 0.2 t total tape thickness 0.9 maximum - t 1 maximum thickness of tape and wires 1.5 maximum -
document number: 28511 for technical questions, contact: cdc@vishay.com www.vishay.com revision: 07-jan-10 33 d series ceramic disc capacitors class 1 and 2, 100 v dc , general purpose vishay bccomponents reel and tape data in millimeters 28 1.5 355.6 2.0 8.0 45 max. 51 max. reel with capacitor s on tape 290 335 50 ammopack with capacitor s on tape
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of D820J20SL0H6L2R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X