key features: ? 1w output power ? tightly regulated ? single & dual outputs ? miniature sip case ? 1,000 vdc isolation ? >3.5 mhour mtbf ? 24 standard models ? industry standard pin-out ? lowest cost!! d100er low cost, 1w sip tightly regulated dc/dc con vert ers series input parameter conditions min. typ. max. units input voltage range 5 vdc input 4.75 5.0 5.25 vdc 12 vdc input 11.4 12.0 12.6 24 vdc input 22.8 24.0 25.2 input filter internal capacitor reverse polarity input current 0.3 a output parameter conditions min. typ. max. units output voltage accuracy 3.0 % output voltage balance dual output , balanced loads 0.1 1.0 % line regulation for vin min to max 0.25 % load regulation (note 1) for iout = 10% to 100% 1.0 % ripple & noise (20 mhz) (note 3) 10 20 mv p - p output power protection 120 % temperature coef? cient 0.03 %/oc output short circuit momentary (1.0 sec.) general parameter conditions min. typ. max. units isolation voltage 60 seconds 1,000 vdc isolation resistance 500 vdc 1,000 m isolation capacitance 100 khz, 1v 60 pf switching frequency 100 khz environmental parameter conditions min. typ. max. units operating temperature range ambient -40 +25 +85 oc operating temperature range case -40 +90 oc storage temperature range -55 +125 oc cooling free air convection humidity rh, non-condensing 95 % physical case size (single output) 0.77 x 0.24 x 0.40 inches (19.6 x 6.0 x 10.2 mm) case size (dual output) 1.08 x 0.37 x 0.47 inches (27.5 x 9.5 x 12.0 mm) case material non-conductive black plastic (ul94-v0) weight 0.07 oz (2.1g) reliability speci? cations parameter conditions min. typ. max. units mtbf mil hdbk 217f, 25oc, gnd benign 3.5 mhours absolute maximum ratings parameter conditions min. typ. max. units input voltage surge (1 sec) 5 vdc input -0.7 9.0 vdc 12 vdc input -0.7 18.0 24 vdc input -0.7 30.0 lead temperature 1.5 mm from case for 10 sec 300 oc internal power dissipation all models 450 mw caution: exceeding absolute maximum ratings may damage the module. these are not continuous operating ratings. micropower direct 292 page street suite d stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com rohs compliant electrical speci? cations speci? cations typical @ +25c, nominal input voltage & rated output current, unless otherwise noted. speci? cations subject to change without notice.
notes: ? all dimensions are typical in inches (mm) ? tolerance x.xx = 0.01 ( 0.25) ? pin 1 is marked by a dot or indentation on the side of the unit model number input output ef? ciency (%, typ) fuse rating slow-blow (ma) voltage (vdc) current (ma) voltage (vdc) current (ma, max) current (ma, min) nominal range full-load no-load d101er 5 4.75 - 5.25 294 30 5.0 200.0 20.0 68 500 d102er 5 4.75 - 5.25 286 30 9.0 111.0 12.0 70 500 d103er 5 4.75 - 5.25 282 30 12.0 83.0 9.0 71 500 d104er 5 4.75 - 5.25 278 30 15.0 67.0 7.0 72 500 d105er 5 4.75 - 5.25 290 30 5.0 100.0 10.0 69 500 d106er 5 4.75 - 5.25 286 30 9.0 56.0 6.0 70 500 d107er 5 4.75 - 5.25 278 30 12.0 42.0 5.0 72 500 D108ER 5 4.75 - 5.25 278 30 15.0 33.0 4.0 72 500 d111er 12 11.4 - 12.6 121 15 5.0 150.0 15.0 69 200 d112er 12 11.4 - 12.6 117 15 9.0 111.0 12.0 71 200 d113er 12 11.4 - 12.6 116 15 12.0 83.0 9.0 72 200 d114er 12 11.4 - 12.6 116 15 15.0 67.0 7.0 72 200 d115er 12 11.4 - 12.6 119 15 5.0 100.0 10.0 70 200 d116er 12 11.4 - 12.6 116 15 9.0 56.0 6.0 72 200 d117er 12 11.4 - 12.6 114 15 12.0 42.0 5.0 73 200 d118er 12 11.4 - 12.6 114 15 15.0 33.0 4.0 73 200 d121er 24 22.8 - 25.2 59 8 5.0 150.0 15.0 70 100 d122er 24 22.8 - 25.2 58 8 9.0 111.0 12.0 72 100 d123er 24 22.8 - 25.2 57 8 12.0 83.0 9.0 73 100 d124er 24 22.8 - 25.2 57 8 15.0 67.0 7.0 73 100 d125er 24 22.8 - 25.2 58 8 5.0 100.0 10.0 72 100 d126er 24 22.8 - 25.2 58 8 9.0 56.0 6.0 72 100 d127er 24 22.8 - 25.2 57 8 12.0 42.0 5.0 73 100 d128er 24 22.8 - 25.2 57 8 15.0 33.0 4.0 73 100 pin single dual 1 +vin +vin 2 -vin -vin 4 -vout no pin 6 +vout no pin 7 no pin +vout 9 no pin -vout 10 no pin common derating curve notes: 1. output load regulation is speci? ed for a load change of 10% to 100%. 2. these units should not be operated with a load under 10% of full load. operation at no-load may cause damage to the unit. 3. these converters will operate without external components. however, when measuring output ripple, it is recommended that an external ceramic capaci- tor be placed from the +vout pin to the -vout pin for single output units and from each output to common for dual output units. an input capacitor will enhace stability over temperature and input line variations. recommended capaci- tor values are given in the table at right. for applications requir- ing very low output noise levels, a simple lc ? lter should be effective. 4. it is recommended that a fuse be used on the input of a power supply for protection. see the model selection table above for the correct rating. vin input capacitor vout output capacitor single dual 5 vdc 4.7 f 5 vdc 10.0 f 4.7 f 12 vdc 2.2 f 9 vdc 4.7 f 2.2 f 24 vdc 1.0 f 12 vdc 2.2 f 1.0 f 15 vdc 1.0 f 0.47 f model selection guide mechanical dimensions (single output) pin connections mechanical dimensions (dual output) n otes : ? a ll di men ? tol era nce ? p in 1 is ma on the s id micropower direct www.micropowerdirect.com 292 page street, ste d, stoughton, ma 02072 ? tel: (781) 344-8226 ? fax: (781) 344-8481 ? e-mail: sales@micropowerdirect.com
|