Part Number Hot Search : 
LCE13A SZ6A39 CXA1396D HAL526 0603C HDF2412D IRFR214 74LCX00
Product Description
Full Text Search
 

To Download BYV95AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BYV95AP thru byv96ep page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 1.5a fast recovery plastic rectifier BYV95AP thru byv96ep features z fast recovery times z ul 94vo flame retardant epoxy molding compound z low cost z high surge current capability z diffused junction mechanical data z case: transfer molded, do15, dimensions in inches and (millimeters) z terminal: solderable per mil-std-202,method 208 z polarity: cathode indicated by color band z weight: 0.4 grams maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% ratings symbol BYV95AP byv95bp byv95cp byv96dp byv96ep units maximum recurrent peak reverse voltage v rrm 200 400 600 800 1000 v maximum rms voltage v rms 140 280 420 560 700 v maximum dc blocking voltage v dc 200 400 600 800 1000 v maximum average forward rectified current 0.375?(9.5mm) lead length at ta=55 c i o 1.5 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 60 a typical junction capacitance (note 1) c j 10 pf typical thermal resistance (note 2) r ja 40 /w storage temperature range t stg - 55 to + 150 operating temperature range t op - 55 to + 150 electrical characteristics (a t t a =25 c unless otherwise noted) characteristics symbol BYV95AP byv95bp byv95cp byv96dp byv96ep units maximum forward voltage at io dc v f 1.6 v maximum reverse current at 25 i r 5 a maximum reverse current at 100 i r 50 a maximum reverse recovery time (note 3) t rr 150 250 300 ns note: 1. measured at 1 mhz and applied reverse voltage 0f 4.0 volts 2. both leads attached to heat sink 20x20x1t(mm) copper plate at lead length 5mm 3. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a .140(3.6) .104(2.6) .034(0.9) .028(0.7) .300(7.6) .230(5.8) 1.0(25.4) min 1.0(25.4) min
BYV95AP thru byv96ep page: 2 1c m ratings and characteristic curve BYV95AP thru byv96ep +0.5a 0 -0.25a -1.0a trr set time base for 10/20 ns/cm fig. 1-test circuit diagram and reverse recovery time characteristic pulse generator ( note 2 ) (+) 25 v dc (approx) (-) d.u.t. 1 non inductive oscilloscope ( note 1 ) 50 no inductive 10 no i n d uc ti v e (-) (+) note: 1. rise time=7ns max. input impedance=1 mohms 22pf 2. rise time =10ns max. source impedance=50 ohms 100 10 1 capacitance, pf fig. 5-typical junction capacitance tj=25 o c f = 1 mhz vsig = 50 mv p-p 1 10 100 reverse voltage, volts 10 1 0.1 .01 fig. 6-typical instantaneous forward characteristics instantaneous forward voltage volts tj=25 o c pulse width =300us 1% duty cycle instantaneous forward current amperes 0.4 0.6 0.8 1.0 1.2 1.4 1.6 t a -ambient temperature ( o c ) fig. 2-maximum current derating curve 0 20 40 60 80 100 120 140 160 180 200 io-average rectified current (a) 1.5 1.0 0.5 0 single phase half wave 60hz resistive or inductive load fig. 3-typical reverse characteristics t j =25 o c 100 10 1. 0 0.1 .01 instantaneous reverse current, microamperes percent of rated peak reverse 0 20 40 60 80 100 120 140 t j =100 o c fig. 4-maximum non-repetitive peak forward surge current 60 50 40 30 20 10 0 peak forward surge current amperes 1 10 100 number of cycles at 60 hz tc=60 o c single sine-wave (jedec method)


▲Up To Search▲   

 
Price & Availability of BYV95AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X