Part Number Hot Search : 
CM3121 T90SC T3906 A3106 82N31 BU450 TCMZ36V C2518
Product Description
Full Text Search
 

To Download AT1739 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 0.2 dec 04, 2008 tel: 886-3-5788833 http://www.gmt.com.tw 1 AT1739 global mixed-mode technology inc. lcd panel step- up converter with analog multi- function outputs features ? 2.6v to 5.5v input supply range ? 640khz/1.2mhz current-mode pwm step-up regulator: ? fast transient response ? 1.0% high-accuracy output voltage ? built-in 18v, 2.0a, 0.2 n-channel mosfet ? programmable soft-start ? current-limit ? latched fault protection with timer ? high efficiency ? gate-on charge pump regulator controller with latched fault protection with timer ? high-performance linear regulator: ? 1.5% output accuracy ? works with small ceramic output capacitors ? fast transient response ? foldback current limit ? high-current operational amplifier: ? 150ma output short-circuit current ? 13v/s slew rate ? 12mhz, -3db bandwidth ? rail-to-rail input/output ? gate-on pulse modulator with adjustable delay for sequence control ? voltage detector with adjustable delay applications ? lcd monitor panel modules ? nb lcd panel modules ? automotive displays general description the AT1739 offers a complete power-supply solution for tft lcd panels used in lcd monitors and nb lcd panels. the AT1739 consists of a high-performance step-up converter, a low-power charge-pump regulator, a high-performance linear regulator, an operational amplifier, a voltage detector and a logic-controlled gate-on pulse modulator. the step-up dc-dc converter provides the regulated supply voltage for the panel source driver ics. the charge-pump regulator generates the positive gate-on supply voltage. the operational amplifier supplies the vcom buffer with high output current, fast slew rate and wide bandwidth performances for driving capacitive loads. the high-voltage gate-on pulse modulator to control the positive gate-on output voltage waveform for reducing the flicker on tft lcd panel. the high-performance linear regulator uses an internal p-channel mosfet to supply load currents up to 350ma. it provides the regulated supply voltage for the tcon ic. the voltage detector with adjustable detected voltage-point and delay-time monitors the input supply voltage to prevent the improper shutdown of the system power application. the AT1739 is available in a 24-pin thin qfn package which is 4mm x 4mm with a maximum thickness of 0.8mm for ultra-thin lcd panel design. ordering information order number marking temp. range package (green) AT1739r51u a 1739 -40 c to 85 c tqfn4x4-24 note: r5: tqfn4x4-24 1 : bonding code u: tape & reel pin configuration AT1739 tqfn4x4-24 lx in ss agnd fbl outl vdd drvp fbp vp src go n drn 1 2 3 4 5 613 14 15 16 17 18 24 19 21 23 22 swctl 8 7 9 10 11 12 thermal pad dlp dlvd pg vsen in l outop posop co m p fb freq pg nd 20 AT1739 tqfn4x4-24 lx in ss agnd fbl outl vdd drvp fbp vp src go n drn 1 2 3 4 5 613 14 15 16 17 18 24 19 21 23 22 swctl 8 7 9 10 11 12 thermal pad dlp dlvd pg vsen in l outop posop co m p fb freq pg nd 20


▲Up To Search▲   

 
Price & Availability of AT1739

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X