Part Number Hot Search : 
TL7700 29LV04 T6250930 YC36SGD SMBJ17CA 65016G M3494EZ C1200
Product Description
Full Text Search
 

To Download 5KP50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  glass passivated chip low leakage uni and bidirectional unit excellent clamping capability plastic material has ul recognition 94v-0 fast response time case : molded plastic marking : unidirectional -type number and cathode band bidirectional-type number only weight : 0.07ounces, 2.1 grams rating at 25 ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% characteristics symbol unit peak power dissipation at t a =25 tp=1ms (note1) peak forward surge current 8.3ms single half sine-wave super imposed on rated load (jedec method) steady state power dissipation at t l =75 lead lengths 0.375"(9.5mm),see fig. 4 maximum instantaneous forward voltage at 100a for unidirectional devices only (note2) operating temperature range t j storage temperature range t stg reverse voltage - 5.0 to 180volts power dissipation - 5000 watts value 3. v f =3.5v on 5kp5.0 thru 5kp100a devices and v f =5.0v on 5kp110 thru 5kp180 devices. notes:1. non-repetitive current pulse ,per fig. 5 and derated above t a =25 per fig. 1 . 2. 8.3ms single half-wave duty cycle=4 pulses per minutes maximum (uni-directional units only). v f -55 to + 150 -55 to + 175 see note 3 minimum 5000 watts p pk amps i fsm 400 watts p m(av) 8.0 volts 1.0(25.4) 5kp series tvs transient voltage suppressor dimensions in inches and (millimeters) r-6 features m echani cal d ata m axi m u m r a t i ng s an d e l ect r i cal c h ar act e r i st i cs ? ? ? ? ? ? ? ? ? http://www.luguang.cn mail:lge@luguang.cn
tl, lead temperature p m( av ), steady state power dissipation (w) fig.4-steady state power derating curve 10 8 6 4 2 0 25 50 75 100 125 150 175 200 60hz resistive or inductive load capacitance p f reverse voltage,volts fig.2-typical junction capacitance 1 100 10000 1000 100 10 4 10 1000 measured at t j =25 stand-off voltage tp, pulse width p p , peak power ( k w) fig.3-pulse rating curve 0.1us 100 10 1.0 0.1 1. 0us 10us 100us 1.0ms 10ms t a =25 , shown in fig.5 non-repetive pulse wave form t a ambient temperature, fig.1-pulse derating curve peak pulse derating in % of peak power or current 10*1000 waveform as defined by r.e.a 50 0 100 75 25 25 50 75 100 12 5 150 175 200 0 ip peak pulse current % t, time (ms) fig.5 -pulse waveform t j = 25 tp pulse with (tp) is defined as that point where the peak current decays to 50% of i rsm 10*1000waveform as defined by r.e.a t r =10us peak value(i rsm ) half value = 2 i rsm 100 50 0 1.0 2.0 3.0 4.0 0 5kp series tvs transient voltage suppressor http://www.luguang.cn mail:lge@luguang.cn
type number type number reverse standoff voltage max. reverse leakage max. clamping voltage max. peak pulse max. voltage temp. (uni) (b i) v r (v) min(v) max( v) i t (m a) i r (u a) vc(v) ipp(a) %/ 5kp5.0 5kp5. 0c 5.0 6. 40 7. 30 50 5000 9.6 520.0 4.0 5kp5. 0a 5kp5.0ca 5.0 6. 40 7. 00 50 5000 9.2 543.0 4.0 5kp6.0 5kp6. 0c 6.0 6. 67 8. 15 50 5000 11.4 439.0 4.0 5kp6. 0a 5kp6.0ca 6.0 6. 67 7. 37 50 5000 10.3 485.0 4.0 5kp6.5 5kp6. 5c 6.5 7. 22 8. 82 50 2000 12.3 407.0 4.0 5kp6. 5a 5kp6.5ca 6.5 7. 22 7. 98 50 2000 11.2 447.0 4.0 5kp7.0 5kp7. 0c 7.0 7. 78 9. 51 50 1000 13.3 378.0 5.0 5kp7. 0a 5kp7.0ca 7.0 7. 78 8. 60 50 1000 12.0 417.0 5.0 5kp7.5 5kp7. 5c 7.5 8. 33 10. 20 5.0 250 14 .3 350.0 6.0 5kp7. 5a 5kp7.5ca 7.5 8. 33 9. 21 5.0 250 12 .9 388.0 6.0 5kp8.0 5kp8. 0c 8.0 8. 89 10. 90 5.0 150 15 .0 333.0 6.0 5kp8. 0a 5kp8.0ca 8.0 8. 89 9. 83 5.0 150 13 .6 367.0 6.0 5kp8.5 5kp8. 5c 8.5 9. 44 11. 50 5.0 50 15 .9 314.0 7.0 5kp8. 5a 5kp8.5ca 8.5 9. 44 10. 40 5.0 50 14 .4 347.0 7.0 5kp9.0 5kp9. 0c 9.0 10. 00 12. 20 5.0 20 16 .9 295.0 8.0 5kp9. 0a 5kp9.0ca 9.0 10. 00 11. 10 5.0 20 15 .4 325.0 8.0 5kp 10 5kp 10c 10.0 11. 10 13. 60 5.0 15 18 .8 266.0 9.0 5kp 10a 5kp10ca 10.0 11. 10 12. 30 5.0 15 17 .0 294.0 9.0 5kp 11 5kp 11c 10.7 12. 20 14. 90 5.0 10 20 .1 249.0 10.0 5kp 11a 5kp11ca 11.2 12. 20 13. 50 5.0 10 18 .2 274.0 10.0 5kp 12 5kp 12c 11.7 13. 30 16. 30 5.0 10 22 .0 227.0 11.0 5kp 12a 5kp12ca 12.2 13. 30 14. 70 5.0 10 19 .9 251.0 11.0 5kp 13 5kp 13c 12.7 14. 40 17. 60 5.0 10 23 .8 210.0 12.0 5kp 13a 5kp13ca 13.2 14. 40 15. 90 5.0 10 21 .5 232.0 12.0 5kp 14 5kp 14c 13.7 15. 60 19. 10 5.0 10 25 .8 194.0 13.0 5kp 14a 5kp14ca 14.2 15. 60 17. 20 5.0 10 23 .2 215.0 13.0 5kp 15 5kp 15c 14.7 16. 70 20. 40 5.0 10 26 .9 188.0 15.0 5kp 15a 5kp15ca 15.2 16. 70 18. 50 5.0 10 24 .4 206.0 15.0 5kp 16 5kp 16c 15.7 17. 80 21. 80 5.0 10 28 .8 176.0 18.0 5kp 16a 5kp16ca 16.2 17. 80 19. 70 5.0 10 26 .0 192.0 16.0 5kp 17 5kp 17c 16.7 18. 90 23. 10 5.0 10 30 .5 164.0 19.0 5kp 17a 5kp17ca 17.2 18. 90 20. 90 5.0 10 27 .6 181.0 18.0 5kp 18 5kp 18c 17.7 20. 00 24. 40 5.0 10 32 .2 155.0 20.0 5kp 18a 5kp18ca 18.2 20. 00 22. 10 5.0 10 29 .2 172.0 19.0 5kp 20 5kp 20c 20.0 22. 20 27. 10 5.0 10 35 .8 139.0 24.0 5kp 20a 5kp20ca 20.0 22. 20 24. 50 5.0 10 32 .4 154.0 22.0 5kp 22 5kp 22c 22.0 24. 40 29. 80 5.0 10 39 .4 127.0 27.0 5kp 22a 5kp22ca 22.0 24. 40 26. 90 5.0 10 35 .5 141.0 24.0 5kp 24 5kp 24c 24.0 26. 70 32. 60 5.0 10 43 .0 116.0 30.0 5kp 24a 5kp24ca 24.0 26. 70 29. 50 5.0 10 38 .9 128.0 27.0 5kp 26 5kp 26c 26.0 28. 90 35. 30 5.0 10 46 .6 107.0 33.0 5kp 26a 5kp26ca 26.0 28. 90 31. 90 5.0 10 42 .1 119.0 29.0 5kp 28 5kp 28c 28.0 31. 10 38. 00 5.0 10 50 .1 99.0 34.0 5kp 28a 5kp28ca 28.0 31. 10 34. 40 5.0 10 45 .5 110.0 30.0 5kp 30 5kp 30c 30.0 33. 30 40. 70 5.0 10 53 .5 93.0 38.0 5kp 30a 5kp30ca 30.0 33.30 36. 80 5.0 10 48.4 103.0 35.0 breakdown voltage bv lolts@lt 5kp series tvs transient voltage suppressor
type number type number reverse standoff voltage max. reverse leakage max. clamping voltage max. peak pulse max. voltage temp. (uni) (b i) v r (v) min(v) max( v) i t (m a) i r (u a) vc(v) ipp(a) %/ 5kp 33 5kp 33c 33. 00 36. 70 44. 90 5.0 10 59 .0 86. 00 41 5kp 33a 5kp33ca 33. 00 36. 70 40. 60 5.0 10 53 .3 94. 00 38 5kp 36 5kp 36c 36. 00 40. 00 48. 90 5.0 10 64 .3 78. 00 45 5kp 36a 5kp36ca 36. 00 40. 00 44. 20 5.0 10 58 .1 86. 00 40 5kp 40 5kp 40c 40. 00 44. 40 54. 30 5.0 10 71 .4 70. 00 50 5kp 40a 5kp40ca 40. 00 44. 40 49. 10 5.0 10 64 .5 78. 00 45 5kp 43 5kp 43c 43. 00 47. 80 58. 40 5.0 10 76 .7 65. 00 54 5kp 43a 5kp43ca 43. 00 47. 80 52. 80 5.0 10 69 .4 72. 00 49 5kp 45 5kp 45c 45. 00 50. 00 61. 10 5.0 10 80 .3 62. 00 57 5kp 45a 5kp45ca 45. 00 50. 00 55. 30 5.0 10 72 .7 69. 00 51 5kp 48 5kp 48c 48. 00 53. 30 65. 10 5.0 10 85 .5 58. 00 62 5kp 48a 5kp48ca 48. 00 53. 30 58. 90 5.0 10 77 .4 65. 00 55 5kp 51 5kp 51c 51. 00 56. 70 69. 30 5.0 10 91 .1 55. 00 65 5kp 51a 5kp51ca 51. 00 56. 70 62. 70 5.0 10 82 .4 61. 00 60 5kp 54 5kp 54c 54. 00 60. 00 73. 30 5.0 10 96 .3 52. 00 70 5kp 54a 5kp54ca 54. 00 60. 00 66. 30 5.0 10 87 .1 57. 00 64 5kp 58 5kp 58c 58. 00 64. 40 78. 70 5.0 10 103 .0 49. 00 77 5kp 58a 5kp58ca 58. 00 64. 40 71. 20 5.0 10 93 .6 53. 00 69 5kp 60 5kp 60c 60. 00 66. 70 81. 50 5.0 10 107 .0 47. 00 79 5kp 60a 5kp60ca 60. 00 66. 70 73. 70 5.0 10 96 .8 52. 00 70 5kp 64 5kp 64c 64. 00 71. 10 86. 90 5.0 10 114 .0 44. 00 85 5kp 64a 5kp64ca 64. 00 71. 10 78. 60 5.0 10 103 .0 49. 00 75 5kp 70 5kp 70c 70. 00 77. 80 95. 10 5.0 10 125 .0 40. 00 93 5kp 70a 5kp70ca 70. 00 77. 80 86. 00 5.0 10 113 .0 44. 00 84 5kp 75 5kp 75c 75. 00 83. 30 102. 00 5.0 10 134 .0 37. 00 100 5kp 75a 5kp75ca 75. 00 83. 30 92. 10 5.0 10 121 .0 41. 00 90 5kp 78 5kp 78c 78. 00 86. 70 106. 00 5.0 10 139 .0 36. 00 104 5kp 78a 5kp78ca 78. 00 86. 70 95. 80 5.0 10 126 .0 40. 00 94 5kp 85 5kp 85c 85. 00 94. 40 115. 00 5.0 10 151 .0 33. 00 113 5kp 85a 5kp85ca 85. 00 94. 40 104. 00 5.0 10 137 .0 36. 00 102 5kp 90 5kp 90c 90. 00 100. 00 122. 00 5.0 10 160 .0 31. 00 120 5kp 90a 5kp90ca 90. 00 100. 00 111. 00 5.0 10 146 .0 34. 00 109 5kp 100 5kp 100c 100. 00 111. 00 136. 00 5.0 10 179 .0 28. 00 134 5kp 110 5kp 110c 110. 00 122. 00 149. 00 5.0 10 196 .0 26. 00 147 5kp 120 5kp 120c 120. 00 133. 00 163. 00 5.0 10 215 .0 23. 00 158 5kp 150 5kp 150c 150. 00 166. 00 204. 00 5.0 10 268 .0 18. 50 200 5kp 180 5kp 180c 180. 00 200. 00 244. 00 5.0 10 320 .0 15. 00 240 breakdown voltage bv lolts@lt notes: suffix'c' denotes bidirectional device . suffix'a' denotes 5% tolerance device .no suffix denotes 10% tolerance devive . 1. for bidirectional devices having vr of 10volts and under ,the ir limit is doubled . 5kp series tvs transient voltage suppressor http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of 5KP50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X