this document was generated on 05/19/2010 please check www.molex.com for latest part information part number: 0436400309 status: active overview: microfit_30 description: 3.00mm (.118") pitch micro-fit 3.0? plug housing, single row, without panel mount ears, 3 circuits, glow wire compatible documents: 3d model product specification ps-43650 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 tuv r72081037 ul e29179 general product family crimp housings series 43640 overview microfit_30 product name micro-fit 3.0? physical circuits (maximum) 3 color - resin black flammability 94v-0 gender male glow-wire compliant yes keying to mating part none lock to mating part yes material - resin polyester number of rows 1 packaging type bag panel mount no pitch - mating interface (in) 0.118 in pitch - mating interface (mm) 3.00 mm polarized to mating part no stackable no temperature range - operating -40c to +105c electrical current - maximum per contact 5a material info reference - drawing numbers product specification ps-43650 sales drawing sd-43640-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 43640 series mates with micro-fit 3.0? receptacle housing 43645 use with micro-fit 3.0? crimp terminal 43031 this document was generated on 05/19/2010 please check www.molex.com for latest part information
|