Part Number Hot Search : 
C1458C LTBPW LZ9GG33M BUZ308 A472M KTC2814 2930L E43CA
Product Description
Full Text Search
 

To Download 34832A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced data logging and decision making with no programming key features ? quick test setup and execution ? create multiple scan lists ? execute different events based on prede? ned limits ? use advanced math functions ? collect, monitor and manage data ? present data on a single or multiple graphs ? export data to other applications for presentation and analysis event ? control instruments ? send noti?cation(s) ? stop scan ? control instruments ? send noti?cation(s) ? stop scan ? control instruments ? send noti?cation(s) ? stop scan event events events events scan list a (base) scan list c scan list b event start agilent 34832A benchlink data logger pro software for agilent 34980a data sheet based on prede? ned limits. simply identify the measurements you want to acquire, de? ne limits and actions to be performed, and then initiate the process. your data is then collected, acted on real-time and displayed in table and graphical formats. with the benchlink data logger pro software you get advanced data logging and decision making capabilities without spending hours programming. the agilent benchlink data logger pro software provides a convenient way to collect and analyze your data. this soft- ware is a windows ? -based application that uses a familiar spreadsheet environment to de? ne measurement data to be collected. the tab-based format makes it easy to set up multiple scanlists and initiate scans
2 benchlink data logger your 34980a mulifunction switch/measure unit comes standard with the benchlink data logger software. this software gives you all the basic data logger capabilities including: ? easy connection to the pc ? set up measurements and scan lists ? computed channels and alarms ? collection, graphing and export of your data the benchlink software supports advanced features of the 34980a. you can log data at high speeds with the 34925a fet multiplexer at 900 ch/sec. the benchlink data logger pro software adds advanced data logging and decision making with no programming required. see table 1 for a list of standard features in both products. multiple scan lists with benchlink data logger pro you can identify multiple scan lists to be executed based on different limits speci? ed in your con? guration. setting limits and events set limits to identity when to start other tasks. for out of limit conditions, you can specify for different events to be completed. scripts can be used to close switches or send dio within the data acquisition unit, or scpi commands can be sent to other instruments connected to the pc. for example, when an oven reaches the desired temperature limit, you can start a script to send a scpi command to the power supply to change the input power to your device under test and switch to a faster scan rate to collect the desired measurements. for out of limit conditions other noti? ca- tions such as audio beep, log events or run an external program can also be preformed. see figure 1. table 1. comparing benchlink data logger and benchlink data logger pro feature benchlink data logger benchlink data logger pro easy set up and con? guration identify measurement for each channel set up and execute scans set up alarms conditions math functions including mx+b view real-time and historical data support of multiple graphs log data to disk save and export data limit checking and decision making support of multiple scan lists customizable scripts run external programs based on alarms and events conditional control other instruments via scpi state diagram documentation advanced math and formula support data reduction rules simulation mode figure 1. con? guring events for out of limit conditions
3 the state diagram feature graphically shows the limits and the order of execu- tion for scan lists, events, scripts and other noti? cations. see figure 2. computed channels statistical calculations can be added to analyze unique data points. create computed channels for mathematical rela- tionships with +, C. *, /, db, dbm, dbv, x2, srt, full, ? or 1/4 bridge strain. benchlink data logger pro adds a calculator function for additional math functions such as sin, cos, tan and log. formulas can also be used for more complex equations including polynomial equations. graphing and exporting data graph your data, save it to disk, or export it to other applications for further analysis. use the quick graph tab to monitor your data real time. you can specify multiple channels per graph, or send collected data to multiple graphs use strip charts with markers and alarm indication, or histograms with statistics. the data can be displayed with the auto scale or center on a common a reference point. the data reduction features allow you to ? lter the data begin graphed or exported so that you only view or collect the data of interest. the raw data is saved in comma separated variable format (.csv) and can be easily imported into standard microsoft ? applica- tions such as microsoft word and excel ? for further analysis and documentation. whether monitoring incoming data or reviewing historical data, you can use one of the many analog or digital options to display your data. data management is vital for data logging applications. the benchlink software features a data manager that allows you to easily manage all con? gurations and dataset ? les. use this feature to copy instrument settings, ? nd related data logs, rename ? les, edit comments, export data logs to .cvs format or just delete unwanted data. the windows user interface is also local- ized into multiple languages and includes context sensitive help figure 2. oven control state diagram 3. at end of scan (a3) 2. on single channel limit (a2->b2->c2) 2. at end of scan (a2->b2->c2) start scan done scanning testdut oven warm-up 1. at start of scan (a1) figure 3. graphing your data
for more information on repair and calibration services, go to www.agilent.com/? nd/removealldoubt agilent email updates www.agilent.com/? nd/emailupdates get the latest information on the products and applications you select. agilent direc t www.agilent.com/? nd/agilentdirect quickly choose and use your test equipment solutions with con? dence. www.agilent.com for more information on agilent technologies products, applications or services, please contact your local agilent office. the complete list is available at: www.agilent.com/find/contactus americas canada (877) 894-4414 latin america 305 269 7500 united states (800) 829-4444 asia pacific australia 1 800 629 485 china 800 810 0189 hong kong 800 938 693 india 1 800 112 929 japan 0120 (421) 345 korea 080 769 0800 malaysia 1 800 888 848 singapore 1 800 375 8100 taiwan 0800 047 866 thailand 1 800 226 008 europe & middle east austria 01 36027 71571 belgium 32 (0) 2 404 93 40 denmark 45 70 13 15 15 finland 358 (0) 10 855 2100 france 0825 010 700* *0.125 /minute germany 07031 464 6333 ireland 1890 924 204 israel 972-3-9288-504/544 italy 39 02 92 60 8484 netherlands 31 (0) 20 547 2111 spain 34 (91) 631 3300 sweden 0200-88 22 55 switzerland 0800 80 53 53 united kingdom 44 (0) 118 9276201 other european countries: www.agilent.com/find/contactus revised: march 24, 2009 microsoft, windows, and windows nt are u.s. registered trademarks of microsoft corporation. adobe and acrobat are trademarks of adobe systems incorporated. pentium is a u.s. registered trademark of intel corporation. product speci? cations and descriptions in this document subject to change without notice. ? agilent technologies, inc. 2007 printed in usa, june 16, 2009 5989-7621en speci? cations system requirements operating system: windows vista, xp sp2, 2000 sp4 (does not support any home editions) controller: recommend pentium ? 4, 800 mhz or greater, min. pentium iii, 500 mhz ram: recommend 256 mb or greater, min. 128 mb disk space: recommend 200 mb, min. 100 mb display: 1024 x 768 resolution, 256 colors adobe ? acrobat ? reader v5.0 or higher (to view documentation) included run-time software components ? microsoft .net v2.0 ? microsoft data access components v2.8 sp1 ? microsoft internet explorer v6.0 ? agilent io libraries version 14.1 or later (included on a separate cd) supported instruments 34980a multifunction switch/measure unit with dmm and any of the following modules: ? 34921a/22a/23a/24a/25a multiplexers ? 34931a/32a/33a matrix switches ? 34937a/38a gp switches ? 34941a/42a/46a/47a high frequency switches ? 34952a multifunction module ? supports one instrument at full speed or 2 instruments at a reduced speed if you have a 34830a license as well, then you can con? gure up to two 34970as and one 34980a into a single con? guration. supported interfaces ? ieee-488 gpib, lan, usb (at 9600 baud rate) performance scanning speeds with 34980a*: 343921a/22a 100 ch/sec 34923a/24a 500 ch/sec 34925a 900 ch/sec 34952a dio read/write speed 95 ch/sec * speeds are for 4? digits, delay 0, display off, autozero off. scanning is within bank on the same module. add 10 ms for between banks or modules. see the 34980a data sheet for additional 34980a performance specs localization gui fully localized with context-sensitive help in english, simpli? ed chinese, japanese, korean, french, and german. ordering and licensing information the benchlink data logger software ships for free with every 34980a that has the internal dmm. the benchlink data logger pro software can be found on the same cd-rom and can be used for 30 days with no obligation. after 30 days a software license is required to continue to use this software. each pc requires a separate license. go to www.agilent.com/ ? nd/34832A for purchasing information. related literature agilent 34980a multifunction switch/ measure unit , data sheet 5989-1437en


▲Up To Search▲   

 
Price & Availability of 34832A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X