Part Number Hot Search : 
MJD148 LR5360 MBR2045 DS24B33 CV5008 SR8100 B41694 CJF15031
Product Description
Full Text Search
 

To Download 313E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com driver & gain block amplifiers - smt 9 9 - 26 hmc313 / 313E general description features the hmc313 & hmc313E are gaas ingap heterojunction bipolar transistor (hbt) mmic ampli ers that operate from a single vcc supply. the surface mount sot26 ampli er can be used as a broadband gain stage or used with external matching for optimized narrow band applications. with vcc biased at +5v, the hmc313(e) offers 17 db of gain and +15 dbm of saturated power while only requiring 50 ma of current. p1db output power: +14 dbm output ip3: +27 dbm gain: 17 db single supply: +5v high reliability gaas hbt process ultra small package: sot26 included in the hmc-dk001 designers kit ideal as a driver & ampli er for: ? 2.2 - 2.7 ghz mmds ? 3.5 ghz wireless local loop ? 5 - 6 ghz unii & hiperlan electrical speci cations, t a = +25 c, vcc = +5.0v parameter vcc = +5v units min. typ. max. frequency range dc - 6 ghz gain 14 17 20 db gain variation over temperature 0.02 0.03 db/c input return loss 7db output return loss 6db reverse isolation 30 db output power for 1 db compression (p1db) @ 1.0 ghz 11 14 dbm saturated output power (psat) @ 1.0 ghz 15 dbm output third order intercept (ip3) @ 1.0 ghz 24 27 dbm noise figure 6.5 db supply current (icc) 50 ma note: data taken with broadband bias tee on device output. functional diagram typical applications gaas ingap hbt mmic broadband amplifier gain block, dc - 6 ghz v06.0109
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com driver & gain block amplifiers - smt 9 9 - 27 reverse isolation gain & return loss gain vs. temperature input & output return loss psat vs. temperature p1db vs. temperature -20 -11 -2 7 16 25 01234567 s11 s21 s22 response (db) frequency (ghz) -50 -40 -30 -20 -10 0 01234567 isolation (db) frequency (ghz) -20 -15 -10 -5 0 01234567 s11 s22 return loss (db) frequency (ghz) 0 5 10 15 20 25 01234567 + 25 c + 85 c - 40 c psat (dbm) frequency (ghz) 0 5 10 15 20 25 01234567 + 25 c + 85 c - 40 c p1db (dbm) frequency (ghz) 0 5 10 15 20 25 01234567 + 25 c + 85 c - 40 c gain (db) frequency (ghz) hmc313 / 313E gaas ingap hbt mmic broadband amplifier gain block, dc - 6 ghz v06.0109
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com driver & gain block amplifiers - smt 9 9 - 28 output ip3 vs. temperature power compression @ 1 ghz power compression @ 3 ghz 0 5 10 15 20 25 30 35 40 01234567 + 25 c + 85 c - 40 c ip3 (dbm) frequency (ghz) -10 -5 0 5 10 15 20 -22 -18 -14 -10 -6 -2 2 pout (dbm) gain (db) pae (%) pout (dbm), gain (db), pae (%) input power (dbm) -10 -5 0 5 10 15 20 -22 -20 -18 -16 -14 -12 -10 -8 -6 -4 -2 0 2 4 pout (dbm) gain (db) pae (%) pout (dbm), gain (db), pae (%) input power (dbm) hmc313 / 313E gaas ingap hbt mmic broadband amplifier gain block, dc - 6 ghz v06.0109
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com driver & gain block amplifiers - smt 9 9 - 29 absolute maximum ratings collector bias voltage (vcc) +5.5 vdc rf input power (rfin)(vcc = +5vdc) +20 dbm junction temperature 150 c continuous pdiss (t = 85 c) (derate 3.99 mw/ c above 85 c) 0.259 w thermal resistance (junction to lead) 251 c/w storage temperature -65 to +150 c operating temperature -40 to +85 c esd sensitivity (hbm) class 1a outline drawing part number package body material lead finish msl rating package marking [3] hmc313 low stress injection molded plastic sn/pb solder msl1 [1] h313 xxxx hmc313E rohs-compliant low stress injection molded plastic 100% matte sn msl1 [2] 313E xxxx [1] max peak re ow temperature of 235 c [2] max peak re ow temperature of 260 c [3] 4-digit lot number xxxx package information notes: 1. leadframe material: copper alloy 2. dimensions are in inches [millimeters] 3. dimension does not include moldflash of 0.15mm per side. 4. dimension does not include moldflash of 0.25mm per side. 5. all ground leads must be soldered to pcb rf ground hmc313 / 313E gaas ingap hbt mmic broadband amplifier gain block, dc - 6 ghz v06.0109 electrostatic sensitive device observe handling precautions
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com driver & gain block amplifiers - smt 9 9 - 30 pin number function description interface schematic 1rfout this pin is dc coupled. an off chip dc blocking capacitor is required. 3rfin this pin is dc coupled. an off chip dc blocking capacitor is required. 2, 4-6 gnd these pins must be connected to rf/dc ground. note: 1. select rbias to achieve desired vcc voltage on pin 1. 2. external blocking capacitors are required on pins 1 & 3. application circuit pin descriptions hmc313 / 313E gaas ingap hbt mmic broadband amplifier gain block, dc - 6 ghz v06.0109 recommended bias resistor values for icc = 50 ma, rbias = (vs - 5.0) / icc supply voltage (vs) 5v 6v 8v r bias v alue 0 20 62 r bias p ower r ating ? w ? w
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com driver & gain block amplifiers - smt 9 9 - 31 evaluation pcb list of materials for evaluation pcb 104217 [1] the circuit board used in the nal application should use rf circuit design techniques. signal lines should have 50 ohm impedance while the package ground leads should be connected directly to the ground plane similar to that shown. a suffi- cient number of via holes should be used to connect the top and bottom ground planes. the evaluation circuit board shown is available from hittite upon request. item description j1 - j2 pcb mount sma connector c1 - c2 100 pf capacitor, 0402 pkg. c3 100 pf capacitor, 0805 pkg. l1 22 nh inductor, 0805 pkg. r1 22 resistor, 0805 pkg. u1 hmc313 / hmc313E pcb [2] 104196 evaluation pcb [1] reference this number when ordering complete evaluation pcb [2] circuit board material: arlon 25fr or roger 4350 hmc313 / 313E gaas ingap hbt mmic broadband amplifier gain block, dc - 6 ghz v06.0109


▲Up To Search▲   

 
Price & Availability of 313E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X