Part Number Hot Search : 
SMAJ550 HCT2G C1213 045STRL 2SC3621 ESAC33C KBP206 33SPA080
Product Description
Full Text Search
 

To Download 2SD401A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification www.jmnic.com silicon npn power transistors 2SD401A description ? ? with to-220c package ? complement to type 2sb546a ? collector current i c =2a ? collector-collector voltage : v ceo =150v(min) applications ? for use in general purpose power amplifier, vertical output application pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings (ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 200 v v ceo collector-emitter voltage open base 150 v v ebo emitter-base voltage open collector 5 v i c collector current 2 a i cm collector current-peak 3 a p d total power dissipation t c =25 ?? 25 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? thermal characteristics symbol characteristics max unit r | jc thermal resistance junction to case 5.0 ?? /w jm nic
product specification www.jmnic.com jm nic silicon npn power transistors 2SD401A characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma; i b =0 150 v v (br)cbo collector-base breakdown voltage i c =0.5ma; i e =0 200 v v (br)ebo emitter-base breakdown votage i e =0.5ma; i b =0 5 v v cesat collector-emitter saturation voltage i c =500m a;i b =50m a 1.0 v i cbo collector cut-off current v cb =150v; i e =0 50 | a i ebo emitter cut-off current v eb =5v; i c =0 50 | a h fe dc current gain i c =0.4a ; v ce =10v 40 200 f t transition frequency i c =0.4a ; v ce =10v;f=1mhz 5 mhz h fe classifications m l k 40-80 60-120 100-200
product specification www.jmnic.com jmn ic silicon npn power transistors 2SD401A package outline fig.2 outline dimensions (unindicated tolerance: ? 0.10 mm)


▲Up To Search▲   

 
Price & Availability of 2SD401A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X