Part Number Hot Search : 
89C51RC ICS8305 MAX16809 CDP18221 5B050 0AEGT PF251 BD825
Product Description
Full Text Search
 

To Download 2SC4419 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC4419 description with to-3pn package high reliability high voltage ,high speed switching applications switching regulators ultrasonic generators high frequency inverters general purpose power amplifiers pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta= ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 900 v v ceo collector-emitter voltage open base 800 v v ebo emitter-base voltage open collector 10 v i c collector current 6 a i b base current 3 a p c collector power dissipation t c =25 100 w t j junction temperature 150  t stg storage temperature -55~150  thermal characteristics symbol parameter max unit r th j-c thermal resistance junction case 1.25 /w fig.1 simplified outline (to-3pn) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC4419 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma ; i b =0 800 v v (br)cbo collector-base breakdown voltage i c =1ma ; i e =0 900 v v (br)ebo emitter-base breakdown voltage i e =1ma ; i b =0 10 v v cesat collector-emitter saturation voltage i c =2a; i b =0.4a 1.0 v v besat base-emitter saturation voltage i c =2a; i b =0.4a 1.5 v i cbo collector cut-off current v cb =900v ;i e =0 1.0 ma i ebo emitter cut-off current v eb =10v; i c =0 1.0 ma h fe dc current gain i c =2a ; v ce =5v 10 switching times t on turn-on time 1.0 s t stg storage time 4.0 s t f fall time i c =3a;i b1 =0.6a; i b2 =-1.2a;r l =100 c p w =20s,duty d 2% 0.8 s
savantic semiconductor product specification 3 silicon npn power transistors 2SC4419 package outline fig.2 outline dimensions (unindicated tolerance:0.1mm)
savantic semiconductor product specification 4 silicon npn power transistors 2SC4419


▲Up To Search▲   

 
Price & Availability of 2SC4419

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X