Part Number Hot Search : 
73S12 ORP12 00506 00A12 EP2600TS SSL13 167BZXI SK545P
Product Description
Full Text Search
 

To Download 2SC4418 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SC4418 description with to-220f package high voltage high speed switching applications for switching regulator and general purpose applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 500 v v ceo collector-emitter voltage open base 400 v v ebo emitter-base voltage open collector 10 v i c collector current 5 a i cm collector current-peak 10 a i b base current 2 a p c collector power dissipation t c =25 30 w t j junction temperature 150 t stg storage temperature -55~150 fig.1 simplified outline (to-220f) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2SC4418 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =25ma ; i b =0 400 v v cesat collector-emitter saturation voltage i c =1.5a ;i b =0.3a 0.5 v v besat base-emitter saturation voltage i c =1.5a ;i b =0.3a 1.3 v i cbo collector cut-off current v cb =500v; i e =0 100 a i ebo emitter cut-off current v eb =10v; i c =0 100 a h fe dc current gain i c =1.5a ; v ce =4v 10 30 c ob output capacitance i e =0; v cb =10v;f=1mhz 30 pf f t transition frequency i e =-0.3a ; v ce =12v 20 mhz switching times t on turn-on time 1.0 s t s storage time 2.5 s t f fall time i c =1.5a; i b1 =0.15a i b2 =-0.3a v cc =200v ,r l =133 0.5 s
inchange semiconductor product specification 3 silicon npn power transistors 2SC4418 package outline fig.2 outline dimensions
inchange semiconductor product specification 4 silicon npn power transistors 2SC4418


▲Up To Search▲   

 
Price & Availability of 2SC4418

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X