Part Number Hot Search : 
PC120FI 233FUZ 74F139 BD746B MAX1203 06BCP MCT5210 TL074AM
Product Description
Full Text Search
 

To Download 2SC3310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC3310 d escription with to-220fa package high collector breakdown voltage excellent switching times applications switching regulator high speed dc-dc converter high voltage switching pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 500 v v ceo collector-emitter voltage open base 400 v v ebo emitter-base voltage open collector 7 v i c collector current (dc) 5 a i cm collector current (pulse) 7 a i b base current (dc) 1 a t a =25 2 p c collector power dissipation t c =25 30 w t j junction temperature 150  t stg storage temperature -55~150 
savantic semiconductor product specification 2 silicon npn power transistors 2SC3310 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)cbo collector-base breakdown voltage i c =1ma ;i e =0 500 v v (br)ceo collector-emitter breakdown voltage i c =10ma ;i b =0 400 v v cesat collector-emitter saturation voltage i c =5a ;i b =1a 1.0 v v besat base-emitter saturation voltage i c =5a ;i b =1a 1.5 v i cbo collector cut-off current v cb =400v; i e =0 100 a i ebo emitter cut-off current v eb =7v; i c =0 1 ma h fe-1 dc current gain i c =3a ; v ce =5v 12 h fe-2 dc current gain i c =5a ; v ce =5v 8 switching times t r rise time 1.0 s t s storage time 2.5 s t f fall time i c =4a ;i b1 =-i b2 =0.4a v cc < 200v;r l =10 > 1.0 s
savantic semiconductor product specification 3 silicon npn power transistors 2SC3310 package outline fig.2 outline dimensions (unindicated tolerance:0.15 mm)
savantic semiconductor product specification 4 silicon npn power transistors 2SC3310
savantic semiconductor product specification 5 silicon npn power transistors 2SC3310


▲Up To Search▲   

 
Price & Availability of 2SC3310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X