Part Number Hot Search : 
KP20A CT534 ACA0861C 48S15 2SD20 00110 MAN6610 BYV2100
Product Description
Full Text Search
 

To Download 2SA814 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon pnp power transistors 2SA814 2sa815 description with to-220 package fig.1 simplified outline (to-220) and symbol complement to type 2sc1624/1625 high breakdown voltage applications medium power amplifier applications driver stage amplifier applications pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings(ta=25 ) symbol parameter conditions value unit 2SA814 -120 v cbo collector-base voltage 2sa815 open emitter -100 v 2SA814 -120 v ceo collector-emitter voltage 2sa815 open base -100 v v ebo emitter-base voltage open collector -5 v i c collector current -1 a i e emitter current 1 a p c collector power dissipation t c =25 15 w t j junction temperature 150 t stg storage temperature -55~150
inchange semiconductor product specification silicon pnp power transistors 2SA814 2sa815 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit 2SA814 -120 v (br)ceo collector-emitter breakdown voltage 2sa815 i c =-10ma ,i b =0 -100 v v (br)ebo emitter-base breakdown voltage i e =-1.0ma ,i c =0 -5 v v cesat collector-emitter saturation voltage i c =-500ma; i b =-50ma b -0.5 v v be base-emitter on voltage i c =-500ma ; v ce =-5v -1.0 v i cbo collector cut-off current v cb =-50v; i e =0 -1.0 a i ebo emitter cut-off current v eb =-5v; i c =0 -1.0 a h fe-1 dc current gain i c =-150ma ; v ce =-5v 70 240 h fe-2 dc current gain i c =-500ma ; v ce =-5v 40 c ob collector output capacitance i e =0 ; v cb =-10v;f=1mhz 30 pf f t transition frequency i c =-150ma ; v ce =-5v 10 30 mhz ? h fe- 1 classifications o y 70-140 120-240 2
inchange semiconductor product specification silicon pnp power transistors 2SA814 2sa815 package outline fig.2 outline dimensions(unindicated tolerance: 0.10 mm) 3


▲Up To Search▲   

 
Price & Availability of 2SA814

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X