Part Number Hot Search : 
VSKDS220 UF15011 C2012X7 95144XL AC508 EL4344C TB6581H CC2500
Product Description
Full Text Search
 

To Download 2SA8120712 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bl galaxy electrical production specification silicon epitaxial planar transistor 2sa812 document number: bl/ssstc010 www.galaxycn.com rev.a 1 features z commplementary to 2sc1623. z high dc current gain:h fe =200typ. (v ce =-6.0v,i c =-1.0ma) z high voltage: v ceo =-50v applications z audio frequency, general purpose amplifier sot-23 ordering information type no. marking package code 2sa812 m4/m5/m6/m7 sot-23 maximum rating @ ta=25 unless otherwise specified symbol parameter value units v cbo collector-base voltage -60 v v ceo collector-emitter voltage -50 v v ebo emitter-base voltage -5 v i c collector current -continuous -100 ma p c collector dissipation 200 mw t j, t stg junction and storage temperature -55~150 pb lead-free
bl galaxy electrical production specification silicon epitaxial planar transistor 2sa812 document number: bl/ssstc010 www.galaxycn.com rev.a 2 electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min typ max unit collector-base breakdown voltage v (br)cbo i c =-100 a,i e =0 -60 v collector-emitter breakdown voltage v (br)ceo i c =-1ma,i b =0 -50 v emitter-base breakdown voltage v (br)ebo i e =-100 a,i c =0 -5 v collector cut-off current i cbo v cb =-60v,i e =0 -0.1 a emitter cut-off current i ebo v eb =-5v,i c =0 -0.1 a dc current gain h fe v ce =-6v,i c =-1ma 90 200 600 collector-emitter saturation voltage v ce(sat) i c =-100ma, i b =-10ma -0.3 v base-emitter voltage v be i c =-1ma, v ce =-6v -0.58 -0.68 v transition frequency f t v ce =-6v, i c =-10ma 180 mhz collector output capacitance c ob v cb =-10v,i e =0,f=1mhz 4.5 pf classification of h fe(1) range m4 m5 m6 m7 marking 90-180 135-270 200-400 300-600
bl galaxy electrical production specification silicon epitaxial planar transistor 2sa812 document number: bl/ssstc010 www.galaxycn.com rev.a 3 typical characteristics @ ta=25 unless otherwise specified
bl galaxy electrical production specification silicon epitaxial planar transistor 2sa812 document number: bl/ssstc010 www.galaxycn.com rev.a 4 package outline plastic surface mounted package sot-23 soldering footprint unit : mm package information sot-23 dim min max a 2.85 2.95 b 1.25 1.35 c 1.0typical d 0.37 0.43 e 0.35 0.48 g 1.85 1.95 h 0.02 0.1 j 0.1typical k 2.35 2.45 all dimensions in mm device package shipping 2sa812 sot-23 3000/tape&reel


▲Up To Search▲   

 
Price & Availability of 2SA8120712

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X