Part Number Hot Search : 
MBT39 73614 OM6002SR 100JOA SLA5007 C3964 82559 GP1F33RR
Product Description
Full Text Search
 

To Download 200-90000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description the firelite alarms 411 series digital alarm communicator transmitters are compact, multifaceted and designed for a variety of fire applications. the model 411 provides three (3) monitoring channels (inputs) while the model 411ud provides four (4) monitoring channels. the 411 series are a cost-effective solution for applications requiring an existing (or new) fire alarm control to transmit system status to an off-site monitoring facility for central or remote station (dact) compliance per nfpastandard 72. the transmitters provide fifteen (15) selectable transmission formats, including ademco contact id, for compatibility with virtually all digital alarm communicator receivers (dacr). in addition to vital system status of the main control panel, the 411 series is capable of transmitting dact trouble, telephone line 1 and 2 voltage faults, primary or secondary central station communication faults, system off-normal, 24-hour normal test and 24-hour abnormal test. the transmitters are new long-distance carrier access code (cac) compliant, accepting up to 20-digit central station telephone numbers. they also have the industry-first ul recognized ?dialer runaway? prevention feature. programming may be accomplished on-site with a model pro-411 hand-held programmer. the 411ud can also be programmed remotely with the optional pk-411ud windows ? based remote upload/download software package. the software also permits system interrogation and revision from a remote site. the transmitter is housed in a compact cabinet measuring 6.75" (17.1 cm) wide, 4.4" (11.2 cm) high, and 1.05" (2.7 cm) deep, allowing it to be mounted inside or adjacent to the fire alarm control cabinet. two modular phone connections are accessible with the cover in place and provide connections for two separate telephone lines using standard rj31x or rj38x jacks. both lines are constantly supervised for proper voltage and current. should one phone line go into fault and the other remain operational, a report is sent to the central or remote station. diagnostic leds are as follows:  communication fail (visible with cover in place)  dact trouble (visible with cover in place)  channel active (visible with cover in place)  primary phone line active (411ud)  secondary phone line active (411ud)  modem active (411ud) features  field programmable using pro-411 hand-held programmer  programmable transmittal codes  411ud programmable from remote site with pk-411ud software (optional)  individually programmable dry contact inputs for alarm, trouble and supervisory signals  compact housing for convenient mounting  surface mount technology  programmable ac loss reporting delay ordering information part no. model description 190-90010 411 three-channel, dual-line dact 190-90011 411ud four-channel dact with form ?c? programmable relay, silence switch and remote upload/ /download capability. 190-90012 pro-411 hand-held programmer for 411 and 411ud 200-90000 pk-411ud software kit for 411ud 600-90000 mcbl-7 dact phone cord, 7 ft. (2 req.) 411 series firelite alarms digital alarm communicator transmitter gamewell-fci 12 clintonville road, northford, ct 06472 - tel: (203) 484-7161 - fax: (203) 484-7118 www.gamewell-fci.com specifications are provided for information only, are not intended to be used for installation purposes, and are believed to be accurate. however, no responsibility is assumed by gamewell-fci for their use. specifications subject to change without notice. 2006 all rights reserved 9020-0460 rev. b 1 of 1 windows ? is a registered trademark of the microsoft corporation. an iso 9001 certified company


▲Up To Search▲   

 
Price & Availability of 200-90000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X