Part Number Hot Search : 
TC4022 2N5433 S2301 125LD15 SMO05A 2N3558 TLE8262E 2045CT
Product Description
Full Text Search
 

To Download 1N4148-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  qw -b0050 page 1 rev :a v oltage: 100v current: 0.15a rohs device 1N4148-G d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 3 5 1.02(26.00) min. 0.079(2.00) max. 1.02(26.00) min. features -surge overload ratings to 2 amperes peak. -ideal for printed circuit board. mechanical data -case: glass, do-35 -lead: axial leads,solderable per mil-std-202, ? 0.02(0.52)t yp. 0.165(4.20) max. symbol parameter v alue unit maximum ratings and electrical characteristics maximum rms v oltage 150 maximum a verage forward current v rrm 100 350 v ma ma k/w i fsm i f(a v) r ja a i fsn maximum repetitive peak v oltage v rms 75 v 500 forward repetitive peak current peak forward surge current tp=1us 2.0 method 208 guaranteed. -w eight: 0.13gram -polarity:indicated by cathode band. -mounting position: any operating and storage t emperature rang -65 to +200 c t j, t stg switching diode comchip t echnology co., l td. t ypical resistance junction to amvient air (note 1) ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load derate current by 20%. nt oes: (1) thermal resistance junction to ambient air . v 1 i r v f forward v oltage at i f = 10 ma parameter symbol min max unit t rr 4. ns t yp. C C C leakage current at v r = 20 v at v r = 75 v at v r = 20 v ,t j = 150c i r i r 50 5 25 ua ua na reverse recovery t ime ( note 2) C C C (2) r se recovery t est conditions: i f =10ma,v r =6v ,irr=0.1 x i r , r l =100?. ever t erminal:pure tin plated lead free. -
ra ting and characteristic cur ves (1N4148-G) page 2 qw -b0050 rev :a switching diode p e r c e n t o f r a t e d p e a k r e v e r s e v o l t a g e , ( % ) i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( u a ) t j = 1 0 0 c 0 2 0 4 0 6 0 8 0 1 0 0 1 2 0 1 4 0 1 0 0 1 0 1 . 0 0 . 1 0 . 0 1 f i g . 1 - m a x i m u m f o r w a r d c u r r e n t a v e r a g e f o r w a r d c u r r e n t , ( m a ) a m b i e n t t e m p e r a t u r e , ( c ) 2 5 0 2 0 0 1 5 0 1 0 0 5 0 1 1 0 1 0 0 f i g . 2 - m a x i m u m n o n - r e p e t i t i v e f o r w a r d s u r g e c u r r e n t p e r b r i d g e e l e l m e n t p e a k f o r w a r d s u r g e c u r r e n t , ( a ) n u m b e r o f c y c l e s a t 6 0 h z t j = 1 5 0 c f ig . 3 - t y p ic a l i n s t a n t a n e o u s f o r w a r d c h a r a c t e r is t ic s p e r b r id g e e le m e n t i n s t a n t a n e o u s f o r w a r d v o lt a g e , ( v ) i n s t a n t a n e o y s f o r w a r d c u r r e n t , ( m a ) 0 .3 0 1 0 0 2 0 0 0 .5 0 .9 1 .1 1 .3 f i g . 4 - t y p i c a l r e v e r s e c h a r a c t e r i s t i c s p e r b r i d g e e l e m e n t 0 3 . 5 2 . 5 2 . 0 1 . 0 0 1 0 0 0 1 0 0 1 0 1 . 0 0 . 1 d e r a t i n g c u r v e 0 . 5 1 . 5 3 . 0 8 . 3 m s s i n g l e h a l f s i n e w a v e j e d e c m e t h o d 0 .7 t j = 1 5 0 c t j = 2 5 c t j = 2 5 c fig.5 - reverse recover t ime characteristics and t est circuit diagarm (+) (+) 50vdc (approx.) ( ) ( ) pulse genera tor (note 2) oscilliscope (note 1) 1 non- inductive w notes: 1. rise t ime= 7ns max. input impedance= 1 megohm.22pf . 2. rise t ime= 10ns max. source impedance= 50 ohms. d.u.t . 10 noninductive 50 noninductive w w +0.5a 0 -0.25a -1.0a | | | | | | | | 1cm set time base for 50 / 10ns / cm trr comchip t echnology co., l td.
b t aping specification for axial lead diodes l 1 l 2 e a z t e 90 5 page 3 qw -b0050 rev :a b z t e l 1 - l 2 d o - 3 5 s y m b o l a ( m m ) ( i n c h ) 0 . 0 4 0 ( m a x ) 5 . 0 0 0 . 5 5 2 . 0 1 . 5 6 . 0 0 . 4 1 . 0 ( m a x ) 1 . 2 ( m a x ) 0 . 8 ( m a x ) 2 . 0 4 7 0 . 0 2 0 0 . 1 9 7 0 . 0 2 0 0 . 0 4 7 ( m a x ) 0 . 2 3 6 0 . 0 1 6 0 . 0 3 2 ( m a x ) standard packaging part number 1N4148-G marking code 1n4148 marking code 1 n 4 8 switching diode 4 1 comchip t echnology co., l td. c a s e t y p e d o - 3 5 5 , 0 0 0 b o x ( p c s ) a m m o p a c k c a r t o n ( p c s ) 1 0 0 , 0 0 0


▲Up To Search▲   

 
Price & Availability of 1N4148-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X