this document was generated on 06/04/2010 please check www.molex.com for latest part information part number: 0520453845 status: active overview: description: 1.25mm (.049") vertical, non-zif receptacle, 38 circuits agency certification ul e29179 general product family ffc/fpc connectors series 52045 overview ffc_fpc_throughhole product name n/a physical circuits (loaded) 38 color - resin gray contact position n/a entry angle vertical mated height (in) 0.315 in mated height (mm) 8.00 mm material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin polyester number of rows 1 orientation vertical pc tail length (in) 0.138 in pc tail length (mm) 3.50 mm pcb retention none packaging type tray pitch - mating interface (in) 0.049 in pitch - mating interface (mm) 1.25 mm plating min: mating (in) 32.00, 36 plating min: mating (m) 0.800, 0.90 plating min: termination (in) barb plating min: termination (m) 0.80, 0.90 polarized to pcb yes stackable no surface mount compatible (smc) no temperature range - operating -40c to +85c termination interface: style through hole - kinked pin wire/cable type ffc/fpc electrical current - maximum per contact 0.5a, 1a voltage - maximum 200v material info reference - drawing numbers packaging specification spk-52045 product specification ps-52045-001, rps-52045-003, rps-52045-006 sales drawing sd-52045-**45 eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 52045 series
this document was generated on 06/04/2010 please check www.molex.com for latest part information
|