Part Number Hot Search : 
HT162309 2N731 ON1111 KTA12 2N956 BUX98AF 74S424 JANTXV2
Product Description
Full Text Search
 

To Download 008383050002010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20 high temperature box header series 8383 00 connector code prefix 00 = standard connector assembly 8383 series number 050 number of contacts 010 = 10 position 014 = 14 position 016 = 16 position 020 = 20 position 026 = 26 position 034 = 34 position 040 = 40 position 050 = 50 position 060 = 60 position 064 = 64 position 000 contact variation 000 = solder pc straight (1.60mm pcb) length 2.90mm 001 = solder pc right angle (2.40mm pcb) length 3.70mm 002 = solder pc right angle (1.6mm pcb) length 2.90mm 003 = solder pc straight (2.40mm pcb) length 3.70mm 009 = press fit contact for 2.4/3.2mm pcb or contact length 4.5mm 0 clip variation 0 = no clip 1 plating variation 1 = 30" gold over nickel 4 = 10" gold over nickel 0 polarization 0 = no polarizing ordering code series 8383 box headers are designed to be suitable for applications using either infra red or vapor phase equipment. these connectors are designed to mate with series 8290 idc sockets as well as other industry compatible connectors. termination type: plated through hole termination pitch: 0.100" (2.54mm) material: housing - ul94vo rated high thermal resistant nylon contact - brass contact plating: gold over nickel contact resistance: initially 10 milliohms maximum current rating: 1 ampere at 70oc maximum ambient insulation resistance: >1000 megohms voltage rating: 350v dc or ac peak heat deflection temperature: 285oc technical specification
21 high temperature box header series 8383 no. of contacts abc 10 17.90 (0.705) 4 10.16 (0.40) 14 22.98 (0.905) 6 15.24 (0.60) 16 25.52 (1.00) 7 17.78 (0.70) 20 30.60 (1.20) 9 22.86 (0.90) 26 38.22 (1.50) 12 30.48 (1.20) 34 48.38 (1.90) 16 40.64 (1.60) 40 56.00 (2.20) 19 48.26 (1.90) 50 68.70 (2.70) 24 60.96 (2.40) 60 81.40 (3.20) 29 73.66 (2.90) 64 86.48 (3.20) 31 78.74 (3.10) dimensions: millimeters (inches)


▲Up To Search▲   

 
Price & Availability of 008383050002010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X